Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NJM2866 Datasheet(PDF) 2 Page - New Japan Radio

Part # NJM2866
Description  LOW DROPOUT VOLTAGE REGULATOR
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM2866 Datasheet(HTML) 2 Page - New Japan Radio

  NJM2866 Datasheet HTML 1Page - New Japan Radio NJM2866 Datasheet HTML 2Page - New Japan Radio NJM2866 Datasheet HTML 3Page - New Japan Radio NJM2866 Datasheet HTML 4Page - New Japan Radio NJM2866 Datasheet HTML 5Page - New Japan Radio NJM2866 Datasheet HTML 6Page - New Japan Radio NJM2866 Datasheet HTML 7Page - New Japan Radio NJM2866 Datasheet HTML 8Page - New Japan Radio NJM2866 Datasheet HTML 9Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
NJM2865/66
- 2 -
Ver.2004-12-22
OUTPUT VOLTAGE RANK LIST
Device Name
VOUT
Device Name
VOUT
Device Name
VOUT
NJM2865F3-/F15
1.5V
NJM2865F3-/F29
2.9V
NJM2865F3-/F36
3.6V
NJM2865F3-/F18
1.8V
NJM2865F3-/F03
3.0V
NJM2865F3-/F38
3.8V
NJM2865F3-/F21
2.1V
NJM2865F3-/F31
3.1V
NJM2865F3-/F46
4.6V
NJM2865F3-/F24
2.4V
NJM2865F3-/F32
3.2V
NJM2865F3-/F48
4.8V
NJM2865F3-/F25
2.5V
NJM2865F3-/F33
3.3V
NJM2865F3-/F05
5.0V
NJM2865F3-/F26
2.6V
NJM2865F3-/F34
3.4V
NJM2865F3-/F28
2.8V
NJM2865F3-/F35
3.5V
Device Name
VOUT
Device Name
VOUT
Device Name
VOUT
NJM2866F15
1.5V
NJM2866F29
2.9V
NJM2866F36
3.6V
NJM2866F18
1.8V
NJM2866F03
3.0V
NJM2866F38
3.8V
NJM2866F21
2.1V
NJM2866F31
3.1V
NJM2866F46
4.6V
NJM2866F24
2.4V
NJM2866F32
3.2V
NJM2866F48
4.8V
NJM2866F25
2.5V
NJM2866F33
3.3V
NJM2866F05
5.0V
NJM2866F26
2.6V
NJM2866F34
3.4V
NJM2866F28
2.8V
NJM2866F35
3.5V
ABSOLUTE MAXIMUM RATINGS
(Ta=25
°C)
(*1): When input voltage is less than +14V, the absolute maximum control voltage is equal to the input voltage.
(*2): Mounted on glass epoxy board based on EIA/JEDEC. (114.3x76.2x1.6mm: 2Layers)
(*3): Device itself.
Operating voltage
VIN=+2.3V
∼ +14.0V (In case of Vo<2.1V)
ELECTRICAL CHARACTERISTICS (Vo
2.0V version: V
IN=Vo+1V, CIN=0.1
µF, Co=1.0µF: Vo≥2.7V (Co=2.2µF: Vo≤2.6V), Ta=25°C)
PARAMETER
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Output Voltage
Vo
Io=30mA
-1.0%
+1.0%
V
Quiescent Current
IQ
Io=0mA, expect Icont
120
180
µA
Quiescent Current
at Control OFF
IQ(OFF)
VCONT=0V
100
nA
Output Current
Io
Vo-0.3V
100
130
mA
Line Regulation
∆Vo/∆VIN
VIN=Vo+1V
∼ Vo+6V, Io=30mA
0.10
%/V
Load Regulation
∆Vo/∆Io
Io=0
∼ 60mA
0.03
%/mA
Dropout Voltage
∆VI−O
Io=60mA
0.10
0.18
V
Ripple Rejection
RR
ein=200mVrms,f=1kHz,Io=10mA,
Vo=3V Version
75
dB
Average Temperature
Coefficient of Output
Voltage
∆Vo/∆Ta
Ta=0
∼ 85°C, Io=10mA
± 50
ppm/
°C
Output Noise Voltage
VNO
f=10Hz
∼ 80kHz, Io=10mA
Vo=3V Version
45
µVrms
Control Voltage for ON-state
VCONT(ON)
1.6
V
Control Voltage for OFF-state
VCONT(OFF)
0.6
V
PARAMETER
SYMBOL
RATINGS
UNIT
Input Voltage
VIN
+14
V
Control Voltage
VCONT
+14(*1)
V
SC88A
250(*2)
200(*3)
Power Dissipation
PD
SOT-23-5
350(*2)
mW
Operating Temperature
Topr
-40
∼+85
°C
Storage Temperature
Tstg
-40
∼+125
°C


Similar Part No. - NJM2866

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2860 NJRC-NJM2860 Datasheet
168Kb / 9P
   LOW DROPOUT VOLTAGE REGULATOR
NJM2860F3 NJRC-NJM2860F3 Datasheet
168Kb / 9P
   LOW DROPOUT VOLTAGE REGULATOR
NJM2860F3-33-TE1 NJRC-NJM2860F3-33-TE1 Datasheet
290Kb / 16P
   LOW DROPOUT VOLTAGE REGULATOR
NJM2861 NJRC-NJM2861 Datasheet
47Kb / 4P
   LOW DROPOUT VOLTAGE REGULATOR
NJM2861F03 NJRC-NJM2861F03 Datasheet
47Kb / 4P
   LOW DROPOUT VOLTAGE REGULATOR
More results

Similar Description - NJM2866

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KA78R08 SAMSUNG-KA78R08 Datasheet
162Kb / 5P
   LOW DROPOUT VOLTAGE REGULATOR
KA78R12 SAMSUNG-KA78R12 Datasheet
164Kb / 5P
   LOW DROPOUT VOLTAGE REGULATOR
logo
Fairchild Semiconductor
KA78R33 FAIRCHILD-KA78R33 Datasheet
40Kb / 8P
   Low Dropout Voltage Regulator
KA278R09 FAIRCHILD-KA278R09 Datasheet
79Kb / 8P
   Low Dropout Voltage Regulator
logo
Toshiba Semiconductor
TA78DL05BS TOSHIBA-TA78DL05BS Datasheet
255Kb / 7P
   LOW DROPOUT VOLTAGE REGULATOR
TA78DL05F TOSHIBA-TA78DL05F Datasheet
332Kb / 9P
   LOW DROPOUT VOLTAGE REGULATOR
TA78DS05BP TOSHIBA-TA78DS05BP Datasheet
303Kb / 8P
   LOW DROPOUT VOLTAGE REGULATOR
logo
New Japan Radio
NJM2886 NJRC-NJM2886 Datasheet
156Kb / 8P
   LOW DROPOUT VOLTAGE REGULATOR
NJM2870 NJRC-NJM2870 Datasheet
166Kb / 9P
   LOW DROPOUT VOLTAGE REGULATOR
NJM2881 NJRC-NJM2881 Datasheet
219Kb / 10P
   LOW DROPOUT VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com