Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KMM372V404BS Datasheet(PDF) 10 Page - Samsung semiconductor

Part # KMM372V404BS
Description  4M x 72 DRAM DIMM with ECC using 4Mx16, 4Mx4 4K Refresh, 3.3V
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KMM372V404BS Datasheet(HTML) 10 Page - Samsung semiconductor

Back Button KMM372V404BS Datasheet HTML 6Page - Samsung semiconductor KMM372V404BS Datasheet HTML 7Page - Samsung semiconductor KMM372V404BS Datasheet HTML 8Page - Samsung semiconductor KMM372V404BS Datasheet HTML 9Page - Samsung semiconductor KMM372V404BS Datasheet HTML 10Page - Samsung semiconductor KMM372V404BS Datasheet HTML 11Page - Samsung semiconductor KMM372V404BS Datasheet HTML 12Page - Samsung semiconductor KMM372V404BS Datasheet HTML 13Page - Samsung semiconductor KMM372V404BS Datasheet HTML 14Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
DRAM MODULE
KMM372V404BS
RAS
VIH -
VIL -
CAS
VIH -
VIL -
A
VIH -
VIL -
W
VIH -
VIL -
OE
VIH -
VIL -
VI/OH -
VI/OL -
DQ
ROW
ADDR
tRAS
tRWC
tRP
tRSH
tRCD
tCAS
tCSH
tRAD
tASR
tRAH
tASC
tCAH
tCRP
VALID
tWP
Don
′t care
READ - MODIFY - WRTIE CYCLE
tRWL
tCWL
tOEZ
tOEA
tOED
tAWD
tCWD
tRWD
DATA-OUT
Undefined
VALID
DATA-IN
tRAC
tAA
tCAC
tCLZ
tDS
tDH
COLUMN
ADDRESS


Similar Part No. - KMM372V404BS

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KMM372V400CK SAMSUNG-KMM372V400CK Datasheet
411Kb / 19P
   4M x 72 DRAM DIMM with ECC using 4Mx4, 4K 2K Refresh, 3.3V
KMM372V400CS SAMSUNG-KMM372V400CS Datasheet
411Kb / 19P
   4M x 72 DRAM DIMM with ECC using 4Mx4, 4K 2K Refresh, 3.3V
More results

Similar Description - KMM372V404BS

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KMM372F804BS SAMSUNG-KMM372F804BS Datasheet
483Kb / 20P
   8M x 72 DRAM DIMM with ECC using 4Mx16, 4Mx4 4K Refresh, 3.3V
KMM372F410CS SAMSUNG-KMM372F410CS Datasheet
456Kb / 20P
   4M x 72 DRAM DIMM with ECC using 4Mx4, 4K 2K Refresh, 3.3V
KMM372V410CK SAMSUNG-KMM372V410CK Datasheet
411Kb / 19P
   4M x 72 DRAM DIMM with ECC using 4Mx4, 4K 2K Refresh, 3.3V
KMM372C410CK SAMSUNG-KMM372C410CK Datasheet
411Kb / 19P
   4M x 72 DRAM DIMM with ECC using 4Mx4, 4K 2K Refresh, 5V
KMM372F3280CS1 SAMSUNG-KMM372F3280CS1 Datasheet
506Kb / 20P
   32M x 72 DRAM DIMM with ECC using 16Mx4, 4K 8K Refresh, 3.3V
KMM372V3200CS1 SAMSUNG-KMM372V3200CS1 Datasheet
457Kb / 18P
   32M x 72 DRAM DIMM with ECC using 16Mx4, 4K 8K Refresh, 3.3V
KMM372V3200CK4 SAMSUNG-KMM372V3200CK4 Datasheet
458Kb / 18P
   32M x 72 DRAM DIMM with ECC using 16Mx4, 4K 8K Refresh, 3.3V
KMM372V883BK SAMSUNG-KMM372V883BK Datasheet
420Kb / 18P
   8M x 72 DRAM DIMM with ECC using 8Mx8, 4K 8K Refresh, 3.3V
KMM372V1680BK SAMSUNG-KMM372V1680BK Datasheet
434Kb / 18P
   16M x 72 DRAM DIMM with ECC using 16Mx4, 4K 8K Refresh, 3.3V
KMM372V3200BS1 SAMSUNG-KMM372V3200BS1 Datasheet
439Kb / 18P
   32M x 72 DRAM DIMM with ECC using 16Mx4, 4K 8K Refresh, 3.3V
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com