Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX3277D Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX3277D
Description  Low-Noise, Fibre Channel Transimpedance Amplifiers
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3277D Datasheet(HTML) 7 Page - Maxim Integrated Products

  MAX3277D Datasheet HTML 1Page - Maxim Integrated Products MAX3277D Datasheet HTML 2Page - Maxim Integrated Products MAX3277D Datasheet HTML 3Page - Maxim Integrated Products MAX3277D Datasheet HTML 4Page - Maxim Integrated Products MAX3277D Datasheet HTML 5Page - Maxim Integrated Products MAX3277D Datasheet HTML 6Page - Maxim Integrated Products MAX3277D Datasheet HTML 7Page - Maxim Integrated Products MAX3277D Datasheet HTML 8Page - Maxim Integrated Products MAX3277D Datasheet HTML 9Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
sensitivity. To obtain a system bit error rate (BER) of 1E-
12, the signal-to-noise ratio must always exceed 14.1.
The input sensitivity, expressed in average power, can
be estimated as:
where
ρ is the photodiode responsivity in A/W and IN is
RMS current in Amps.
Input Optical Overload
The overload is the largest input that the MAX3275/
MAX3277 accept while meeting specifications. The
optical overload can be estimated in terms of average
power with the following equation:
Optical Linear Range
The MAX3275/MAX3277 have high gain, which limits
the output when the input signal exceeds 50µAP-P. The
MAX3275/MAX3277 operate in a linear range (10% lin-
earity) for inputs not exceeding:
Layout Considerations
Noise performance and bandwidth will be adversely
affected by capacitance at the IN pad. Minimize
capacitance on this pad and select a low-capacitance
photodiode. Assembling the MAX3275/MAX3277 in die
form using chip and wire technology provides the best
possible performance. Figure 5 shows a suggested lay-
out for a TO header for the MAX3275/MAX3277.
Special care should be taken to ensure that ESD at IN
does not exceed 500V.
Photodiode Filter
Supply voltage noise at the cathode of the photodiode
produces a current I = CPD
∆V/∆t, which reduces the
receiver sensitivity (CPD is the photodiode capaci-
tance). The filter resistor of the MAX3275/MAX3277,
combined with an external capacitor, can be used to
reduce this noise (see the Typical Application Circuit).
Current generated by supply noise voltage is divided
between CFILTER and CPD. The input noise current due
to supply noise is (assuming the filter capacitor is much
larger than the photodiode capacitance):
INOISE = (VNOISE)(CPD) / (RFILTER)(CFILTER)
If the amount of tolerable noise is known, the filter
capacitor can be easily selected:
CFILTER = (VNOISE)(CPD) / (RFILTER)(INOISE)
For example, with maximum noise voltage = 100mVP-P,
CPD = 0.85pF, RFILTER = 600
Ω, and INOISE selected to
be 350nA:
CFILTER = (100mV)(0.85pF) / (600
Ω)(350nA) = 400pF
Wire Bonding
For high-current density and reliable operation, the
MAX3275/MAX3277 use gold metalization. Connections
to the die should be made with gold wire only, using
ball-bonding techniques. Wedge bonding is not recom-
mended. Die thickness is typically 15 mils (0.4mm).
Linear Range=10 log
50E - 6 r +1
1000
2(r -1)
e
e
() ( )×
ρ
dBm
Overload=10 log
2E - 3 r +1
1000
2(r -1)
e
e
() ( )×
ρ
dBm
Sensitivity =10 log
14.1I (r +1) 1000
2(r -1)
Ne
e
×


ρ
dBm
Low-Noise, Fibre Channel Transimpedance
Amplifiers
_______________________________________________________________________________________
7
CASE IS GROUND
OUTPUT POLARITIES
REVERSED FOR MAX3277
CFILTER
VCC
PHOTODIODE
MAX3275
OUT-
CAP
OUT+
Figure 5. Suggested Layout for TO-46 Header
Pad Coordinates
PAD#
COORDINATES (µm)
1
16, 39
2
16, 372
3
16, 806
4
358, 806
5
358, 341
6
358, 36
7
362, -116
8
250, -116
9
138, -116


Similar Part No. - MAX3277D

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3270 MAXIM-MAX3270 Datasheet
101Kb / 12P
   155Mbps/622Mbps Clock Recovery and Data Retiming IC with Fully Integrated Phase/Frequency Detector
19-0379; Rev 0; 3/95
MAX3270EMH MAXIM-MAX3270EMH Datasheet
101Kb / 12P
   155Mbps/622Mbps Clock Recovery and Data Retiming IC with Fully Integrated Phase/Frequency Detector
19-0379; Rev 0; 3/95
MAX3271 MAXIM-MAX3271 Datasheet
558Kb / 8P
   3.3V, 2.5Gbps Low-Power Transimpedance Amplifier
Rev 0; 7/01
MAX3271D MAXIM-MAX3271D Datasheet
558Kb / 8P
   3.3V, 2.5Gbps Low-Power Transimpedance Amplifier
Rev 0; 7/01
MAX3271E MAXIM-MAX3271E Datasheet
558Kb / 8P
   3.3V, 2.5Gbps Low-Power Transimpedance Amplifier
Rev 0; 7/01
More results

Similar Description - MAX3277D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TZA3043 PHILIPS-TZA3043 Datasheet
196Kb / 28P
   Gigabit Ethernet/Fibre Channel transimpedance amplifier
2000 Mar 28
logo
Maxim Integrated Produc...
MAX3657 MAXIM-MAX3657_V01 Datasheet
755Kb / 15P
   155Mbps Low-Noise Transimpedance Amplifier
19-2834; Rev 3; 11/05
MAX3657 MAXIM-MAX3657 Datasheet
433Kb / 15P
   155Mbps Low-Noise Transimpedance Amplifier
Rev 2; 2/04
MAX3658 MAXIM-MAX3658_V01 Datasheet
530Kb / 15P
   622Mbps, Low-Noise, High-Gain Transimpedance Preamplifier
19-3015; Rev 3; 2/07
MAX3658 MAXIM-MAX3658 Datasheet
1Mb / 14P
   622Mbps, Low-Noise, High-Gain Transimpedance Preamplifier
19-3015; Rev 1; 5/04
logo
Analog Devices
ADN2882 AD-ADN2882 Datasheet
184Kb / 10P
   4.25 Gbps 3.3V Low Noise Transimpedance Amplifier
Rev. PrD November 04 2004
logo
Texas Instruments
NE5534 TI-NE5534_08 Datasheet
489Kb / 18P
[Old version datasheet]   LOW-NOISE OPERATIONAL AMPLIFIERS
NE5534 TI-NE5534 Datasheet
314Kb / 15P
[Old version datasheet]   LOW-NOISE OPERATIONAL AMPLIFIERS
logo
Intersil Corporation
EL5131 INTERSIL-EL5131 Datasheet
250Kb / 7P
   500MHz Low Noise Amplifiers
logo
Fairchild Semiconductor
AN-6601 FAIRCHILD-AN-6601 Datasheet
654Kb / 4P
   Low Noise JFET Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com