Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1210N104XXX Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # 1210N104XXX
Description  Multilayer Ceramic Chip Capacitors Products NPO, X7R, Y5V
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

1210N104XXX Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  1210N104XXX Datasheet HTML 1Page - List of Unclassifed Manufacturers 1210N104XXX Datasheet HTML 2Page - List of Unclassifed Manufacturers 1210N104XXX Datasheet HTML 3Page - List of Unclassifed Manufacturers 1210N104XXX Datasheet HTML 4Page - List of Unclassifed Manufacturers 1210N104XXX Datasheet HTML 5Page - List of Unclassifed Manufacturers 1210N104XXX Datasheet HTML 6Page - List of Unclassifed Manufacturers 1210N104XXX Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
570 West Lambert Road, Suite M, Brea, CA 92821
TEL: 714-255-9186
FAX: 714-255-9291
American Accurate Components, Inc.
4
MLCC Products – X7R Type
10 Volts – 50 Volts
DIELECTRIC
X7R
SIZE
0402
0603
0805
1206
1210
1812
EIA Cap
Code
VDCW
10
16
25
50
10
16
25
50
10
16
25
50
10
16
25
50
10
16
25
50
10
16
25
50
101
100pF
N
N
N
N
S
S
S
S
B
B
B
B
121
120
N
N
N
N
S
S
S
S
B
B
B
B
151
150
N
N
N
N
S
S
S
S
B
B
B
B
181
180
N
N
N
N
S
S
S
S
B
B
B
B
221
220
N
N
N
N
S
S
S
S
B
B
B
B
B
B
B
B
271
270
N
N
N
N
S
S
S
S
B
B
B
B
B
B
B
B
331
330
N
N
N
N
S
S
S
S
B
B
B
B
B
B
B
B
391
390
N
N
N
N
S
S
S
S
B
B
B
B
B
B
B
B
471
470
N
N
N
N
S
S
S
S
B
B
B
B
B
B
B
B
561
560
N
N
N
N
S
S
S
S
B
B
B
B
B
B
B
B
681
680
N
N
N
N
S
S
S
S
B
B
B
B
B
B
B
B
821
820
N
N
N
N
S
S
S
S
B
B
B
B
B
B
B
B
C
C
C
C
D
D
D
D
102
1000pF
N
N
N
N
S
S
S
S
B
B
B
B
B
B
B
B
C
C
C
C
D
D
D
D
122
1200
N
N
N
N
S
S
S
S
B
B
B
B
B
B
B
B
C
C
C
C
D
D
D
D
152
1500
N
N
N
N
S
S
S
S
B
B
B
B
B
B
B
B
C
C
C
C
D
D
D
D
182
1800
N
N
N
N
S
S
S
S
B
B
B
B
B
B
B
B
C
C
C
C
D
D
D
D
222
2200
N
N
N
N
S
S
S
S
B
B
B
B
B
B
B
B
C
C
C
C
D
D
D
D
272
2700
N
N
N
S
S
S
S
B
B
B
B
B
B
B
B
C
C
C
C
D
D
D
D
332
3300
N
N
N
S
S
S
S
B
B
B
B
B
B
B
B
C
C
C
C
D
D
D
D
392
3900
N
N
N
S
S
S
S
B
B
B
B
B
B
B
B
C
C
C
C
D
D
D
D
472
4700
N
N
S
S
S
S
B
B
B
B
B
B
B
B
C
C
C
C
D
D
D
D
562
5600
N
N
S
S
S
S
B
B
B
B
B
B
B
B
C
C
C
C
D
D
D
D
682
6800
N
N
S
S
S
S
B
B
B
B
B
B
B
B
C
C
C
C
D
D
D
D
822
8200
N
N
S
S
S
S
B
B
B
B
B
B
B
B
C
C
C
C
D
D
D
D
103
.010
µF
N
N
S
S
S
S
B
B
B
B
B
B
B
B
C
C
C
C
D
D
D
D
123
.012
N
N
S
S
S
S
B
B
B
B
B
B
B
B
C
C
C
C
D
D
D
D
153
.015
N
N
S
S
S
S
B
B
B
B
B
B
B
B
C
C
C
C
D
D
D
D
183
.018
S
S
S
S
B
B
B
B
B
B
B
B
C
C
C
C
D
D
D
D
223
.022
S
S
S
S
B
B
B
B
B
B
B
B
C
C
C
C
D
D
D
D
273
.027
S
S
S
S
B
B
B
B
B
B
B
B
C
C
C
C
D
D
D
D
333
.033
S
S
S
B
B
B
B
B
B
B
B
C
C
C
C
D
D
D
D
393
.039
S
S
S
B
B
B
B
B
B
B
B
C
C
C
C
D
D
D
D
473
.047
S
S
S
B
B
B
B
B
B
B
B
C
C
C
C
D
D
D
D
563
.056
S
S
S
B
B
B
B
B
B
B
B
C
C
C
C
D
D
D
D
683
.068
S
S
S
B
B
B
B
B
B
B
B
C
C
C
C
D
D
D
D
823
.082
S
S
B
B
B
D
B
B
B
B
C
C
C
C
D
D
D
D
104
.100
µF
S
S
B
B
B
D
B
B
B
B
C
C
C
C
D
D
D
D
154
.150
D
D
D
C
C
C
C
C
C
C
C
D
D
D
D
184
.180
D
D
D
C
C
C
C
C
C
C
C
D
D
D
D
224
.220
D
D
D
C
C
C
C
C
C
C
C
D
D
D
D
334
.330
C
C
C
C
C
C
C
D
D
D
D
474
.470
C
C
C
D
D
D
D
684
.680
D
D
D
824
.820
D
D
D
105
1.00
µF
D
D
D
* Variations of size, capacitance, voltage, and 13” reel are available upon request.
TAPE/REEL PACKAGE TYPE, QUANTITY, AND AVAILABILITY
0402 – 0603
0805 – 1206
1210
1808
1812
Thickness in mm
Type
Quantity
Type
Quantity
Type
Quantity
Type
Quantity
Type
Quantity
A = 0.65 + 0.05/-0.15
Paper
4K/Reel
B = 0.85 + 0.5/-0.15
Paper
4K/Reel
C = 1.00 + 0.05/-0.15
Plastic
3K/Reel
Plastic
3K/Reel
Plastic
3K/Reel
D = 1.2 + 0.15
Plastic
3K/Reel
Plastic
3K/Reel
Plastic
3K/Reel
Plastic
1K/Reel
F = 1.40 + 0.05/-0.15
Plastic
2K/Reel
Plastic
2K/Reel
Plastic
1K/Reel
Plastic
1K/Reel
G = 1.60 + 0.05/-0.15
Plastic
2K/Reel
Plastic
2K/Reel
Plastic
1K/Reel
Plastic
1K/Reel
S = 0.8 + 0.07
Paper
4K/Reel
N = 0.5 + 0.05
Paper
10K/Reel


Similar Part No. - 1210N104XXX

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1210N104XXX ETC1-1210N104XXX Datasheet
2Mb / 52P
   CERAMIC MULTILAYER CAPACITORS
More results

Similar Description - 1210N104XXX

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
M15G109D2-F CDE-M15G109D2-F Datasheet
298Kb / 5P
   Multilayer Ceramic Capacitors COG (NPO). X7R & Z5U Capacitors
logo
RFE international
AD10XR104K500A RFE-AD10XR104K500A Datasheet
621Kb / 3P
   MULTILAYER CERAMIC CAPACITOR AD Series (X7R/X5R/Y5V/Z5U): Axial Leaded
2022.05.31
RD25ZU104M251BXXXX RFE-RD25ZU104M251BXXXX Datasheet
809Kb / 5P
   Multilayer Ceramic Capacitor RD Series (COG/X7R/X5R/Y5V/Z5U)Radial Leaded
25-01-2023
logo
EPCOS
X8R EPCOS-X8R Datasheet
112Kb / 13P
   Multilayer ceramic capacitors Chip capacitors
logo
NIC-Components Corp.
NMC0402X7R104K16TRPF NIC-NMC0402X7R104K16TRPF Datasheet
138Kb / 4P
   Multilayer Ceramic Chip Capacitors
logo
TDK Electronics
C1005C0G1H1R5C050BA TDK-C1005C0G1H1R5C050BA Datasheet
173Kb / 31P
   Multilayer Ceramic Chip Capacitors
C1608X5R0J226M080AC TDK-C1608X5R0J226M080AC Datasheet
2Mb / 55P
   MULTILAYER CERAMIC CHIP CAPACITORS
C3216X7R1C105K TDK-C3216X7R1C105K Datasheet
197Kb / 31P
   Multilayer Ceramic Chip Capacitors
C3216X7R1V106M160AC TDK-C3216X7R1V106M160AC Datasheet
2Mb / 55P
   MULTILAYER CERAMIC CHIP CAPACITORS
CKG57NX5R1E476M500JH TDK-CKG57NX5R1E476M500JH Datasheet
109Kb / 9P
   Multilayer Ceramic Chip Capacitors
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com