Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1206Z104 Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # 1206Z104
Description  CERAMIC MULTILAYER CAPACITORS
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

1206Z104 Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button 1206Z104 Datasheet HTML 6Page - List of Unclassifed Manufacturers 1206Z104 Datasheet HTML 7Page - List of Unclassifed Manufacturers 1206Z104 Datasheet HTML 8Page - List of Unclassifed Manufacturers 1206Z104 Datasheet HTML 9Page - List of Unclassifed Manufacturers 1206Z104 Datasheet HTML 10Page - List of Unclassifed Manufacturers 1206Z104 Datasheet HTML 11Page - List of Unclassifed Manufacturers 1206Z104 Datasheet HTML 12Page - List of Unclassifed Manufacturers 1206Z104 Datasheet HTML 13Page - List of Unclassifed Manufacturers 1206Z104 Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 52 page
background image
NOVACAP
produces
capacitors
with
dielectric
characteristics COG (NPO), X7R, BX, Z5U andY5V, per EIA RS
198, as outlined in the text and graphs following. High temper-
ature versions of COG and X7R dielectrics are described in
separate data sheets for those products.
NOVACAP performs routine testing on production
representative products, for all dielectric materials, as verification of conformance to the
General Specifications. Following the guidelines of MIL-PRF-55681; periodic Group C inspec-
tions are performed on capacitor lots manufactured, with qualified materials, according to
documented procedures. The inspection data is generated following Electrical,
Mechanical and Environmental test methods and specifications of MIL-STD-202 and
EIA-198. The data records are maintained and utilized as assurance of our capa-
bility to meet the stated performance requirements.
8
TYPICAL
UPPER LIMIT
LOWER LIMIT
TEMPERA TURE COEFFICIENT
50
25
0
-25
-50
-55
-25
0
25°C
50
75
100
125
∆C ppm
OPERATING TEMPERATURE RANGE:
TEMPERATURE COEFFICIENT:
DISSIPATION FACTOR:
INSULATION RESISTANCE, 25°C
125°C
DIELECTRIC WITHSTANDING VOLTAGE:
AGING RATE:
TEST PARAMETERS:
-55˚C to 125˚C
0 +/- 30 ppm/°C
.001 (0.1%) max @ 25°C
> 100G
Ω or >1000ΩF
> 10G
Ω or >100ΩF
< 200V, 250%
201-500V,150% or 500V*
> 500V, 120%, or 750V*
0% per decade
1KHz, 1.0 +/- 0.2 VRMS, 25°C
1MHZ for Capacitance <100pF
DIELECTRIC CHARACTERISTICS - COG
* WHICHEVER IS GREATER
GENERAL SPECIFIC ATIONS - MECHANIC AL
Terminal Strength:
MIL-STD-202, Method 211
Condition A. Force 4 lbs Min. Adhesion
Solderability:
MIL-STD-202, Method 208.
Resistance to
MIL-STD-202, Method 210,
Soldering Heat:
Test Condition B.
GENERAL SPECIFIC AT IONS - ENVIRONMENTAL
Thermal Shock:
MIL-STD-202, Method 107,
Condition A (125°C)
Immersion:
MIL-STD-202, Method 104,
Condition B
Humidity Steady State
MIL-STD-202, Method 103,
(Low Voltage):
Condition A 85°C, 85% RH,
DC bias 1.3 +/- 0.25 Vdc.
Life:
MIL-STD-202, Method 108
Condition F (2,000 Hrs).
DIELECTRIC CHARACTERISTICS


Similar Part No. - 1206Z104

ManufacturerPart #DatasheetDescription
logo
Kyocera Kinseki Corpota...
1206ZA104B4T2A KSS-1206ZA104B4T2A Datasheet
339Kb / 5P
   Automotive MLCC
Rev 1
1206ZA104C4T2A KSS-1206ZA104C4T2A Datasheet
339Kb / 5P
   Automotive MLCC
Rev 1
1206ZA104D4T2A KSS-1206ZA104D4T2A Datasheet
339Kb / 5P
   Automotive MLCC
Rev 1
1206ZA104F4T2A KSS-1206ZA104F4T2A Datasheet
339Kb / 5P
   Automotive MLCC
Rev 1
1206ZA104G4T2A KSS-1206ZA104G4T2A Datasheet
339Kb / 5P
   Automotive MLCC
Rev 1
More results

Similar Description - 1206Z104

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
M15R103K5-F CDE-M15R103K5-F Datasheet
157Kb / 6P
   Multilayer Ceramic Capacitors
logo
List of Unclassifed Man...
CC0402KR ETC1-CC0402KR Datasheet
214Kb / 8P
   MULTILAYER CERAMIC CAPACITORS
logo
EPCOS
B37923K5100J070 EPCOS-B37923K5100J070 Datasheet
722Kb / 22P
   Multilayer ceramic capacitors
B37941X5333K060 EPCOS-B37941X5333K060 Datasheet
797Kb / 17P
   Multilayer ceramic capacitors
B37953 EPCOS-B37953 Datasheet
151Kb / 25P
   Multilayer Ceramic Capacitors
logo
List of Unclassifed Man...
B0805R224KCT ETC2-B0805R224KCT Datasheet
436Kb / 5P
   Multilayer Ceramic Capacitors
logo
EPCOS
B37931 EPCOS-B37931 Datasheet
120Kb / 13P
   Multilayer Ceramic Capacitors
logo
Panasonic Semiconductor
ECJ-2VF1C105Z PANASONIC-ECJ-2VF1C105Z Datasheet
319Kb / 6P
   Multilayer Ceramic Capacitors
logo
List of Unclassifed Man...
0603B104K500CT ETC1-0603B104K500CT Datasheet
4Mb / 21P
   MULTILAYER CERAMIC CAPACITORS
Jul. 2023
logo
EPCOS
B37872U5222S011 EPCOS-B37872U5222S011_09 Datasheet
693Kb / 14P
   Multilayer ceramic capacitors
B37979N EPCOS-B37979N Datasheet
122Kb / 12P
   Multilayer Ceramic Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com