Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UGF27025 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # UGF27025
Description  25W, 2.7 GHz, 28V Broadband RF Power N-Channel Enhancement-Mode Lateral MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

UGF27025 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  UGF27025 Datasheet HTML 1Page - List of Unclassifed Manufacturers UGF27025 Datasheet HTML 2Page - List of Unclassifed Manufacturers UGF27025 Datasheet HTML 3Page - List of Unclassifed Manufacturers UGF27025 Datasheet HTML 4Page - List of Unclassifed Manufacturers UGF27025 Datasheet HTML 5Page - List of Unclassifed Manufacturers UGF27025 Datasheet HTML 6Page - List of Unclassifed Manufacturers UGF27025 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Page 1 of 7
UGF27025 Rev. 1
Specifications subject to change without notice
http://www.cree.com/
UGF27025
Designed for base station applications in the frequency band 2.5 to 2.7 GHz. Rated with a
minimum output power of 25W, it is ideal for CW and Multi-Tone Amplifiers in Class AB operation.
25W, 2.7 GHz, 28V Broadband RF Power N-Channel
Enhancement-Mode Lateral MOSFET
ALL GOLD metal system for highest reliability
Industry standard package
Internally matched for repeatable manufacturing
High gain, high efficiency and high linearity
Integrated ESD Protection.
Maximum gain and insertion phase flatness.
Output load VSWR tolerance 10:1 all phase angles at
28VDC, 2500MHz, 25W (CW) output power.
Common source.
Application Specific Performance, 2.7 GHz
Typical 2-Tone Performance
Average Load Power – 12.5 W
ηD – 30%
Power Gain – 11.5 dB
IMD3: -30dBc @ -100kHz/ +100KHz
VDD – 28V
IDQ – 330mA
Typical CW Performance
Average Load Power – 25 W
ηD – 38%
Power Gain – 11.0 dB
VDD – 28V
IDQ – 330mA
Package Type 440159
PN: UGF27025F


Similar Part No. - UGF27025

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
UGF2004G TSC-UGF2004G Datasheet
225Kb / 4P
   Isolated Ultra Fast Rectifiers
UGF2005G TSC-UGF2005G Datasheet
225Kb / 4P
   Isolated Ultra Fast Rectifiers
UGF2006G TSC-UGF2006G Datasheet
225Kb / 4P
   Isolated Ultra Fast Rectifiers
UGF2007G TSC-UGF2007G Datasheet
225Kb / 4P
   Isolated Ultra Fast Rectifiers
logo
Inchange Semiconductor ...
UGF2008 ISC-UGF2008 Datasheet
272Kb / 2P
   Ultra fast Rectifier
More results

Similar Description - UGF27025

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
UGF09030 CREE-UGF09030 Datasheet
197Kb / 7P
   30W, 1 GHz, 26V Broadband RF Power N-Channel Enhancement-Mode Lateral MOSFET
logo
Motorola, Inc
MRF185 MOTOROLA-MRF185 Datasheet
56Kb / 4P
   LATERAL N-CHANNEL BROADBAND RF POWER MOSFET
MRF3010 MOTOROLA-MRF3010 Datasheet
106Kb / 8P
   LATERAL N-CHANNEL BROADBAND RF POWER MOSFET
logo
Cree, Inc
UGF09085 CREE-UGF09085 Datasheet
202Kb / 6P
   90W, 865-880 MHz, 26V Broadband RF Power N-Channel Enhancement-Mode Lateral MOSFET
logo
NXP Semiconductors
MHT1000H NXP-MHT1000H Datasheet
653Kb / 10P
   RF Power LDMOS Transistor N--Channel Enhancement--Mode Lateral MOSFET
Rev. 0, 5/2014
MMRF1012N NXP-MMRF1012N Datasheet
1Mb / 18P
   RF Power LDMOS Transistor N-Channel Enhancement-Mode Lateral MOSFET
Rev. 0, 7/2014
A2T14H450-23N NXP-A2T14H450-23N_V01 Datasheet
385Kb / 17P
   RF Power LDMOS Transistor N−Channel Enhancement−Mode Lateral MOSFET
Rev. 1, 11/2022
logo
Motorola, Inc
MRF183 MOTOROLA-MRF183 Datasheet
221Kb / 10P
   LATERAL N-CHANNEL BROADBAND RF POWER MOSFETs
logo
NXP Semiconductors
A2V09H400-04S NXP-A2V09H400-04S Datasheet
221Kb / 10P
   RF Power LDMOS Transistor N-Channel Enhancement-Mode Lateral MOSFET
Rev. 2, 02/2021
MMRF1016H NXP-MMRF1016H Datasheet
1Mb / 19P
   RF Power LDMOS Transistor N-Channel Enhancement-Mode Lateral MOSFET
Rev. 0, 7/2014
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com