Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB86961APD-G Datasheet(PDF) 7 Page - Fujitsu Component Limited.

Part # MB86961APD-G
Description  UNIVERSAL INTERFACE FOR 10BASET
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB86961APD-G Datasheet(HTML) 7 Page - Fujitsu Component Limited.

Back Button MB86961APD-G Datasheet HTML 3Page - Fujitsu Component Limited. MB86961APD-G Datasheet HTML 4Page - Fujitsu Component Limited. MB86961APD-G Datasheet HTML 5Page - Fujitsu Component Limited. MB86961APD-G Datasheet HTML 6Page - Fujitsu Component Limited. MB86961APD-G Datasheet HTML 7Page - Fujitsu Component Limited. MB86961APD-G Datasheet HTML 8Page - Fujitsu Component Limited. MB86961APD-G Datasheet HTML 9Page - Fujitsu Component Limited. MB86961APD-G Datasheet HTML 10Page - Fujitsu Component Limited. MB86961APD-G Datasheet HTML 11Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
7
MB86961A
Figure 2. LAN Adapter Board Application - Auto Port Select with External Loopback Control
NS8390
Back-End Controller
Interface
Loopback Enable
Programming
Options
Remote Status
TXD
TXE
TXC
RXC
RXD
CPS
COL
+5 V
Line Status
+
1
µF TANT 0.1 µF
TXD
TEN
TCLK
RCLK
RXD
CD
COL
LBK
PAUI
AUTOSEL
MD0
MD1
NTH
UTP
LI
RIAB
RLD
RCMPT
JAB
PLR
LEDC/XLBK
LEDR
LEDL
LEDT/PDN
VCC1
VCC2
CLK1
20 pF
20 MHz
CLK0
20 pF
1
TPOPB
TPOPA
TPONA
TPONB
TPIP
TPIN
CIN
CIP
DON
DOP
DIN
DIP
RBIAS
GND1
GND2
3
2
1
2
3
4
5
6
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
3
2
1
75
Ω ±1%
37.5
Ω ±1%
50
Ω ±1%
12.4 K
Ω ±1%
78
1:
2
1:1
18pF
RJ45
+12 V
Fuse
To 10Base-T
D-Connector
to AUI Drop Cable
Twisted-Pair Network
78
78
50
Ω ±1%
0.1
µF
37.5
Ω ±1%
75
Ω ±1%
Suitable crystals includes: MTRON Industries, Inc. MP-1 and MP-2, and Ecliptek ECSM20.000M
Suitable TP transformers include: Fil-Mag 23Z128 and SM23Z128, Valor PT4069, and Pulse
Engineering PE-65745, PE-65454 and PE-68048
Suitable AUI transformers include: Fil-Mag 23Z90 and SM23Z90, and Valor LT6030
MB86961A


Similar Part No. - MB86961APD-G

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
MB86961 PULSE-MB86961 Datasheet
253Kb / 12P
   LAN DISCRETE TRANSFORMER MODULES
G003.U 2/07
More results

Similar Description - MB86961APD-G

ManufacturerPart #DatasheetDescription
logo
Yamaichi Electronics Co...
Y-CONSWITCH-1U7P YAMAICHI-Y-CONSWITCH-1U7P Datasheet
274Kb / 1P
   IP67-gesch짰zter 10BaseT/100BaseTX
logo
CML Microcircuits
PE0003 CMLMICRO-PE0003 Datasheet
584Kb / 2P
   Universal Interface Card
logo
Level One
LXT908 LVL1-LXT908 Datasheet
2Mb / 32P
   Universal Ethernet Interface Adapter
logo
Exar Corporation
XRT4000 EXAR-XRT4000 Datasheet
378Kb / 46P
   Universal Multiprotocol Serial Interface
logo
Freescale Semiconductor...
U-MULTILINK FREESCALE-U-MULTILINK Datasheet
891Kb / 1P
   Universal Multilink Development interface
logo
Cirrus Logic
CDB61581 CIRRUS-CDB61581 Datasheet
740Kb / 16P
   Universal Line Interface Unit
logo
IC-Haus GmbH
IC-GD ICHAUS-IC-GD Datasheet
1,023Kb / 55P
   UNIVERSAL I/O INTERFACE
logo
Motorola, Inc
MC34016 MOTOROLA-MC34016 Datasheet
301Kb / 16P
   Cordless Universal Telephone Interface
logo
Melexis Microelectronic...
MLX75030 MELEXIS-MLX75030 Datasheet
4Mb / 72P
   Universal ActiveLight Sensor Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com