Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

G3VM-WF-S Datasheet(PDF) 3 Page - Omron Electronics LLC

Part # G3VM-WF-S
Description  MOSFET RELAY
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G3VM-WF-S Datasheet(HTML) 3 Page - Omron Electronics LLC

  G3VM-WF-S Datasheet HTML 1Page - Omron Electronics LLC G3VM-WF-S Datasheet HTML 2Page - Omron Electronics LLC G3VM-WF-S Datasheet HTML 3Page - Omron Electronics LLC G3VM-WF-S Datasheet HTML 4Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
G3VM-W
G3VM-W
3
Switching Characteristics (Ta = 25
°C)
Item
Symbol
Measurement
conditions
Minimum
Typical
Maximum
Unit
Turn-on time
tON
RL=200 Ω
VDD=20 V
---
---
1
ms
Turn-off time
tOFF
VDD=20 V,
IF=10 mA (see note)
---
---
1
Note:
Switching Time Measuring Circuit
Engineering Data
LED Forward Current vs.
Ambient Temperature
G3VM-W, G3VM-WF
Load Current vs. Ambient
Temperature Characteristics
G3VM-W, G3VM-WF
Repetitive Peak LED Forward
Current vs. Duty Ratio
G3VM-W, G3VM-WF
Ambient temperature (
°C)
Ambient temperature (
°C)
Duty ratio (DR)
Pulse width: 100
µs max.
Ambient temperature: 25
°C
LED Forward Current vs.
LED Forward Voltage
G3VM-W, G3VM-WF
Output ON-resistance vs.
Ambient Temperature
G3VM-W, G3VM-WF
LED forward voltage (V)
Ambient temperature (
°C)
ION: Rated value
IF: 10 mA
Ambient temperature: 25
°C
G3VM-W(F)
(per channel)


Similar Part No. - G3VM-WF-S

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G3VM-WF OMRON-G3VM-WF Datasheet
3Mb / 86P
   Wide Range of Contact Forms, Sizes and Package Types
G3VM-WFL OMRON-G3VM-WFL Datasheet
459Kb / 6P
   MOS FET Relays
G3VM-WFL OMRON-G3VM-WFL Datasheet
456Kb / 6P
   MOS FET Relay Selection Guide
G3VM-WFL OMRON-G3VM-WFL Datasheet
3Mb / 86P
   Wide Range of Contact Forms, Sizes and Package Types
G3VM-WFLTR OMRON-G3VM-WFLTR Datasheet
459Kb / 6P
   MOS FET Relays
More results

Similar Description - G3VM-WF-S

ManufacturerPart #DatasheetDescription
logo
International Rectifier
PVN013PBF IRF-PVN013PBF Datasheet
1Mb / 5P
   HEXFET짰 Power MOSFET Photovoltaic Relay HEXFET짰 Power MOSFET Photovoltaic Relay
PVT212 IRF-PVT212 Datasheet
94Kb / 5P
   Power MOSFET Photovoltaic Relay
logo
COSMO Electronics Corp...
KAQY414H COSMO-KAQY414H Datasheet
196Kb / 7P
   SOLID STATE RELAY - MOSFET OUTPUT
KAQY210BH COSMO-KAQY210BH Datasheet
195Kb / 7P
   SOLID STATE RELAY - MOSFET OUTPUT
KAQY210H COSMO-KAQY210H Datasheet
195Kb / 7P
   SOLID STATE RELAY - MOSFET OUTPUT
logo
Solid State Optronic
SMQ4110 SSOUSA-SMQ4110 Datasheet
407Kb / 8P
   MOSFET Output Solid State Relay
logo
COSMO Electronics Corp...
KAQV213H COSMO-KAQV213H Datasheet
209Kb / 7P
   SOLID STATE RELAY - MOSFET OUTPUT
KAQV216H COSMO-KAQV216H Datasheet
209Kb / 7P
   SOLID STATE RELAY - MOSFET OUTPUT
KAQV414H COSMO-KAQV414H Datasheet
208Kb / 7P
   SOLID STATE RELAY - MOSFET OUTPUT
KAQY214H COSMO-KAQY214H Datasheet
196Kb / 7P
   SOLID STATE RELAY - MOSFET OUTPUT
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com