Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FBR582ND24Y Datasheet(PDF) 1 Page - Fujitsu Component Limited.

Part # FBR582ND24Y
Description  COMPACT POWER RELAY 1 POLE X 2-12A (28VDC) (FOR 24V BATTERY AUTOMOTIVE APPLICATIONS)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

FBR582ND24Y Datasheet(HTML) 1 Page - Fujitsu Component Limited.

  FBR582ND24Y Datasheet HTML 1Page - Fujitsu Component Limited. FBR582ND24Y Datasheet HTML 2Page - Fujitsu Component Limited. FBR582ND24Y Datasheet HTML 3Page - Fujitsu Component Limited. FBR582ND24Y Datasheet HTML 4Page - Fujitsu Component Limited. FBR582ND24Y Datasheet HTML 5Page - Fujitsu Component Limited. FBR582ND24Y Datasheet HTML 6Page - Fujitsu Component Limited. FBR582ND24Y Datasheet HTML 7Page - Fujitsu Component Limited. FBR582ND24Y Datasheet HTML 8Page - Fujitsu Component Limited.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
s FEATURES
q
Two independent relays mounted in a single package
(43% of the volume of the two FRL-270 relays)
q
High current contact capacity
(carrying current: 40 A/2 minutes, 30 A/1 hour)
q
Suitable for controlling 24 V motors in trucks and other
large vehicles
q
High heat resistance and extended operating voltage
q
Two types of contact gap
(FBR572: 0.8 mm, FBR582: 1.4 mm)
s ORDERING INFORMATION
FBR572, 582 SERIES
COMPACT POWER RELAY
1 POLE X 2—12A (28VDC) (FOR 24V
BATTERY AUTOMOTIVE APPLICATIONS)
(a)
Series Name
FBR572: FBR572 Series relay (contact gap 0.8 mm)
FBR582: FBR582 Series relay (contact gap 1.4 mm)
(b)
Structure
N
: Plastic sealed type
(c)
Nominal Voltage
D24
: 24 VDC
W
: Silver-tin oxide indium
(d)
Contact Material
Y
: Silver-tin oxide
N
: Silver copper nickel
(e)
Custom Designation
To be assigned custom specification
FBR572
N
D24
W
**
[Example]
(a)
(b)
(c)
(d)
(e)
1


Similar Part No. - FBR582ND24Y

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FBR582ND24-W1 FUJITSU-FBR582ND24-W1 Datasheet
525Kb / 10P
   COMPACT POWER RELAY 1 POLE X 2-12A (28VDC) (FOR 24V BATTERY AUTOMOTIVE APPLICATIONS)
FBR582ND24-Y FUJITSU-FBR582ND24-Y Datasheet
525Kb / 10P
   COMPACT POWER RELAY 1 POLE X 2-12A (28VDC) (FOR 24V BATTERY AUTOMOTIVE APPLICATIONS)
More results

Similar Description - FBR582ND24Y

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FBR572 FUJITSU-FBR572_08 Datasheet
525Kb / 10P
   COMPACT POWER RELAY 1 POLE X 2-12A (28VDC) (FOR 24V BATTERY AUTOMOTIVE APPLICATIONS)
FBR512 FUJITSU-FBR512_08 Datasheet
571Kb / 7P
   COMPACT POWER TWIN RELAY 1 POLE x 2-30A (Dual relay) (FOR AUTOMOTIVE APPLICATIONS)
FTR-G1 FUJITSU-FTR-G1_11 Datasheet
287Kb / 6P
   COMPACT POWER RELAY 1 POLE - 25A (For Automotive Applications)
FTR-G1 FUJITSU-FTR-G1 Datasheet
801Kb / 6P
   Compact Power Relay 1 Pole-25A for Automotive Applications
FBR-53 FUJITSU-FBR-53 Datasheet
61Kb / 5P
   COMPACT POWER RELAY 1 POLE-20 A (For Automotive Applications)
FBR53 FUJITSU-FBR53 Datasheet
315Kb / 5P
   COMPACT POWER RELAY 1 POLE-20 A (For Automotive Applications)
FBR53 FUJITSU-FBR53_08 Datasheet
532Kb / 5P
   COMPACT POWER RELAY 1 POLE-30 A(For Automotive Applications)
FBR51 FUJITSU-FBR51 Datasheet
622Kb / 8P
   COMPACT POWER RELAY 1 POLE-30 A(FOR AUTOMOTIVE APPLICATIONS)
FTR-P3 FUJITSU-FTR-P3_09 Datasheet
538Kb / 9P
   COMPACT POWER RELAY 1 POLE-25 A FOR AUTOMOTIVE APPLICATIONS
FTR-P3 FUJITSU-FTR-P3 Datasheet
453Kb / 9P
   COMPACT POWER RELAY 1 POLE-25 A FOR AUTOMOTIVE APPLICATIONS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com