Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

15GN01M Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # 15GN01M
Description  VHF to UHF Band High-frequency Switching, Highfrequency General-Purpose Amplifier Applications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

15GN01M Datasheet(HTML) 3 Page - Sanyo Semicon Device

  15GN01M Datasheet HTML 1Page - Sanyo Semicon Device 15GN01M Datasheet HTML 2Page - Sanyo Semicon Device 15GN01M Datasheet HTML 3Page - Sanyo Semicon Device 15GN01M Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
15GN01M
No.7540-3/4
S Parameters (Common emitter)
VCE=5V, IC=5mA, ZO=50Ω
Freq(MHz)
S11
∠S
11
S21
∠S
21
S12
∠S
12
S22
∠S
22
100
0.662
--25.65
4.631
122.00
0.028
71.36
0.765
--10.50
200
0.582
--36.72
3.028
112.20
0.051
68.80
0.732
--14.15
300
0.529
--47.21
2.353
104.69
0.071
65.59
0.713
--17.91
400
0.487
--56.61
1.955
97.68
0.088
63.00
0.700
--21.58
500
0.459
--65.82
1.691
91.07
0.103
60.43
0.689
--25.23
600
0.429
--74.14
1.496
85.11
0.116
57.83
0.679
--28.81
700
0.409
--82.44
1.353
79.01
0.128
56.22
0.674
--32.38
800
0.388
--89.94
1.239
73.29
0.138
54.76
0.671
--35.89
900
0.374
--96.79
1.149
67.98
0.148
53.44
0.671
--39.34
1000
0.365
--103.28
1.072
63.13
0.156
52.60
0.670
--42.75
VCE=5V, IC=10mA, ZO=50Ω
Freq(MHz)
S11
∠S
11
S21
∠S
21
S12
∠S
12
S22
∠S
22
100
0.587
--31.65
6.647
118.78
0.026
71.86
0.694
--11.96
200
0.502
--46.40
4.239
108.57
0.046
68.22
0.653
--15.76
300
0.444
--59.47
3.227
100.32
0.064
65.90
0.630
--19.10
400
0.405
--70.80
2.616
93.18
0.079
63.91
0.619
--22.50
500
0.381
--81.80
2.217
86.64
0.093
62.30
0.607
--25.83
600
0.356
--91.29
1.922
80.82
0.105
60.39
0.598
--29.19
700
0.342
--101.15
1.715
74.86
0.115
59.29
0.596
--32.72
800
0.329
--109.42
1.544
69.40
0.125
58.34
0.593
--36.10
900
0.319
--116.99
1.414
64.16
0.135
57.86
0.594
--39.48
1000
0.315
--124.06
1.305
59.41
0.144
57.47
0.593
--42.80
VCE=5V, IC=20mA, ZO=50Ω
Freq(MHz)
S11
∠S
11
S21
∠S
21
S12
∠S
12
S22
∠S
22
100
0.505
--41.07
8.945
114.82
0.023
71.42
0.611
--13.64
200
0.417
--60.49
5.500
103.75
0.042
69.03
0.568
--16.14
300
0.369
--76.83
4.039
95.20
0.056
67.39
0.548
--18.89
400
0.341
--90.31
3.197
88.11
0.070
66.22
0.539
--21.75
500
0.328
--102.08
2.654
81.71
0.082
65.43
0.533
--24.77
600
0.316
--112.57
2.264
76.38
0.094
64.49
0.528
--27.99
700
0.311
--122.49
1.988
70.80
0.104
64.03
0.530
--31.32
800
0.306
--130.50
1.771
65.75
0.115
63.95
0.530
--34.57
900
0.304
--137.80
1.605
60.92
0.125
64.09
0.534
--37.93
1000
0.306
--144.30
1.470
56.51
0.135
64.16
0.537
--41.24
0
20
40
60
80
100
120
140
160
0
50
100
150
200
250
300
350
400
450
IT06251
Mounted
on
a
ceramic
board(250mm
2!
0.8mm)
PC -- Ta
1
2
4
3
6
5
7
8
9
10
0.1
23
5
7
23
5
1.0
Ron -- IB
Base Current, IB -- mA
Ambient Temperature, Ta --
°C
IT05403
f=10KHz
IN
OUT
1k
10k
IB


Similar Part No. - 15GN01M

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
15GN01MA SANYO-15GN01MA Datasheet
54Kb / 5P
   VHF to UHF Band High-Frequency Switching, High-Frequency General-Purpose Amplifier Applications
logo
ON Semiconductor
15GN01MA ONSEMI-15GN01MA Datasheet
306Kb / 7P
   RF Transistor 8V, 50mA, fT=1.5GHz, NPN Single MCP
August, 2013
logo
Sanyo Semicon Device
15GN01MA-TL-E SANYO-15GN01MA-TL-E Datasheet
415Kb / 7P
   VHF to UHF Band High-Frequency Switching, High-Frequency General-Purpose Amplifi er Applications
logo
ON Semiconductor
15GN01MA-TL-E ONSEMI-15GN01MA-TL-E Datasheet
306Kb / 7P
   RF Transistor 8V, 50mA, fT=1.5GHz, NPN Single MCP
August, 2013
logo
Sanyo Semicon Device
15GN01MA SANYO-15GN01MA_12 Datasheet
415Kb / 7P
   VHF to UHF Band High-Frequency Switching, High-Frequency General-Purpose Amplifi er Applications
More results

Similar Description - 15GN01M

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
15GN01MA SANYO-15GN01MA Datasheet
54Kb / 5P
   VHF to UHF Band High-Frequency Switching, High-Frequency General-Purpose Amplifier Applications
15GN01CA SANYO-15GN01CA_12 Datasheet
399Kb / 7P
   VHF to UHF Band High-Frequency Switching, High-Frequency General-Purpose Amplifier Applications
15GN01MA SANYO-15GN01MA_12 Datasheet
415Kb / 7P
   VHF to UHF Band High-Frequency Switching, High-Frequency General-Purpose Amplifi er Applications
15GN01CA SANYO-15GN01CA Datasheet
53Kb / 5P
   NPN Epitaxial Planar Silicon Transistor VHF to UHF Band High-Frequency Switching, High-Frequency General-Purpose Amplifier Applications
15GN01FA SANYO-15GN01FA Datasheet
54Kb / 5P
   NPN Epitaxial Planar Silicon Transistor VHF to UHF Band High-Frequency Switching, High-Frequency General-Purpose Amplifier Applications
15GN01SA SANYO-15GN01SA Datasheet
54Kb / 5P
   NPN Epitaxial Planar Silicon Transistor VHF to UHF Band High-Frequency Switching, High-Frequency General-Purpose Amplifier Applications
15GN01NA SANYO-15GN01NA Datasheet
54Kb / 5P
   NPN Epitaxial Planar Silicon Transistor VHF to UHF Band High-Frequency Switching, High-Frequency General-Purpose Amplifier Applications
logo
Toshiba Semiconductor
2SA1245 TOSHIBA-2SA1245 Datasheet
208Kb / 3P
   TRANSISTOR (HIGH FREQUENCY AMPLIFIER AND SWITCHING, VHF~UHF BAND LOW NOISE AMPLIFIER APPLICATIONS
2SK3077A TOSHIBA-2SK3077A Datasheet
113Kb / 5P
   VHF/UHF Band Amplifier Applications
logo
Sanyo Semicon Device
2SC5538 SANYO-2SC5538 Datasheet
36Kb / 4P
   VHF to UHF OSC, High-Frequency Amplifier Applications
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com