Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Q67040-S4627 Datasheet(PDF) 10 Page - Infineon Technologies AG

Part # Q67040-S4627
Description  LightMOS Power Transistor
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

Q67040-S4627 Datasheet(HTML) 10 Page - Infineon Technologies AG

Back Button Q67040-S4627 Datasheet HTML 6Page - Infineon Technologies AG Q67040-S4627 Datasheet HTML 7Page - Infineon Technologies AG Q67040-S4627 Datasheet HTML 8Page - Infineon Technologies AG Q67040-S4627 Datasheet HTML 9Page - Infineon Technologies AG Q67040-S4627 Datasheet HTML 10Page - Infineon Technologies AG Q67040-S4627 Datasheet HTML 11Page - Infineon Technologies AG Q67040-S4627 Datasheet HTML 12Page - Infineon Technologies AG Q67040-S4627 Datasheet HTML 13Page - Infineon Technologies AG Q67040-S4627 Datasheet HTML 14Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
ILA03N60, ILP03N60
^
ILB03N60, ILD03N60
Power Semiconductors
10
Rev. 1.2 Apr-04
0.0V
0.5V
1.0V
1.5V
0A
1A
2A
3A
4A
100°C
150°C
-55°C
25°C
-40°C
0°C
40°C
80°C
120°C
0.9V
1.0V
1.1V
1.2V
1.3V
1.4V
1.5V
1.6V
1.7V
I
F=1A
I
F=0.5A
I
F=2A
I
F=4A
VF, FORWARD VOLTAGE
Tj, JUNCTION TEMPERATURE
Figure 20. Typical diode forward current as
a function of forward voltage
Figure 21. Typical diode forward voltage as
a function of junction temperature
0V
10V
20V
30V
40V
10pF
100pF
C
rss
C
oss
C
iss
VCE, COLLECTOR-EMITTER VOLTAGE
Figure 19. Typical capacitance as a
function of collector-emitter voltage
(VGE = 0V, f = 1MHz)


Similar Part No. - Q67040-S4627

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
Q67040-S4620 INFINEON-Q67040-S4620 Datasheet
221Kb / 27P
   Power Factor Controller IC for High Power Factor and Low THD
2004-02 V1.2
Q67040-S4620 INFINEON-Q67040-S4620 Datasheet
1Mb / 27P
   Power-Factor Controller (PFC) IC for High Power Factor and Low THD
Version 2.1, 22 Feb 2005
Q67040-S4621 INFINEON-Q67040-S4621 Datasheet
221Kb / 27P
   Power Factor Controller IC for High Power Factor and Low THD
2004-02 V1.2
Q67040-S4621 INFINEON-Q67040-S4621 Datasheet
1Mb / 27P
   Power-Factor Controller (PFC) IC for High Power Factor and Low THD
Version 2.1, 22 Feb 2005
Q67040-S4629 INFINEON-Q67040-S4629 Datasheet
489Kb / 11P
   CoolMOS Power Transistor
Rev. 1.4 2005-09-21
More results

Similar Description - Q67040-S4627

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
2SB798 UTC-2SB798 Datasheet
118Kb / 3P
   POWER TRANSISTOR
logo
Shindengen Electric Mfg...
2SC1470 SHINDENGEN-2SC1470 Datasheet
39Kb / 1P
   POWER TRANSISTOR
logo
DAESAN ELECTRONIC CORP.
E13001TO-92 DAESAN-E13001TO-92 Datasheet
428Kb / 2P
   POWER TRANSISTOR
logo
ON Semiconductor
MJE1320 ONSEMI-MJE1320 Datasheet
281Kb / 8P
   POWER TRANSISTOR
1995
logo
RFHIC
RT230PD RFHIC-RT230PD_14 Datasheet
445Kb / 32P
   Power Transistor
logo
Rohm
2SB1316TL ROHM-2SB1316TL Datasheet
78Kb / 3P
   Power Transistor
logo
STMicroelectronics
TIP32C STMICROELECTRONICS-TIP32C_06 Datasheet
167Kb / 8P
   Power transistor
logo
Rohm
2SD1763AE ROHM-2SD1763AE Datasheet
51Kb / 1P
   Power Transistor
logo
Guangdong Kexin Industr...
2SA1797 KEXIN-2SA1797 Datasheet
36Kb / 1P
   Power Transistor
2SD1898 KEXIN-2SD1898 Datasheet
51Kb / 1P
   Power Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com