Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

U6209B Datasheet(PDF) 3 Page - TEMIC Semiconductors

Part # U6209B
Description  1.3 GHz PLL for TV- and VCR- Tuner
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMIC [TEMIC Semiconductors]
Direct Link  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors

U6209B Datasheet(HTML) 3 Page - TEMIC Semiconductors

  U6209B Datasheet HTML 1Page - TEMIC Semiconductors U6209B Datasheet HTML 2Page - TEMIC Semiconductors U6209B Datasheet HTML 3Page - TEMIC Semiconductors U6209B Datasheet HTML 4Page - TEMIC Semiconductors U6209B Datasheet HTML 5Page - TEMIC Semiconductors U6209B Datasheet HTML 6Page - TEMIC Semiconductors U6209B Datasheet HTML 7Page - TEMIC Semiconductors U6209B Datasheet HTML 8Page - TEMIC Semiconductors U6209B Datasheet HTML 9Page - TEMIC Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
U6209B
Preliminary Information
TELEFUNKEN Semiconductors
Rev. A2, 30-Aug-96
3 (11)
Absolute Maximum Ratings
All voltages are referred to GND (Pin 15).
Parameters
Symbol
Min.
Typ.
Max.
Unit
Supply voltage
Pin 12
VS
–0.3
6
V
RF input voltage
Pins 13,14
RFi
–0.3
VS + 0.3
V
Crystal input voltage
Pin 2
Q1
–0.3
VS + 0.3
V
Charge pump output voltage
Pin 1
PD
–0.3
VS + 0.3
V
Active filter output voltage
Pin 16
VD
–0.3
VS + 0.3
V
Bus input/ output voltage
Pin 4
Pin 5
VSDA
VSCL
–0.3
–0.3
6
6
V
V
SDA output current
open collector
Pin 4
ISDA
–1
5
mA
Address select voltage
Pin 10
VAS
–0.3
VS + 0.3
V
Port output current open collector
Pins 6–9,11
P0–4
–1
15
mA
Total port output current open collector Pins 6–9,11
P0–4
–1
50
mA
Port output voltage in off state
In ON state
Pins 6–9,11
P0–4
–0.3
–0.3
15
6
V
V
Junction temperature
Tj
–40
125
°C
Storage temperature
Tstg
–40
125
°C
Operating Range
All voltages are referred to GND (Pin 15).
Parameters
Test Conditions / Pins
Symbol
Min.
Typ.
Max.
Unit
Supply voltage
Pin 12
Vs
4.5
5.5
V
Ambient temperature
Tamb
0
70
°C
Input frequency
PSC = 1
Pins 13,14
RFi
64
1300
MHz
Input frequency
PSC = 0
Pins 13,14
RFi
1
170
MHz
Programmable divider
SF
256
32767
Crystal oscillator
Pin 2
fXTAL
3
4
4.48
MHz
Thermal Resistance
Parameters
Symbol
Value
Unit
SO16 small package
RthJA
110
K/W


Similar Part No. - U6209B

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
U6205B TEMIC-U6205B Datasheet
413Kb / 8P
   1.3 GHz PLL with I2C Bus for TV Tuner
U6205B-FPG3 TEMIC-U6205B-FPG3 Datasheet
413Kb / 8P
   1.3 GHz PLL with I2C Bus for TV Tuner
U6206B TEMIC-U6206B Datasheet
125Kb / 8P
   1.3 GHz PLL for TV- and VCR- Tuner
U6206B-FPG3 TEMIC-U6206B-FPG3 Datasheet
125Kb / 8P
   1.3 GHz PLL for TV- and VCR- Tuner
U6207B TEMIC-U6207B Datasheet
106Kb / 8P
   1.3 GHz PLL with I2C Bus for TV Tuner
More results

Similar Description - U6209B

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
U6220B TEMIC-U6220B Datasheet
183Kb / 14P
   1.3 GHz PLL for TV- and VCR- Tuner
U6206B TEMIC-U6206B Datasheet
125Kb / 8P
   1.3 GHz PLL for TV- and VCR- Tuner
U6207B TEMIC-U6207B Datasheet
106Kb / 8P
   1.3 GHz PLL with I2C Bus for TV Tuner
U6205B TEMIC-U6205B Datasheet
413Kb / 8P
   1.3 GHz PLL with I2C Bus for TV Tuner
logo
Toshiba Semiconductor
TA1384FNG TOSHIBA-TA1384FNG Datasheet
302Kb / 22P
   Mixer/Oscillator and PLL IC for TV/VCR Tuner
TA1395FNG TOSHIBA-TA1395FNG Datasheet
279Kb / 24P
   Mixer/Oscillator and PLL IC for TV/VCR Tuner
logo
Motorola, Inc
MC44824 MOTOROLA-MC44824 Datasheet
162Kb / 8P
   TV AND VCR PLL TUNING CIRCUITS WITH 1.3 GHz PRESCALER AND I2C BUS
MC44818 MOTOROLA-MC44818 Datasheet
162Kb / 8P
   TV AND VCR PLL TUNING CIRCUIT WITH 1.3 GHz PRESCALER AND I2C BUS
logo
Texas Instruments
SN761678 TI1-SN761678 Datasheet
331Kb / 20P
[Old version datasheet]   TV/VCR TUNER
SN761678 TI1-SN761678_14 Datasheet
334Kb / 21P
[Old version datasheet]   TV/VCR TUNER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com