Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ILA03N60 Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # ILA03N60
Description  LightMOS Power Transistor
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

ILA03N60 Datasheet(HTML) 2 Page - Infineon Technologies AG

  ILA03N60 Datasheet HTML 1Page - Infineon Technologies AG ILA03N60 Datasheet HTML 2Page - Infineon Technologies AG ILA03N60 Datasheet HTML 3Page - Infineon Technologies AG ILA03N60 Datasheet HTML 4Page - Infineon Technologies AG ILA03N60 Datasheet HTML 5Page - Infineon Technologies AG ILA03N60 Datasheet HTML 6Page - Infineon Technologies AG ILA03N60 Datasheet HTML 7Page - Infineon Technologies AG ILA03N60 Datasheet HTML 8Page - Infineon Technologies AG ILA03N60 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
ILA03N60, ILP03N60
^
ILB03N60, ILD03N60
Power Semiconductors
2
Rev. 1.2 Apr-04
Thermal Resistance
Parameter
Symbol
Conditions
Max. Value
Unit
Characteristic
IGBT thermal resistance,
junction – case
RthJC
P-TO-220-3-31
Other packages
7.6
4.7
Diode thermal resistance,
junction – case
RthJCD
TO-220-3-31
Other packages
12
10
K/W
Therm. resistance, junction - ambient RthJA
P-TO-220-3-31
P-TO-220-3-1
65
62
SMD version, device on PCB:
@ min. footprint
@ 6cm
2 cooling area1
@ min. footprint
@ 6cm
2 cooling area1
RthJA
P-TO-263-3-2
P-TO-252-3-1
75
50
62
40
1 Device on 40mm*40mm*1.5mm epoxy PCB FR4with 6cm2 (one layer, 70µm thick) copper area for drain
connection. PCB is vertical without blown air.
Electrical Characteristic, at Tj = 25
°C, unless otherwise specified
Value
Parameter
Symbol
Conditions
min.
typ.
max.
Unit
Static Characteristic
Collector-emitter breakdown voltage
V(BR)CES VGE=0V, IC=0.5mA
600
-
-
Collector-emitter avalanche
breakdown voltage
V(BR)CE
VGS=0V; IC=0.4A
-
850
-
VGE=10V, IC=3.0A
Tj=25
°C
Tj=150
°C
-
-
2.3
2.7
2.9
Collector-emitter saturation voltage
VCE(sat)
VGE=10V, IC=0.8A
Tj=25
°C
Tj=150
°C
-
-
1.5
1.5
-
-
VGE=0V, IF=3.0A
Tj=25
°C
Tj=150
°C
-
-
1.5
1.6
1.8
V
Diode forward voltage
VF
VGE=0V, IF=0.8A
Tj=25
°C
Tj=150
°C
-
-
1.0
1.0
-
-
V
Gate-emitter threshold voltage
VGE(th)
IC=30µA,VCE=VGE
2.1
3.0
3.9
V


Similar Part No. - ILA03N60

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ILA01 ETC2-ILA01 Datasheet
779Kb / 12P
   Low Profile and High Efficient 915 MHz ISM Band Loop Antenna
logo
Taoglas antenna solutio...
ILA01 TAOGLAS-ILA01 Datasheet
976Kb / 12P
   Low Profile and High Efficiency 915 MHz ISM Band Loop Antenna
logo
List of Unclassifed Man...
ILA02 ETC2-ILA02 Datasheet
642Kb / 11P
   Low Profile and High Efficient 868 MHz ISM Band Loop Antenna
logo
Taoglas antenna solutio...
ILA02 TAOGLAS-ILA02 Datasheet
986Kb / 12P
   Low Profile and High Efficient 868 MHz ISM Band Loop Antenna
ILA08 TAOGLAS-ILA08 Datasheet
2Mb / 19P
   868MHz Embedded Ceramic Loop Antenna
More results

Similar Description - ILA03N60

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
2SB798 UTC-2SB798 Datasheet
118Kb / 3P
   POWER TRANSISTOR
logo
Shindengen Electric Mfg...
2SC1470 SHINDENGEN-2SC1470 Datasheet
39Kb / 1P
   POWER TRANSISTOR
logo
DAESAN ELECTRONIC CORP.
E13001TO-92 DAESAN-E13001TO-92 Datasheet
428Kb / 2P
   POWER TRANSISTOR
logo
ON Semiconductor
MJE1320 ONSEMI-MJE1320 Datasheet
281Kb / 8P
   POWER TRANSISTOR
1995
logo
RFHIC
RT230PD RFHIC-RT230PD_14 Datasheet
445Kb / 32P
   Power Transistor
logo
Rohm
2SB1316TL ROHM-2SB1316TL Datasheet
78Kb / 3P
   Power Transistor
logo
STMicroelectronics
TIP32C STMICROELECTRONICS-TIP32C_06 Datasheet
167Kb / 8P
   Power transistor
logo
Rohm
2SD1763AE ROHM-2SD1763AE Datasheet
51Kb / 1P
   Power Transistor
logo
Guangdong Kexin Industr...
2SA1797 KEXIN-2SA1797 Datasheet
36Kb / 1P
   Power Transistor
2SD1898 KEXIN-2SD1898 Datasheet
51Kb / 1P
   Power Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com