Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ILD03N60 Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # ILD03N60
Description  LightMOS Power Transistor
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

ILD03N60 Datasheet(HTML) 3 Page - Infineon Technologies AG

  ILD03N60 Datasheet HTML 1Page - Infineon Technologies AG ILD03N60 Datasheet HTML 2Page - Infineon Technologies AG ILD03N60 Datasheet HTML 3Page - Infineon Technologies AG ILD03N60 Datasheet HTML 4Page - Infineon Technologies AG ILD03N60 Datasheet HTML 5Page - Infineon Technologies AG ILD03N60 Datasheet HTML 6Page - Infineon Technologies AG ILD03N60 Datasheet HTML 7Page - Infineon Technologies AG ILD03N60 Datasheet HTML 8Page - Infineon Technologies AG ILD03N60 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
ILA03N60, ILP03N60
^
ILB03N60, ILD03N60
Power Semiconductors
3
Rev. 1.2 Apr-04
Electrical Characteristic, at Tj = 25
°C, unless otherwise specified
continued
Value
Parameter
Symbol
Conditions
min.
typ.
max.
Unit
Zero gate voltage collector current
ICES
VCE=600V,VGE=0V
Tj=25
°C
Tj=150
°C
-
-
1
-
20
250
µA
Gate-emitter leakage current
IGES
VCE=0V,VGE=20V
-
-
100
nA
Transconductance
gfs
VCE=20V, IC=3.0A
-
1.5
-
S
Capacities, Gate Charge, at Tj=25
°C
Value
Parameter
Symbol
Conditions
min.
typ.
max.
Unit
Input capacitance
Ciss
-
110
-
Output capacitance
Coss
-
6
-
Reverse transfer capacitance
Crss
VCE=25V,
VGE=0V,
f=1MHz
-
4
-
pF
Effective Output Capacitance
(Energy related)
Co(er)
VGE=0V,
VCE=0V to 480V
3.7
pF
Gate to emitter charge
QGE
-
1
-
Gate to collector charge
QGC
-
5.5
-
Gate total charge
QG
-
8.5
-
nC
Gate plateau voltage
Vm
VCE=400V,
IC=3.0A,
VGE=10V
-
6.5
-
V
Gate to emitter charge
QGE
-
0.5
-
Gate to collector charge
QGC
-
4.0
-
Gate total charge
QG
-
8
-
nC
Gate plateau voltage
Vm
VCE=400V,
IC=0.8A,
VGE=10V
-
3.5
-
V
Switching Characteristic, Inductive Load, at Tj=25
°C
Value
Parameter
Symbol
Conditions
min.
typ.
max.
Unit
IGBT Characteristic
Turn-on delay time
td(on)
-
15
-
Rise time
tr
-
35
-
Turn-off delay time
td(off)
-
100
-
Fall time
tf
-
100
-
ns
Turn-on energy
Eon
3
-
12
-
Turn-off energy
Eoff
VCC=400V,
IC=0.8A,
VGE=0/10V,
RG=60
Ω,
CSnubber =0nF
(CSnubber: Snubber
capacitor)
-
20
-
Turn-off energy
Eoff
CSnubber =1nF
-
8
-
µJ
3 Eon includes SDP04S60 diode commutation losses


Similar Part No. - ILD03N60

ManufacturerPart #DatasheetDescription
logo
Huber+Suhner, Inc.
ILD09LCUD000000SM0016SS HUBERSUHNER-ILD09LCUD000000SM0016SS Datasheet
583Kb / 3P
   IANOS Splitter Double, Base-1, 1x LC to 8x LCD UPC, SM
More results

Similar Description - ILD03N60

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
2SB798 UTC-2SB798 Datasheet
118Kb / 3P
   POWER TRANSISTOR
logo
Shindengen Electric Mfg...
2SC1470 SHINDENGEN-2SC1470 Datasheet
39Kb / 1P
   POWER TRANSISTOR
logo
DAESAN ELECTRONIC CORP.
E13001TO-92 DAESAN-E13001TO-92 Datasheet
428Kb / 2P
   POWER TRANSISTOR
logo
ON Semiconductor
MJE1320 ONSEMI-MJE1320 Datasheet
281Kb / 8P
   POWER TRANSISTOR
1995
logo
RFHIC
RT230PD RFHIC-RT230PD_14 Datasheet
445Kb / 32P
   Power Transistor
logo
Rohm
2SB1316TL ROHM-2SB1316TL Datasheet
78Kb / 3P
   Power Transistor
logo
STMicroelectronics
TIP32C STMICROELECTRONICS-TIP32C_06 Datasheet
167Kb / 8P
   Power transistor
logo
Rohm
2SD1763AE ROHM-2SD1763AE Datasheet
51Kb / 1P
   Power Transistor
logo
Guangdong Kexin Industr...
2SA1797 KEXIN-2SA1797 Datasheet
36Kb / 1P
   Power Transistor
2SD1898 KEXIN-2SD1898 Datasheet
51Kb / 1P
   Power Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com