Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICM105B Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # ICM105B
Description  Color VGA CMOS Image Sensor
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

ICM105B Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  ICM105B Datasheet HTML 1Page - List of Unclassifed Manufacturers ICM105B Datasheet HTML 2Page - List of Unclassifed Manufacturers ICM105B Datasheet HTML 3Page - List of Unclassifed Manufacturers ICM105B Datasheet HTML 4Page - List of Unclassifed Manufacturers ICM105B Datasheet HTML 5Page - List of Unclassifed Manufacturers ICM105B Datasheet HTML 6Page - List of Unclassifed Manufacturers ICM105B Datasheet HTML 7Page - List of Unclassifed Manufacturers ICM105B Datasheet HTML 8Page - List of Unclassifed Manufacturers ICM105B Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
ICM105B VGA CMOS sensor
Data Sheet V1.6, August 2002
©2000, 2001,2002 IC Media Corporation & IC Media Technology Corp
10/16/2002
web site: http://www.ic-media.com/
web site: http://www.ic-media.com.tw/
page 4
Confidential
1. Pin Assignment
Pin #
Name
Class*
Function
14
CLKSEL
D, I, N
Clock source selection. 0: internal oscillator, 1: CLKIN
11
CLKIN
D, I, N
External clock source
12
XIN
A, I
Oscillator in
13
XOUT
A, O
Oscillator out
34
PCLK
D, O
Pixel clock output
36
OEN
D, I, N
Output enable. 0: enable, 1: disable
32
SIFCID
D, I, N
Lsb of SIF slave address
33
SIFCMS
D, I, U
SIF master/slave selection. 0: slave, 1: master (auto load
from EEPROM after reset)
2
SCL
D, I/O
SIF clock
1
SDA
D, I/O
SIF data
10
POWERDN
D, I, U
Power down control, 0: power down, 1: active
16
RSET
A, I
Resistor to ground = 47 K
Ω @ 24 MHz main clock, 51
K
Ω @ 24 MHz
8
RSTN
D, I, U
Chip reset, active low
48
DOUT[7]
D, O
Data output bit 7
47
DOUT[6]
D, I/O
Data output bit 6; if pulled up/down, the initial value of
TIMING_CONTROL_LOW[2] (VSYNC polarity) is 1/0
46
DOUT[5]
D, I/O
Data output bit 5; if pulled up/down, the initial value of
TIMING_CONTROL_LOW[1] (HSYNC polarity) is 1/0
44
DOUT[4]
D, I/O
Data output bit 4; if pulled up/down, the initial value of
AD_IDL[3] (Sub ID) is 1/0
41
DOUT[3]
D, I/O
Data output bit 3; if pulled up/down, the initial value of
AD_IDL[2] (Sub ID) is 1/0
39
DOUT[2]
D, I/O
Data output bit 2; if pulled up/down, the initial value of
AD_IDL[1] (Sub ID) is 1/0
38
DOUT[1]
D, I/O
Data output bit 1; if pulled up/down, the initial value of
AD_IDL[0] (Sub ID) is 1/0
37
DOUT[0]
D, I/O
Data output bit 0; if pulled up/down, the synchronization
mode is in master/slave mode which requires HSYNC
and VSYNC operating in output/input mode
3
HSYNC
D, I/O
Horizontal sync signal
5
VSYNC
D, I/O
Vertical sync signal
35
FLASH
D, O
Flash light control
15
RAMP
A, O
Analog ramp output
7, 31
VDDA
P
Sensor analog power
9, 30
GNDA
P
Sensor analog ground
19
VDDD
P
Sensor digital power
17
GNDD
P
Sensor digital ground
4, 43
VDDK
P
Digital power
6, 45
GNDK
P
Digital ground
40
VDDO
P
Pad power
42
GNDO
P
Pad ground
18
GNDS
P
Substrate ground
Class Code: A – Analog signal, D – Digital signal, I – Input, O – Output, P – Power or ground, U – Internal
pull-up, N – Internal pull-down


Similar Part No. - ICM105B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ICM102A ETC1-ICM102A Datasheet
306Kb / 15P
   ICM102A CIF CMOS image sensor
ICM107 ETC-ICM107 Datasheet
517Kb / 20P
   ICM107B Mega pixel Color CMOS image sensor
ICM107B ETC-ICM107B Datasheet
517Kb / 20P
   ICM107B Mega pixel Color CMOS image sensor
ICM108B ETC1-ICM108B Datasheet
449Kb / 20P
   1.3 million pixel Color CMOS image sensor
More results

Similar Description - ICM105B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VV6501 STMICROELECTRONICS-VV6501 Datasheet
544Kb / 60P
   VGA CMOS Color Image Sensor
VS6552 STMICROELECTRONICS-VS6552 Datasheet
800Kb / 26P
   VGA Color CMOS Image Sensor Module
VS6502 STMICROELECTRONICS-VS6502 Datasheet
52Kb / 2P
   VGA Color CMOS Image Sensor Module
logo
National Semiconductor ...
LM9627 NSC-LM9627 Datasheet
370Kb / 37P
   Color CMOS Image Sensor VGA 30 FPS
logo
Pixart Imaging Inc.
PAS6352 PIXART-PAS6352 Datasheet
313Kb / 16P
   CMOS VGA IMAGE SENSOR
logo
National Semiconductor ...
LM9647 NSC-LM9647 Datasheet
919Kb / 2P
   LM9647 Color CMOS Image Sensor VGA 68 FPS
LM9628 NSC-LM9628 Datasheet
942Kb / 2P
   LM9628 Color CMOS Image Sensor VGA 30 FPS
logo
Pixart Imaging Inc.
PAS302BCA-32 PIXART-PAS302BCA-32 Datasheet
348Kb / 15P
   CMOS VGA DIGITAL IMAGE SENSOR
PAC407BCA PIXART-PAC407BCA Datasheet
494Kb / 24P
   CMOS VGA DIGITAL IMAGE SENSOR
PAS6371 PIXART-PAS6371 Datasheet
414Kb / 20P
   CMOS VGA DIGITAL IMAGE SENSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com