Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MQ-WXXX Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # MQ-WXXX
Description  Triple Beam Trigonometric Area Reflective Photoelectric Sensors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

MQ-WXXX Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

  MQ-WXXX Datasheet HTML 1Page - List of Unclassifed Manufacturers MQ-WXXX Datasheet HTML 2Page - List of Unclassifed Manufacturers MQ-WXXX Datasheet HTML 3Page - List of Unclassifed Manufacturers MQ-WXXX Datasheet HTML 4Page - List of Unclassifed Manufacturers MQ-WXXX Datasheet HTML 5Page - List of Unclassifed Manufacturers MQ-WXXX Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
185
MQ-W
CAUTIONS
1. Ambient environment
1) Use within the range of ambient
temperature of –25 to +55°C –13 to
+131°F.
2) Use within a range of 9.6 V to 30 V
DC (ripple P-P included) for operating
voltage.
3) Use with an ambient light level at the
light receiving surface of less than
10,000 lux for incandescent lamp and
less than 30,000 lux for sunlight.
4) Use a surge absorber as the internal
circuit may be damaged if external
surge voltage exceeds 500 V
[±(1.2
i50) µs of single polarity full-
wave voltage].
5) Avoid using in a location with high
concentrations of steam, dust, or corro-
sive gas.
6) The sensor is of immersion protected
type, but this does not mean that it can
be used in water or where there is
direct impingement of rain for detecting
objects.
2. Connections
1) Check all wiring before applying
power since incorrect wiring may dam-
age the internal circuit.
2) Use a load relay with a rated operat-
ing voltage of 12 V DC or 24 V DC. The
voltage applied to the load relay is the
operating voltage of the photoelectric
sensor minus the internal voltage drop
(1.2 V). Voltage fluctuations should be
taken into account.
3) If a load greater than 100 mA is con-
nected, the output section will be
damaged, so sufficient care should be
taken.
4) If the wiring to the photoelectric sen-
sors run parallel to high voltage or
power lines, due to inductive noise,
mis-operation or damage can occur.
Wiring should be run in separate.
5) Wire 0.3 mm2 .0005 inch2 AWG22 or
larger should be used for wiring up to a
length of 100 m 328 ft..
6) When the photoelectric sensors
being mounted, if the unit is struck by a
hammer or other heavy tool, the func-
tion can be impaired. Sufficient care
should be taken.
7) The changeover from Light-ON (light
entry ON) to Dark-ON (light intercepted
OFF) can be carried out with the pink
lead wire. For Light-ON, connect the
pink wire to the B side, and for Dark-
ON, connect the pink wire to the v
side.
3. Distance adjustment
1) Set the detecting surface of the pho-
toelectric sensor in the detecting direc-
tion and temporarily fasten it.
2) While no target in the detection
region, set the distance adjustment dial
to maximum (FAR) and slowly turn it
counterclockwise.
Continue turning the control counter-
clockwise until the operation indicator
LED (OPE.) is extinguished. This is the
adjustment position. If the indicator
LED is extinguished at the maximum
position, that is the adjustment position.
3) With target in the detection area, set
the dial in the minimum position
(NEAR) and turn the control clockwise
to locate the position where the indica-
tor LED turns ON. If the indicator LED
goes ON at the minimum position, then
NEAR is the adjustment position.
4) Set the control to a point midway
between the locations found in 2) and
3) above.
5) Securely fasten the photoelectric
sensor. When fastening, the sensor
should be sufficiently secure so that it
will not shift under vibration of shock.
Notes:
1. If the adjustment indicator LED does
not light in the adjustment of 3) as pre-
scribed, or if the position between 2)
and 3) is less than 2 graduations,
change the position of the detection
surface and repeat the procedure of 1)
to 4), or try to determine the source of
external factors such as variation in
ambient temperature, variation in target
position, etc., that creating the problem.
2. The difference in detection distance
due to the colors of the target is virtual-
ly non-existent, but if the actual target is
one where the reflectivity is extremely
low (target which have a frosted finish
produced by black rubber), or where
the reflectivity is extremely high (mirror,
glass, or truly reflectting target), confir-
mation should be done with the actual
target.
4. Detector
1) Keep the detector surface clean as
excessive dust or dirt on the detector
surface will decrease the margin of the
distance range.
2) The front surface of the lens is made
of polycarbonate. This material is resis-
tant to water, weak acids and alkalis,
aliphatic hydrocarbons, oils, etc., but it
is not resistant to ketones, esters, halo-
genated hydrocarbons, or aromatic
hydrocarbons.
Operation
Indicator LED
MQ-W3 type
MW-W20 type
Distance adjustment dial
Adjustment
indicator LED
Adjustment
indicator LED
Operation
Indicator LED
MQ-W70 type
Distance adjustment dial
These products are not
safety sensors and are
not designed or intended
to be used to protect life
and prevent bodily injury
or property damage.
03/2003


Similar Part No. - MQ-WXXX

ManufacturerPart #DatasheetDescription
logo
Hanwei Electronics Grou...
MQ-131 HANWEI-MQ-131 Datasheet
83Kb / 2P
   GAS SENSOR
MQ-135 HANWEI-MQ-135 Datasheet
334Kb / 3P
   Wide detecting scope
MQ-136 HANWEI-MQ-136 Datasheet
148Kb / 2P
   GAS SENSOR
logo
Zhengzhou Winsen Electr...
MQ-2 WINSEN-MQ-2 Datasheet
797Kb / 7P
   Flammable Gas Sensor
logo
Hanwei Electronics Grou...
MQ-2 HANWEI-MQ-2 Datasheet
59Kb / 2P
   GAS SENSOR
More results

Similar Description - MQ-WXXX

ManufacturerPart #DatasheetDescription
logo
SICK AG
WLG4-3F3434 SICK-WLG4-3F3434 Datasheet
781Kb / 6P
   Photoelectric retro-reflective sensor
WLG4S-3P2234V SICK-WLG4S-3P2234V Datasheet
1Mb / 7P
   Photoelectric retro-reflective sensor
WLG4S-3P2235V SICK-WLG4S-3P2235V Datasheet
794Kb / 7P
   Photoelectric retro-reflective sensor
WL8-P1131S02 SICK-WL8-P1131S02 Datasheet
616Kb / 6P
   Photoelectric retro-reflective sensor
WLG4-3F3182S06 SICK-WLG4-3F3182S06 Datasheet
675Kb / 5P
   Photoelectric retro-reflective sensor
WL9-3P2230 SICK-WL9-3P2230 Datasheet
879Kb / 7P
   Photoelectric retro-reflective sensor
WL9-3P3130 SICK-WL9-3P3130 Datasheet
843Kb / 7P
   Photoelectric retro-reflective sensor
WL9-3P3430 SICK-WL9-3P3430 Datasheet
843Kb / 7P
   Photoelectric retro-reflective sensor
GL10-N1112 SICK-GL10-N1112 Datasheet
788Kb / 7P
   Photoelectric retro-reflective sensor
GL10-N1212 SICK-GL10-N1212 Datasheet
802Kb / 7P
   Photoelectric retro-reflective sensor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com