Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RD28F1604C3TD70 Datasheet(PDF) 7 Page - Intel Corporation

Part # RD28F1604C3TD70
Description  3 VOLT INTEL AdvancedBootBlock FlashMemory(C3)Stacked-ChipScalPackageFamilye
Download  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

RD28F1604C3TD70 Datasheet(HTML) 7 Page - Intel Corporation

Back Button RD28F1604C3TD70 Datasheet HTML 3Page - Intel Corporation RD28F1604C3TD70 Datasheet HTML 4Page - Intel Corporation RD28F1604C3TD70 Datasheet HTML 5Page - Intel Corporation RD28F1604C3TD70 Datasheet HTML 6Page - Intel Corporation RD28F1604C3TD70 Datasheet HTML 7Page - Intel Corporation RD28F1604C3TD70 Datasheet HTML 8Page - Intel Corporation RD28F1604C3TD70 Datasheet HTML 9Page - Intel Corporation RD28F1604C3TD70 Datasheet HTML 10Page - Intel Corporation RD28F1604C3TD70 Datasheet HTML 11Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 70 page
background image
3 Volt Intel® Advanced+ Boot Block Flash Memory Stacked-CSP Family
Datasheet
7
1.0
Introduction
This document contains the specifications for the 3Volt Intel® Advanced+ Boot Block Flash
Memory (C3) Stacked-Chip Scale Package (Stacked-CSP) device. Stacked memory solutions are
offered in the following combinations: 32-Mbit flash + 8-Mbit SRAM, 32-Mbit flash + 4-Mbit
SRAM, 16-Mbit flash + 4-Mbit SRAM, or 16-Mbit flash memory + 2-Mbit SRAM.
1.1
Document Conventions
Throughout this document, the following conventions have been adopted.
Voltages: “2.7 V” refers to the full voltage range, 2.7 V–3.3V; 12 V refers to 11.4 V to 12.6 V
Main block(s): 32-Kword block
Parameter block(s): 4-Kword block
1.2
Product Overview
The C3 Stacked-CSP device combines flash and SRAM into a single package, and provides secure
low-voltage memory solutions for portable applications. This memory family combines two
memory technologies, flash memory and SRAM, in one package. The flash memory delivers
enhanced security features, a block locking capability that allows instant locking/unlocking of any
flash block with zero-latency, and a 128-bit protection register that enable unique device
identification, to meet the needs of next generation portable applications. Improved 12 V
production programming can be used to improve factory throughput.
The flash memory is asymmetrically-blocked to enable system integration of code and data storage
in a single device. Each flash block can be erased independently of the others up to 100,000 times.
The flash has eight 8-KB parameter blocks located at either the top (denoted by -T suffix) or the
bottom (-B suffix) of the address map in order to accommodate different microprocessor protocols
for kernel code location. The remaining flash memory is grouped into 32-Kword main blocks. Any
individual flash block can be locked or unlocked instantly to provide complete protection for code
or data (see Section 5.7, “Flash Erase and Program Timings(1)” on page 31 for details).
The flash contains both a Command User Interface (CUI) and a Write State Machine (WSM). The
CUI serves as the interface between the microcontroller and the internal operation of the flash
memory. The internal WSM automatically executes the algorithms and timings necessary for
Table 1.
Block Organization (x16)
Memory Device
Kwords
32-Mbit Flash
2048
16-Mbit Flash
1024
2-Mbit SRAM
128
4-Mbit SRAM
256
8-Mbit SRAM
512
NOTE: All words are 16 bits each.


Similar Part No. - RD28F1604C3TD70

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
RD28F3204W30B70 INTEL-RD28F3204W30B70 Datasheet
749Kb / 82P
   1.8 Volt Intel Wireless Flash Memory with 3 Volt I/O and SRAM (W30)
RD28F3204W30B85 INTEL-RD28F3204W30B85 Datasheet
749Kb / 82P
   1.8 Volt Intel Wireless Flash Memory with 3 Volt I/O and SRAM (W30)
RD28F3204W30T70 INTEL-RD28F3204W30T70 Datasheet
749Kb / 82P
   1.8 Volt Intel Wireless Flash Memory with 3 Volt I/O and SRAM (W30)
RD28F3204W30T85 INTEL-RD28F3204W30T85 Datasheet
749Kb / 82P
   1.8 Volt Intel Wireless Flash Memory with 3 Volt I/O and SRAM (W30)
RD28F6408W30B70 INTEL-RD28F6408W30B70 Datasheet
749Kb / 82P
   1.8 Volt Intel Wireless Flash Memory with 3 Volt I/O and SRAM (W30)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com