Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS28-L147-203 Datasheet(PDF) 9 Page - Synaptics Incorporated.

Part # DS28-L147-203
Description  SmartV.XX Modem
Download  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONEXANT [Synaptics Incorporated.]
Direct Link  https://www.synaptics.com/
Logo CONEXANT - Synaptics Incorporated.

DS28-L147-203 Datasheet(HTML) 9 Page - Synaptics Incorporated.

Back Button DS28-L147-203 Datasheet HTML 5Page - Synaptics Incorporated. DS28-L147-203 Datasheet HTML 6Page - Synaptics Incorporated. DS28-L147-203 Datasheet HTML 7Page - Synaptics Incorporated. DS28-L147-203 Datasheet HTML 8Page - Synaptics Incorporated. DS28-L147-203 Datasheet HTML 9Page - Synaptics Incorporated. DS28-L147-203 Datasheet HTML 10Page - Synaptics Incorporated. DS28-L147-203 Datasheet HTML 11Page - Synaptics Incorporated. DS28-L147-203 Datasheet HTML 12Page - Synaptics Incorporated. DS28-L147-203 Datasheet HTML 13Page - Synaptics Incorporated. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 94 page
background image
CX81801-7x/8x SmartV.XX Modem Data Sheet
102199B
Conexant
1-1
1.
Introduction
1.1
Overview
The Conexant
® SmartV.XX Modem is a full-featured, worldwide, controller-based
modem that integrates modem controller (MCU), modem data pump (MDP), 256 KB
ROM, 32 KB RAM, and SmartDAA system side device (SSD) functions onto a single
die.
The modem operates by executing firmware from internal ROM and RAM. Optional
customized firmware is supported with optional external flash ROM memory.
Additionally, added/modified country profiles are supported by internal SRAM patch
(maximum of one profile) or serial EEPROM. Downloadable architecture supports
downloading of customized MCU firmware from the host/DTE to the SmartV.XX
modem.
The SmartV.XX Modem device set consists of a CX81801 modem device in a 128-pin
TQFP and a CX20493 SmartDAA Line Side Device (LSD) in a 28-pin QFN.
Conexant’s SmartDAA
® technology eliminates the need for a costly analog transformer,
relays and opto-isolations typically used in discrete DAA (Data Access Arrangement)
implementations. The SmartDAA architecture also simplifies product implementation by
eliminating the need for country-specific board configurations enabling worldwide
homologation of a single modem board design and a single bill of materials (BOM).
Low profile, small TQFP and QFN packages with reduced voltage operation and low
power consumption makes this device set an ideal solution for embedded and palmtop
application using parallel host or serial DTE interface.
The SmartV.XX Modem supports data rates up to V.92, data compression, error
correction, fax rates up to 14.4 kbps and speakerphone mode.
In V.92 and V.90 (V.92 models) data modes, the modem can receive data at speeds up to
56 kbps. In V.34 data mode (V.92 and V.34 models), the modem can receive data at
speeds up to 33.6 kbps. In V.32 bis data mode, the modem can receive data at speeds up
to 14.4 kbps.
Data compress (V.44/V.42bis/MNP5) and error correction (V.42/MNP 2-4) modes are
supported to maximize data throughput and data transfer integrity. Non-error-correction
mode is also supported.
Fax Group 3 send and receive rates are supported up to 14.4 kbps with T.30 protocol.
The SmartV.XX modem operates with PSTN telephone lines worldwide.
S models, using the optional CX20442 Voice Codec (VC) in a 32-pin TQFP, support
position independent, full-duplex speakerphone (FDSP) operation using microphone and
speaker, as well as other voice/TAM applications using handset or headset.
Table 1-1 lists the available models. A simplified device interface drawing is shown in
Figure 1-1. A functional interface drawing showing optional memory is shown in
Figure 1-2.


Similar Part No. - DS28-L147-203

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
DS2801 TTELEC-DS2801 Datasheet
506Kb / 2P
   PFT Hydrostatic Level Sensor
DS2804 TTELEC-DS2804 Datasheet
1Mb / 2P
   Pressure Sensit P6420-57 Abrasive Material Pressure Transmitter
DS2805 TTELEC-DS2805 Datasheet
642Kb / 3P
   HPS-A Series 4-20mA Output Pressure Transmitter
DS2806 TTELEC-DS2806 Datasheet
674Kb / 3P
   HPS-A Series Voltage Output Pressure Transducer
DS2807 TTELEC-DS2807 Datasheet
944Kb / 2P
   Pressure Sensit HPS-A Series Active mV Output Pressure Transducer
More results

Similar Description - DS28-L147-203

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2313300 PHOENIX-2313300 Datasheet
148Kb / 9P
   Modem - PSI-MODEM/ETH
09/12/2020
logo
XFMRS Inc.
XFTEL2 XFMRS-XFTEL2_15 Datasheet
37Kb / 1P
   MODEM
logo
PHOENIX CONTACT
2313656 PHOENIX-2313656 Datasheet
291Kb / 7P
   Modem - PSI-MODEM-SHDSL/PB
2313436 PHOENIX-2313436 Datasheet
60Kb / 2P
   Modem - PSI-MODEM-BASIC/USB
2313669 PHOENIX-2313669 Datasheet
730Kb / 17P
   Modem - PSI-MODEM-SHDSL/SERIAL
Dec 2, 2022
2313643 PHOENIX-2313643 Datasheet
261Kb / 18P
   Modem - PSI-MODEM-SHDSL/ETH
09/12/2020
logo
Bel Fuse Inc.
2791C BEL-2791C Datasheet
34Kb / 2P
   MODEM MAGNETICS V.90 Modem Transformer
2802A BEL-2802A Datasheet
38Kb / 2P
   MODEM MAGNETICS V.90 Modem Transformers
2811B BEL-2811B Datasheet
30Kb / 2P
   MODEM MAGNETICS V.90 Modem Transformer
logo
TDK Electronics
73K222AU TDK-73K222AU Datasheet
728Kb / 40P
   Single-Chip Modem Modem with UART
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com