Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMS27PC020-10JL Datasheet(PDF) 10 Page - Texas Instruments

Part # TMS27PC020-10JL
Description  READ-ONLY MEMORIES
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS27PC020-10JL Datasheet(HTML) 10 Page - Texas Instruments

Back Button TMS27PC020-10JL Datasheet HTML 6Page - Texas Instruments TMS27PC020-10JL Datasheet HTML 7Page - Texas Instruments TMS27PC020-10JL Datasheet HTML 8Page - Texas Instruments TMS27PC020-10JL Datasheet HTML 9Page - Texas Instruments TMS27PC020-10JL Datasheet HTML 10Page - Texas Instruments TMS27PC020-10JL Datasheet HTML 11Page - Texas Instruments TMS27PC020-10JL Datasheet HTML 12Page - Texas Instruments TMS27PC020-10JL Datasheet HTML 13Page - Texas Instruments TMS27PC020-10JL Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
TMS27C020 262144 BY 8-BIT UV ERASABLE
TMS27PC020 262144 BY 8-BIT
PROGRAMMABLE READ-ONLY MEMORIES
SMLS020C – NOVEMBER 1990 – REVISED SEPTEMBER 1997
10
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251–1443
PARAMETER MEASUREMENT INFORMATION
2.08 V
RL = 800 Ω
CL = 100 pF
(see Note A)
Output
Under Test
2 V
0.8 V
2 V
0.8 V
2.4 V
0.4 V
NOTES: A. CL includes probe and fixture capacitance.
B. The ac testing inputs are driven at 2.4 V for logic high and 0.4 V for logic low. Timing
measurements are made at 2 V for logic high and 0.8 V for logic low for both inputs
and outputs.
Figure 2. The ac Testing Output Load Circuit and Waveform
A0 – A17
E
Addresses Valid
ta(A)
ta(E)
G
DQ0 – DQ7
Hi-Z
ten(G)
tv(A)
tdis
Output Valid
VIH
VIL
VIH
VIL
VIH
VIL
VIH
VIL
Hi-Z
Figure 3. Read-Cycle Timing


Similar Part No. - TMS27PC020-10JL

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS27PC010A TI-TMS27PC010A Datasheet
172Kb / 13P
[Old version datasheet]   PROGRAMMABLE READ-ONLY MEMORIES
TMS27PC010A-10 TI1-TMS27PC010A-10 Datasheet
185Kb / 13P
[Old version datasheet]   8-BIT PROGRAMMABLE READ-ONLY MEMORIES
TMS27PC010A-10FML TI1-TMS27PC010A-10FML Datasheet
185Kb / 13P
[Old version datasheet]   8-BIT PROGRAMMABLE READ-ONLY MEMORIES
TMS27PC010A-10FML TI-TMS27PC010A-10FML Datasheet
172Kb / 13P
[Old version datasheet]   PROGRAMMABLE READ-ONLY MEMORIES
TMS27PC010A-12 TI1-TMS27PC010A-12 Datasheet
185Kb / 13P
[Old version datasheet]   8-BIT PROGRAMMABLE READ-ONLY MEMORIES
More results

Similar Description - TMS27PC020-10JL

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS27C210A TI1-TMS27C210A_08 Datasheet
413Kb / 29P
[Old version datasheet]   PROGRAMMABLE READ-ONLY MEMORIES
TMS27C210A TI-TMS27C210A Datasheet
193Kb / 15P
[Old version datasheet]   PROGRAMMABLE READ-ONLY MEMORIES
TMS27C010A TI-TMS27C010A Datasheet
172Kb / 13P
[Old version datasheet]   PROGRAMMABLE READ-ONLY MEMORIES
SN74S478 TI-SN74S478 Datasheet
362Kb / 5P
[Old version datasheet]   PROGRAMMABLE READ-ONLY MEMORIES
TMS27C240-15JL TI1-TMS27C240-15JL Datasheet
203Kb / 15P
[Old version datasheet]   16-BIT PROGRAMMABLE READ-ONLY MEMORIES
TMS27C256-20JL TI1-TMS27C256-20JL Datasheet
196Kb / 13P
[Old version datasheet]   8-BIT PROGRAMMABLE READ-ONLY MEMORIES
TMS27C256JL TI1-TMS27C256JL Datasheet
196Kb / 13P
[Old version datasheet]   8-BIT PROGRAMMABLE READ-ONLY MEMORIES
TMS27C010A-12JL TI1-TMS27C010A-12JL Datasheet
185Kb / 13P
[Old version datasheet]   8-BIT PROGRAMMABLE READ-ONLY MEMORIES
TMS27C240-12JL TI1-TMS27C240-12JL Datasheet
203Kb / 15P
[Old version datasheet]   16-BIT PROGRAMMABLE READ-ONLY MEMORIES
logo
Motorola, Inc
MCM7643 MOTOROLA-MCM7643 Datasheet
187Kb / 4P
   4096 BIT PROGRAMMABLE READ ONLY MEMORIES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com