Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RD28F3208C3B90 Datasheet(PDF) 1 Page - Intel Corporation

Part # RD28F3208C3B90
Description  3 VOLT INTEL AdvancedBootBlock FlashMemory(C3)Stacked-ChipScalPackageFamilye
Download  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

RD28F3208C3B90 Datasheet(HTML) 1 Page - Intel Corporation

  RD28F3208C3B90 Datasheet HTML 1Page - Intel Corporation RD28F3208C3B90 Datasheet HTML 2Page - Intel Corporation RD28F3208C3B90 Datasheet HTML 3Page - Intel Corporation RD28F3208C3B90 Datasheet HTML 4Page - Intel Corporation RD28F3208C3B90 Datasheet HTML 5Page - Intel Corporation RD28F3208C3B90 Datasheet HTML 6Page - Intel Corporation RD28F3208C3B90 Datasheet HTML 7Page - Intel Corporation RD28F3208C3B90 Datasheet HTML 8Page - Intel Corporation RD28F3208C3B90 Datasheet HTML 9Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 70 page
background image
3 Volt Intel® Advanced+ Boot Block
Flash Memory (C3) Stacked-Chip Scale
Package Family
Datasheet
Product Features
The 3 Volt Intel
® Advanced+ Boot Block Flash Memory (C3) Stacked-Chip Scale Package
(Stacked-CSP) device delivers a feature-rich solution for low-power applications. The C3
Stacked-CSP memory device incorporates flash memory and static RAM in one package with
low voltage capability to achieve the smallest system memory solution form-factor together with
high-speed, low-power operations. The C3 Stacked-CSP memory device offers a protection
register and flexible block locking to enable next generation security capability. Combined with
the Intel® Flash Data Integrator (Intel® FDI) software, the C3 Stacked-CSP memory device
provides a cost-effective, flexible, code plus data storage solution.
Flash Memory Plus SRAM
—Reduces Memory Board Space
Required, Simplifying PCB Design
Complexity
Stacked-Chip Scale Package (Stacked-
CSP) Technology
— Smallest Memory Subsystem Footprint
—Area : 8 x 10 mm for 16Mbit (0.13 µm)
Flash + 2Mbit or 4Mbit SRAM
—Area : 8 x 12 mm for 32Mbit (0.13 µm)
Flash + 4Mbit or 8Mbit SRAM
— Height : 1.20 mm for 16Mbit (0.13 µm)
Flash + 2Mbit or 4Mbit SRAM and
32Mbit (0.13um) Flash + 8Mbit SRAM
— Height : 1.40 mm for 32Mbit (0.13 µm)
Flash + 4Mbit SRAM
—This Family also includes 0.25 µm and
0.18 µm technologies
Advanced SRAM Technology
— 70 ns Access Time
— Low Power Operation
— Low Voltage Data Retention Mode
Intel
® Flash Data Integrator (FDI)
Software
— Real-Time Data Storage and Code
Execution in the Same Memory Device
— Full Flash File Manager Capability
Advanced+ Boot Block Flash Memory
—70 ns Access Time at 2.7 V
— Instant, Individual Block Locking
—128 bit Protection Register
—12 V Production Programming
—Ultra Fast Program and Erase Suspend
— Extended Temperature –25 °C to +85 °C
Blocking Architecture
—Block Sizes for Code + Data Storage
—4-Kword Parameter Blocks (for data)
— 64-Kbyte Main Blocks (for code)
— 100,000 Erase Cycles per Block
Low Power Operation
— Async Read Current: 9 mA (Flash)
— Standby Current: 7 µA (Flash)
— Automatic Power Saving Mode
Flash Technologies
— 0.25 µm ETOX™ VI, 0.18 µm ETOX™
VII and 0.13 µm ETOX™ VIII Flash
Technologies
— 28F160xC3, 28F320xC3
252636-001
February, 2003
Notice: This document contains information on new products in production. The specifications
are subject to change without notice. Verify with your local Intel sales office that you have the lat-
est datasheet before finalizing a design.


Similar Part No. - RD28F3208C3B90

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
RD28F3204W30B70 INTEL-RD28F3204W30B70 Datasheet
749Kb / 82P
   1.8 Volt Intel Wireless Flash Memory with 3 Volt I/O and SRAM (W30)
RD28F3204W30B85 INTEL-RD28F3204W30B85 Datasheet
749Kb / 82P
   1.8 Volt Intel Wireless Flash Memory with 3 Volt I/O and SRAM (W30)
RD28F3204W30T70 INTEL-RD28F3204W30T70 Datasheet
749Kb / 82P
   1.8 Volt Intel Wireless Flash Memory with 3 Volt I/O and SRAM (W30)
RD28F3204W30T85 INTEL-RD28F3204W30T85 Datasheet
749Kb / 82P
   1.8 Volt Intel Wireless Flash Memory with 3 Volt I/O and SRAM (W30)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com