Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RD28F3208C3T90 Datasheet(PDF) 10 Page - Intel Corporation

Part # RD28F3208C3T90
Description  3 VOLT INTEL AdvancedBootBlock FlashMemory(C3)Stacked-ChipScalPackageFamilye
Download  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

RD28F3208C3T90 Datasheet(HTML) 10 Page - Intel Corporation

Back Button RD28F3208C3T90 Datasheet HTML 6Page - Intel Corporation RD28F3208C3T90 Datasheet HTML 7Page - Intel Corporation RD28F3208C3T90 Datasheet HTML 8Page - Intel Corporation RD28F3208C3T90 Datasheet HTML 9Page - Intel Corporation RD28F3208C3T90 Datasheet HTML 10Page - Intel Corporation RD28F3208C3T90 Datasheet HTML 11Page - Intel Corporation RD28F3208C3T90 Datasheet HTML 12Page - Intel Corporation RD28F3208C3T90 Datasheet HTML 13Page - Intel Corporation RD28F3208C3T90 Datasheet HTML 14Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 70 page
background image
3 Volt Intel® Advanced+ Boot Block Flash Memory Stacked-CSP Family
10
Datasheet
F-WP#
INPUT
FLASH WRITE PROTECT: Controls the lock-down function of the flexible Locking feature.
When F-WP# is a logic low, the lock-down mechanism is enabled and blocks marked lock-
down cannot be unlocked through software.
When F-WP# is logic high, the lock-down mechanism is disabled and blocks previously
locked-down are now locked and can be unlocked and locked through software. After F-WP# goes
low, any blocks previously marked lock-down revert to that state.
See Section 7.0, “System Design Considerations” on page 41 for details on block locking.
F-VCC
SUPPLY
FLASH POWER SUPPLY: [2.7 V–3.3 V] Supplies power for device core operations.
F-VCCQ
SUPPLY
FLASH I/O POWER SUPPLY: [2.7 V–3.3 V] Supplies power for device I/O operations.
S-VCC
SUPPLY
SRAM POWER SUPPLY: [2.7 V–3.3 V] Supplies power for device operations.
See Section 7.2.2, “F-VCC, F-VPP and F-RP# Transition” on page 42 for details of power
connections.
F-VPP
INPUT /
SUPPLY
FLASH PROGRAM/ERASE POWER SUPPLY: [1.65 V–3.3 V or 11.4 V–12.6 V] Operates as an
input at logic levels to control complete flash protection. Supplies power for accelerated flash
program and erase operations in 12 V
± 5% range. This ball cannot be left floating.
Lower F-VPP ≤ VPPLK, to protect all contents against Program and Erase commands.
Set F-VPP =F-VCC for in-system read, program and erase operations. In this configuration,
F-VPP can drop as low as 1.65 V to allow for resistor or diode drop from the system supply. Note
that if F-VPP is driven by a logic signal, VIH = 1.65 V. That is, F-VPP must remain above 1.65 V to
perform in-system flash modifications.
Raise F-VPP to 12 V ± 5% for faster program and erase in a production environment. Applying
12 V
± 5% to F-V
PP can only be done for a maximum of 1000 cycles on the main blocks and 2500
cycles on the parameter blocks. F-VPP may be connected to 12 V for a total of 80 hours maximum.
F-VSS
SUPPLY
FLASH GROUND: For all internal circuitry. All ground inputs must be connected.
S-VSS
SUPPLY
SRAM GROUND: For all internal circuitry. All ground inputs must be connected.
NC
NOT CONNECTED: Internally disconnected within the device.
Table 2.
3 Volt Intel® Advanced+ Boot Block Stacked-CSP Ball Descriptions (Sheet 2 of 2)
Symbol
Type
Name and Function


Similar Part No. - RD28F3208C3T90

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
RD28F3204W30B70 INTEL-RD28F3204W30B70 Datasheet
749Kb / 82P
   1.8 Volt Intel Wireless Flash Memory with 3 Volt I/O and SRAM (W30)
RD28F3204W30B85 INTEL-RD28F3204W30B85 Datasheet
749Kb / 82P
   1.8 Volt Intel Wireless Flash Memory with 3 Volt I/O and SRAM (W30)
RD28F3204W30T70 INTEL-RD28F3204W30T70 Datasheet
749Kb / 82P
   1.8 Volt Intel Wireless Flash Memory with 3 Volt I/O and SRAM (W30)
RD28F3204W30T85 INTEL-RD28F3204W30T85 Datasheet
749Kb / 82P
   1.8 Volt Intel Wireless Flash Memory with 3 Volt I/O and SRAM (W30)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com