Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NJW1145GK1 Datasheet(PDF) 1 Page - New Japan Radio

Part # NJW1145GK1
Description  AUDIO PROCESSOR
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJW1145GK1 Datasheet(HTML) 1 Page - New Japan Radio

  NJW1145GK1 Datasheet HTML 1Page - New Japan Radio NJW1145GK1 Datasheet HTML 2Page - New Japan Radio NJW1145GK1 Datasheet HTML 3Page - New Japan Radio NJW1145GK1 Datasheet HTML 4Page - New Japan Radio NJW1145GK1 Datasheet HTML 5Page - New Japan Radio NJW1145GK1 Datasheet HTML 6Page - New Japan Radio NJW1145GK1 Datasheet HTML 7Page - New Japan Radio NJW1145GK1 Datasheet HTML 8Page - New Japan Radio NJW1145GK1 Datasheet HTML 9Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
NJW1145
-1 -
AUDIO PROCESSOR
s
s
s
s GENERAL DESCRIPTION
s
s
s
s PACKAGE OUTLINE
The
NJW1145
is
a
audio
processor
with
sound
enhancement
(BBE).
It
includes
all
of
the
functions
processing audio signal for TV, such as tone control,
balance, volume, mute, and AGC functions.
Also
the
NJW1145
performs
surround
and
sound
enhancement. The sound enhancement regenerates high
definitive and nearly real sound.
All of the internal status and variables are controlled by
I
2C BUS interface.
s
s
s
s FEATURES
q Operating Voltage
8 to 13V
q I
2C BUS Interface
q BBE Sound Enhancement (Low Boost and High Boost: 15dB max.)
q Internal 6 Input Audio Selectors and Monitor Output
q The AGC circuit reduces volume difference among input sources.
q Variable AGC Compression Level via I
2C (4-levels)
q NJRC Surround "eala" and Simulated Surround
q Variable Surround Effect Level via I
2C
q Low Noise VCA
q Bi-CMOS Technology
q Package Outline
SOP40-K1
s
s
s
s BLOCK DIAGRAM
NJW1145GK1
Bias
AGC
CVA
CVB
CTH
CTL
CSR
GND
Vcc
Vref
TONE
-Ha
TONE
-Hb
TONE
-La
TONE
-Lb
OUTb
SDA
SCL
SEL
SEL
TONE
VOL2
TONE
VOL2
VOL1
VOL1
IN1a
IN2a
IN3a
IN4a
IN5a
IN6a
IN1b
IN2b
IN3b
IN4b
IN5b
IN6b
MONa
MONb
OUTa
NJRC
Surrond
“eala”
&
Sim ulated
Stereo
BBE
BBE
AGC
CSB
I
2C BUS
Interface


Similar Part No. - NJW1145GK1

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJW1140 NJRC-NJW1140 Datasheet
471Kb / 15P
   AUDIO PROCESSOR with SRS
NJW1140GK1 NJRC-NJW1140GK1 Datasheet
471Kb / 15P
   AUDIO PROCESSOR with SRS
NJW1141 NJRC-NJW1141 Datasheet
287Kb / 20P
   AUDIO PROCESSOR
NJW1141L NJRC-NJW1141L Datasheet
287Kb / 20P
   AUDIO PROCESSOR
NJW1141M NJRC-NJW1141M Datasheet
287Kb / 20P
   AUDIO PROCESSOR
More results

Similar Description - NJW1145GK1

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJW1143 NJRC-NJW1143 Datasheet
160Kb / 17P
   AUDIO PROCESSOR
NJW1138 NJRC-NJW1138 Datasheet
352Kb / 21P
   AUDIO PROCESSOR
NJW1141 NJRC-NJW1141 Datasheet
287Kb / 20P
   AUDIO PROCESSOR
NJW1142 NJRC-NJW1142 Datasheet
123Kb / 14P
   AUDIO PROCESSOR
NJW1173 NJRC-NJW1173 Datasheet
155Kb / 17P
   AUDIO PROCESSOR
NJW1172 NJRC-NJW1172 Datasheet
604Kb / 23P
   AUDIO PROCESSOR
NJW1165 NJRC-NJW1165 Datasheet
508Kb / 25P
   AUDIO PROCESSOR
logo
Analog Devices
SST-MELODY-DAP AD-SST-MELODY-DAP_15 Datasheet
589Kb / 24P
   Audio Processor
logo
New Japan Radio
NJW1144 NJRC-NJW1144 Datasheet
774Kb / 24P
   AUDIO PROCESSOR
NJW1133A NJRC-NJW1133A Datasheet
347Kb / 20P
   AUDIO PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com