Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MM13202.0N Datasheet(PDF) 4 Page - Mitsumi Electronics, Corp.

Part # MM13202.0N
Description  Microminiature Low-Noise, Low-Saturation Three-Pin Regulator
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUMI [Mitsumi Electronics, Corp.]
Direct Link  https://www.mitsumi.co.jp/index_e.html
Logo MITSUMI - Mitsumi Electronics, Corp.

MM13202.0N Datasheet(HTML) 4 Page - Mitsumi Electronics, Corp.

  MM13202.0N Datasheet HTML 1Page - Mitsumi Electronics, Corp. MM13202.0N Datasheet HTML 2Page - Mitsumi Electronics, Corp. MM13202.0N Datasheet HTML 3Page - Mitsumi Electronics, Corp. MM13202.0N Datasheet HTML 4Page - Mitsumi Electronics, Corp. MM13202.0N Datasheet HTML 5Page - Mitsumi Electronics, Corp. MM13202.0N Datasheet HTML 6Page - Mitsumi Electronics, Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
MITSUMI
Microminiature Low-Noise, Low-Saturation Three-Pin Regulator MM1320
Characteristics (MM1320)
Output voltage rank
I/O voltage difference
Allowable loss
Output voltage temperature characteristic
No-load consumption current
VIN=2.8V
0.3
0.4
0.5
0.2
0.1
0
0
20
406080
100
Output voltage (mA)
300
400
500
200
100
0
-25
0
25
50
75
100
125
Ambient temperature (°C)
Unit
with board mounted
Board:60 40 1.6tmm
3.1
3.2
3.0
2.9
2.8
-25
0
25
75
100
125
VIN=4V, IOUT=30mA
Ambient temperature (°C)
1.5
2.0
1.0
0.5
0
02
4
6
8
10
12
Input voltage (V)
IOUT=0mA
Rnak
Voltage
Rnak
Voltage
A
5.0V
K
2.8V
B
4.5V
L
2.7V
C
4.0V
M
2.6V
D
3.5V
N
2.5V
E
3.3V
P
2.4V
F
3.2V
R
2.3V
G
3.1V
S
2.2V
H
3.0V
T
2.1V
J
2.9V
U
2.0V


Similar Part No. - MM13202.0N

ManufacturerPart #DatasheetDescription
logo
Mitsumi Electronics, Co...
MM1323 MITSUMI-MM1323 Datasheet
137Kb / 6P
   LCD Interface Monolithic IC MM1323
MM1326 MITSUMI-MM1326 Datasheet
268Kb / 9P
   Q Xpander Processors
MM1326AD MITSUMI-MM1326AD Datasheet
268Kb / 9P
   Q Xpander Processors
MM1326AJ MITSUMI-MM1326AJ Datasheet
268Kb / 9P
   Q Xpander Processors
MM1327 MITSUMI-MM1327 Datasheet
142Kb / 11P
   Wide Discriminator Monolithic IC
More results

Similar Description - MM13202.0N

ManufacturerPart #DatasheetDescription
logo
Mitsumi Electronics, Co...
MM1385 MITSUMI-MM1385 Datasheet
65Kb / 4P
   Microminiature Low-Power Consumption Low-Saturation Regulator
MM1270 MITSUMI-MM1270 Datasheet
84Kb / 4P
   Low-Output Voltage Low-Saturation Three-Pin Regulator
MM1180 MITSUMI-MM1180 Datasheet
104Kb / 5P
   Low-Noise, Low-Satulation Three-Pin Regulator
logo
Rohm
BA03T ROHM-BA03T_1 Datasheet
185Kb / 9P
   Low saturation voltage type 3-pin regulator
BAOOT ROHM-BAOOT Datasheet
100Kb / 9P
   Low saturation voltage type 3-pin regulator
BA033FP ROHM-BA033FP Datasheet
98Kb / 8P
   Low saturation voltage type 3-pin regulator
BA07FP-E2 ROHM-BA07FP-E2 Datasheet
106Kb / 9P
   Low saturation voltage type 3-pin regulator
BA03T ROHM-BA03T Datasheet
100Kb / 9P
   Low saturation voltage type 3-pin regulator
logo
Mitsumi Electronics, Co...
MM1065 MITSUMI-MM1065 Datasheet
98Kb / 5P
   Ultra-Low Power Consumption Low-Saturation Three-Pin Regulators with On/Off Pin
logo
ELM Electronics
ELM99XXXA ELM-ELM99XXXA Datasheet
313Kb / 19P
   LOW SATURATION VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com