Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRF630M Datasheet(PDF) 7 Page - STMicroelectronics

Part # IRF630M
Description  N-CHANNEL 200V - 0.35W - 9A TO-220/TO-220FP MESH OVERLAY MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

IRF630M Datasheet(HTML) 7 Page - STMicroelectronics

  IRF630M Datasheet HTML 1Page - STMicroelectronics IRF630M Datasheet HTML 2Page - STMicroelectronics IRF630M Datasheet HTML 3Page - STMicroelectronics IRF630M Datasheet HTML 4Page - STMicroelectronics IRF630M Datasheet HTML 5Page - STMicroelectronics IRF630M Datasheet HTML 6Page - STMicroelectronics IRF630M Datasheet HTML 7Page - STMicroelectronics IRF630M Datasheet HTML 8Page - STMicroelectronics IRF630M Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
7/9
IRF630M / FP
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
4.40
4.60
0.173
0.181
C
1.23
1.32
0.048
0.051
D
2.40
2.72
0.094
0.107
D1
1.27
0.050
E
0.49
0.70
0.019
0.027
F
0.61
0.88
0.024
0.034
F1
1.14
1.70
0.044
0.067
F2
1.14
1.70
0.044
0.067
G
4.95
5.15
0.194
0.203
G1
2.4
2.7
0.094
0.106
H2
10.0
10.40
0.393
0.409
L2
16.4
0.645
L4
13.0
14.0
0.511
0.551
L5
2.65
2.95
0.104
0.116
L6
15.25
15.75
0.600
0.620
L7
6.2
6.6
0.244
0.260
L9
3.5
3.93
0.137
0.154
DIA.
3.75
3.85
0.147
0.151
L6
L7
L2
Dia.
L5
L4
L9
TO-220 MECHANICAL DATA
P011C


Similar Part No. - IRF630M

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
IRF630M STMICROELECTRONICS-IRF630M Datasheet
326Kb / 14P
   N-channel 200V - 0.35廓 - 9A - TO-220 /TO-220FP Mesh Overlay??Power MOSFET
IRF630MFP STMICROELECTRONICS-IRF630MFP Datasheet
326Kb / 14P
   N-channel 200V - 0.35廓 - 9A - TO-220 /TO-220FP Mesh Overlay??Power MOSFET
logo
VBsemi Electronics Co.,...
IRF630MFP VBSEMI-IRF630MFP Datasheet
3Mb / 8P
   N-Channel 200 V (D-S) MOSFET
logo
STMicroelectronics
IRF630M STMICROELECTRONICS-IRF630M_06 Datasheet
326Kb / 14P
   N-channel 200V - 0.35廓 - 9A - TO-220 /TO-220FP Mesh Overlay??Power MOSFET
More results

Similar Description - IRF630M

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
IRF630M STMICROELECTRONICS-IRF630M_06 Datasheet
326Kb / 14P
   N-channel 200V - 0.35廓 - 9A - TO-220 /TO-220FP Mesh Overlay??Power MOSFET
IRF630 STMICROELECTRONICS-IRF630_06 Datasheet
336Kb / 14P
   N-channel 200V - 0.35廓 - 9A TO-220/TO-220FP Mesh overlay??II Power MOSFET
IRF630 STMICROELECTRONICS-IRF630 Datasheet
104Kb / 9P
   N - CHANNEL 200V - 0.35ihm - 9A - TO-220/FP MESH OVERLAY] MOSFET
IRF640 STMICROELECTRONICS-IRF640 Datasheet
107Kb / 9P
   N - CHANNEL 200V - 0.150ohm - 18A TO-220/TO-220FP MESH OVERLAY] MOSFET
STB19NF20 STMICROELECTRONICS-STB19NF20 Datasheet
535Kb / 16P
   N-channel 200V - 0.15廓 - 15A - TO-220 - D2PAK - TO-220FP MESH OVERLAY??Power MOSFET
IRF634 STMICROELECTRONICS-IRF634 Datasheet
333Kb / 9P
   N-CHANNEL 250V - 0.38ohm - 8A TO-220/TO-220FP MESH OVERLAY??MOSFET
STP16NS25 STMICROELECTRONICS-STP16NS25 Datasheet
330Kb / 9P
   N-CHANNEL 250V - 0.23ohm - 16A TO-220 / TO-220FP MESH OVERLAY??MOSFET
STP8NS25 STMICROELECTRONICS-STP8NS25 Datasheet
329Kb / 9P
   N-CHANNEL 250V - 0.38ohm - 8A TO-220/TO-220FP MESH OVERLAY??MOSFET
IRF630S STMICROELECTRONICS-IRF630S Datasheet
85Kb / 8P
   N - CHANNEL 200V - 0.35ohm - 9A - D2PAK MESH OVERLAY] MOSFET
IRF-634 STMICROELECTRONICS-IRF-634 Datasheet
326Kb / 14P
   N-channel 250V - 0.38廓 - 8A TO-220 /TO-220FP Mesh Overlay??Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com