Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CM2009 Datasheet(PDF) 4 Page - California Micro Devices Corp

Part # CM2009
Description  VGA Port Companion Circuit
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALMIRCO [California Micro Devices Corp]
Direct Link  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp

CM2009 Datasheet(HTML) 4 Page - California Micro Devices Corp

  CM2009 Datasheet HTML 1Page - California Micro Devices Corp CM2009 Datasheet HTML 2Page - California Micro Devices Corp CM2009 Datasheet HTML 3Page - California Micro Devices Corp CM2009 Datasheet HTML 4Page - California Micro Devices Corp CM2009 Datasheet HTML 5Page - California Micro Devices Corp CM2009 Datasheet HTML 6Page - California Micro Devices Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
© 2004 California Micro Devices Corp. All rights reserved.
4
430 N. McCarthy Blvd., Milpitas, CA 95035-5112
▲ Tel: 408.263.3214 ▲ Fax: 408.263.7846 ▲ www.calmicro.com 08/12/04
CM2009
Specifications (cont’d)
Note 1: All parameters specified over standard operating conditions unless otherwise noted.
Note 2: These parameters apply only to the SYNC drivers. Note that ROUT = RT + RBUFFER.
Note 3: Per the IEC-61000-4-2 International ESD Standard, Level 4 contact discharge method. BYP, VCC_VIDEO and VCC_SYNC must
be bypassed to GND via a low impedance ground plane with a 0.2
µF, low inductance, chip ceramic capacitor at each supply
pin. ESD pulse is applied between the applicable pins and GND. ESD pulses can be positive or negative with respect to
GND. Applicable pins are: VIDEO_1, VIDEO_2, VIDEO_3, SYNC_OUT1, SYNC_OUT2, DDC_OUT1 and DDC_OUT2. All
other pins are ESD protected to the industry standard
±2kV Human Body Model (MIL-STD-883, Method 3015). The bypass
capacitor at the BYP pin may optionally be omitted, in which case the max. ESD withstand voltage for the DDC_OUT1 and
DDC_OUT2 pins is reduced to
±4kV.
Note 4: This parameter is guaranteed by design and characterization.
Note 5: The SYNC_OUT pins on the CM2009-02 are guaranteed for 2kV HBM ESD protection.
ELECTRICAL OPERATING CHARACTERISTICS (SEE NOTE 1)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX UNITS
ICC_VIDEO VCC_VIDEO Supply Current
VCC_VIDEO = 5.0V; VIDEO inputs at VCC_VIDEO
or GND
10
µA
ICC_DDC
VCC_DDC Supply Current
VCC_DDC = 5.0V
10
µA
ICC_SYNC VCC_SYNC Supply Current
VCC_SYNC = 5V; SYNC inputs at GND or VCC_SYNC;
SYNC outputs unloaded
50
µA
VCC_SYNC = 5V; SYNC inputs at 3.0V;
SYNC outputs unloaded
2.0
mA
VF
ESD Diode Forward Voltage
IF = 10mA
1.0
V
VIH
Logic High Input Voltage
VCC_SYNC = 5.0V; Note 2
2.0
V
VIL
Logic Low Input Voltage
VCC_SYNC = 5.0V; Note 2
0.6
V
VOH
Logic High Output Voltage
IOH = 0mA, VCC_SYNC = 5.0V; Note 2
4.85
V
VOL
Logic Low Output Voltage
IOL = 0mA, VCC_SYNC = 5.0V; Note 2
0.15
V
ROUT
SYNC Driver Output Resistance
(CM2009-00 only)
VCC_SYNC = 5.0V; SYNC Inputs at GND or 3.0V
65
ROUT
SYNC Driver Output Resistance
(CM2009-01 only)
VCC_SYNC = 5.0V; SYNC Inputs at GND or 3.0V
55
ROUT
SYNC Driver Output Resistance
(CM2009-02 only)
VCC_SYNC = 5.0V; SYNC Inputs at GND or 3.0V;
Note 5
15
VOH-02
Logic High Output Voltage
(CM2009-02 only)
IOH = 24mA; VCC_SYNC = 5.0V; Note 2
2.0
V
VOL-02
Logic Low Output Voltage (CM2009-02 only) IOL = 24mA; VCC_SYNC = 5.0V; Note 2
0.8
V
IIN
Input Current
VIDEO Inputs
VCC_VIDEO = 5.0V; VIN = VCC_VIDEO or GND
±1
µA
SYNC_IN1, SYNC_IN2 Inputs
VCC_SYNC = 5.0V; VIN = VCC_SYNC or GND
±1
µA
IOFF
Level Shifting N-MOSFET "OFF" State
Leakage Current
(VCC_DDC - VDDC_IN) ≤ 0.4V; VDDC_OUT = VCC_DDC
10
µA
(VCC_DDC - VDDC_OUT) ≤ 0.4V; VDDC_IN = VCC_DDC
10
µA
VON
Voltage Drop Across Level-shifting
N-MOSFET when "ON"
VCC_DDC = 2.5V; VS = GND; IDS = 3mA;
0.18
V
CIN_VID
VIDEO Input Capacitance
VCC_VIDEO = 5.0V; VIN = 2.5V; ƒ = 1MHz; Note 4
4
pF
VCC_VIDEO = 2.5V; VIN = 1.25V; ƒ = 1MHz; Note 4
4.5
pF
tPLH
SYNC Driver L => H Propagation Delay
CL = 50pF; VCC = 5.0V; Input tR and tF ≤ 5ns
12
ns
tPHL
SYNC Driver H => L Propagation Delay
CL = 50pF; VCC = 5.0V; Input tR and tF ≤ 5ns
12
ns
tR, tF
SYNC Driver Output Rise & Fall Times
CL = 50pF; VCC = 5.0V; Input tR and tF ≤ 5ns
4
ns
VESD
ESD Withstand Voltage
VCC_VIDEO = VCC_SYNC = 5V; Notes 3, 4 & 5
±8kV


Similar Part No. - CM2009

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CM2009 ONSEMI-CM2009 Datasheet
140Kb / 6P
   VGA Port Companion Circuit
May, 2012 ??Rev. 5
CM2009-00QR ONSEMI-CM2009-00QR Datasheet
140Kb / 6P
   VGA Port Companion Circuit
May, 2012 ??Rev. 5
CM2009-02QR ONSEMI-CM2009-02QR Datasheet
140Kb / 6P
   VGA Port Companion Circuit
May, 2012 ??Rev. 5
CM2009-05CP ONSEMI-CM2009-05CP Datasheet
123Kb / 8P
   VGA or DVI-I Port Companion Circuit
April 2010 Rev. P2
More results

Similar Description - CM2009

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
PACVGA201 ONSEMI-PACVGA201 Datasheet
99Kb / 8P
   VGA Port Companion Circuit
May 2010 Rev. 3
logo
Unisonic Technologies
CCVGA7C5 UTC-CCVGA7C5 Datasheet
181Kb / 6P
   VGA PORT COMPANION CIRCUIT
logo
California Micro Device...
PACVGA203 CALMIRCO-PACVGA203 Datasheet
177Kb / 8P
   VGA Port Companion Circuit
PACVGA200 CALMIRCO-PACVGA200 Datasheet
131Kb / 3P
   VGA PORT COMPANION CIRCUIT
logo
ON Semiconductor
PACVGA200 ONSEMI-PACVGA200_11 Datasheet
167Kb / 8P
   VGA Port Companion Circuit
October, 2011 ??Rev. 3
logo
California Micro Device...
PACVGA201 CALMIRCO-PACVGA201 Datasheet
129Kb / 3P
   VGA PORT COMPANION CIRCUIT
PACVGA105 CALMIRCO-PACVGA105 Datasheet
91Kb / 6P
   VGA Port Companion Circuit
logo
ON Semiconductor
PACVGA200 ONSEMI-PACVGA200 Datasheet
129Kb / 10P
   VGA Port Companion Circuit
May 2010 Rev. 2
CM2009 ONSEMI-CM2009 Datasheet
140Kb / 6P
   VGA Port Companion Circuit
May, 2012 ??Rev. 5
PACVGA105 ONSEMI-PACVGA105_11 Datasheet
120Kb / 6P
   VGA Port Companion Circuit
October, 2011 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com