Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADR370ART-R2 Datasheet(PDF) 7 Page - Analog Devices

Part # ADR370ART-R2
Description  Precision Low Power 2.048 V SOT-23 Voltage Reference
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADR370ART-R2 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADR370ART-R2 Datasheet HTML 3Page - Analog Devices ADR370ART-R2 Datasheet HTML 4Page - Analog Devices ADR370ART-R2 Datasheet HTML 5Page - Analog Devices ADR370ART-R2 Datasheet HTML 6Page - Analog Devices ADR370ART-R2 Datasheet HTML 7Page - Analog Devices ADR370ART-R2 Datasheet HTML 8Page - Analog Devices ADR370ART-R2 Datasheet HTML 9Page - Analog Devices ADR370ART-R2 Datasheet HTML 10Page - Analog Devices ADR370ART-R2 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
REV. A
ADR370
–7–
APPLICATIONS
Low Cost Negative Reference
A low cost negative reference can be obtained by leveraging the
current sinking capability of the ADR370. Simply tying the VOUT
terminal to ground and adding a bias resistor, RSET, to the GND
pin of the device, a negative voltage reference can be obtained
as shown in Figure 3. RSET should be chosen such that ISET
remains between 1 mA to 5 mA.
VIN
VDD
VSS
RSET
ISET
ADR370
VOUT
GND
–VREF
Figure 3. Low Cost Negative Reference
Precision Negative Reference
Without using any matching resistors, a precision negative reference
can be obtained using the configuration shown in Figure 4. The
voltage difference between VOUT and GND of the ADR370 is
2.048 V. Since VOUT is at virtual ground, U2 will close the loop by
forcing the GND pin to be the negative reference node. U2 should
be a low offset voltage precision op amp, such as the OP1177.
VIN
+15V
U2
U1
2.3V TO 12V
OP1177
–15V
ADR370
VOUT
GND
–VREF
Figure 4. Precision Negative Reference
Low Cost Current Source
Figure 5 illustrates how a simple, low cost current source can be
configured using the ADR370. The load current, IL, is simply
the sum of ISET and the quiescent current, Iq. ISET is simply the
reference voltage generated by the ADR370 divided by RSET.
I
V
R
SET
SET
=
2 048
.
(4)
The quiescent current, Iq, varies slightly with load. The variation
in Iq limits the use of this circuit to general-purpose applications.
VIN
VL + 2.5V < VDD < VL + 12V
ADR370
VOUT
GND
ISET =
RSET
RSET
VL
RL
IL
Iq = 65 A
2.048V
Figure 5. Low Cost Current Source
Precision Current Source with Adjustable Output
A precision current source can be implemented with the circuit
shown in Figure 6. By adding a mechanical or digital potenti-
ometer, this circuit becomes an adjustable current source. If a
digital potentiometer like the AD5201 is used, the load current
is simply the voltage across terminals B-to-W of the digital
potentiometer divided by RSET.
I
VD
R
L
REF
SET
=
×
× 256
(5)
where D is the decimal equivalent of the digital potentiometer
input code.
VIN
+12V
A
B
W
–2.048V TO VL
0V TO (2.048V + VL)
12V
OP1177
AD5201
–12V
ADR370
VOUT
GND
VL
RL
RSET
IL
Figure 6. Programmable 0 mA to 5 mA Current Source
To optimize the resolution of this circuit, dual supply op amps
should be used because the ground potential of ADR370 can
swing from –2.048 V at zero scale to VL at full scale of the
potentiometer setting.


Similar Part No. - ADR370ART-R2

ManufacturerPart #DatasheetDescription
logo
MIC GROUP RECTIFIERS
ADR30L MIC-ADR30L Datasheet
27Kb / 1P
   DISH AVALANCHE AUTOMOTIVE RECTIFIER
ADR30M MIC-ADR30M Datasheet
27Kb / 1P
   DISH AVALANCHE AUTOMOTIVE RECTIFIER
ADR30Z MIC-ADR30Z Datasheet
27Kb / 1P
   DISH AVALANCHE AUTOMOTIVE RECTIFIER
logo
Analog Devices
ADR318 AD-ADR318 Datasheet
492Kb / 8P
   Precision Low Drift SOT-23 Voltage Reference with Shutdown
REV. 0
ADR318 AD-ADR318 Datasheet
484Kb / 12P
   Precision Low Drift SOT-23 Voltage Reference with Shutdown
REV. A
More results

Similar Description - ADR370ART-R2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADR381 AD-ADR381_15 Datasheet
246Kb / 16P
   Precision Low Drift 2.048 V/2.500 V SOT-23 Voltage Reference
REV. C
ADR380 AD-ADR380_15 Datasheet
246Kb / 16P
   Precision Low Drift 2.048 V/2.500 V SOT-23 Voltage Reference
REV. C
ADR381ART AD-ADR381ART Datasheet
246Kb / 16P
   Precision Low Drift 2.048 V/2.500 V SOT-23 Voltage Reference
REV. C
ADR380 AD-ADR380 Datasheet
316Kb / 12P
   Precision Low-Drift 2.048 V/2.500 V SOT-23 Voltage References
REV. A
ADR390 AD-ADR390 Datasheet
402Kb / 20P
   Precision Low Drift 2.048 V/2.5 V/4.096 V/ 5.0 V SOT-23 Reference with Shutdown
Rev. F
logo
National Semiconductor ...
LM4132 NSC-LM4132 Datasheet
863Kb / 15P
   SOT-23 Precision Low Dropout Voltage Reference
logo
Texas Instruments
LM4132_016 TI1-LM4132_016 Datasheet
784Kb / 36P
[Old version datasheet]   SOT-23 Precision Low Dropout Voltage Reference
logo
National Semiconductor ...
LM4132 NSC-LM4132_06 Datasheet
1Mb / 20P
   SOT-23 Precision Low Dropout Voltage Reference
logo
Texas Instruments
LM4132 TI-LM4132 Datasheet
1Mb / 38P
[Old version datasheet]   LM4132 SOT-23 Precision Low Dropout Voltage Reference
logo
Analog Devices
ADR318 AD-ADR318_15 Datasheet
484Kb / 12P
   Precision Low Drift SOT-23 Voltage Reference with Shutdown
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com