Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCV8800SDW33 Datasheet(PDF) 4 Page - ON Semiconductor

Part # NCV8800SDW33
Description  Synchronous Buck Regulator with 1.0 Amp Switch
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV8800SDW33 Datasheet(HTML) 4 Page - ON Semiconductor

  NCV8800SDW33 Datasheet HTML 1Page - ON Semiconductor NCV8800SDW33 Datasheet HTML 2Page - ON Semiconductor NCV8800SDW33 Datasheet HTML 3Page - ON Semiconductor NCV8800SDW33 Datasheet HTML 4Page - ON Semiconductor NCV8800SDW33 Datasheet HTML 5Page - ON Semiconductor NCV8800SDW33 Datasheet HTML 6Page - ON Semiconductor NCV8800SDW33 Datasheet HTML 7Page - ON Semiconductor NCV8800SDW33 Datasheet HTML 8Page - ON Semiconductor NCV8800SDW33 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
NCV8800 Series
http://onsemi.com
4
ELECTRICAL CHARACTERISTICS (−40
°C ≤ TJ ≤ 125°C; Sequenced ENABLE Option: 3.5 V ≤ VIN ≤ 16 V,
3.5 V
≤ VIN2 ≤ 16 V, AUXILIARY = 6.0 V, ENABLE = 5.0 V; High Voltage ENABLE Option: 6.0 V ≤ VIN ≤ 16 V, 6.0 V ≤ VIN2 ≤ 16 V;
unless otherwise stated.)
Characteristic
Test Conditions
Min
Typ
Max
Unit
General
Quiescent Current (VIN2)
Sleep Mode
Operating
ENABLE = 0 V, VIN = 12.6 V,
TJ = −40°C
ENABLE = 0 V, VIN = 12.6 V,
TJ = 25°C, 125°C
ENABLE = 5.0 V, VIN = 13.5 V, IOUT = 0
40
30
15
µA
µA
mA
Switching Frequency
180
200
230
kHz
Switching Duty Cycle
85
90
95
%
Thermal Shutdown
Note 3
150
165
200
°C
Feedback
Feedback Voltage Threshold, 2.6 V Option (VFB)
2.522
2.6
2.678
V
Feedback Voltage Threshold, 3.3 V Option (VFB)
3.201
3.3
3.399
V
Feedback Voltage Threshold, 5.0 V Option (VFB)
4.850
5.0
5.150
V
Feedback Voltage Threshold, 7.5 V Option (VFB)
7.275
7.5
7.725
V
RESET
Undervoltage RESET Threshold, 2.6 V Option
VOUT Increasing
VOUT Decreasing
2.44
2.40
VFB
VFB − 0.04
V
V
Undervoltage RESET Hysteresis, 2.6 V Option
40
mV
Overvoltage RESET Threshold, 2.6 V Option
VOUT Increasing
VOUT Decreasing
VFB + 0.04
VFB
2.80
2.76
V
V
Overvoltage RESET Hysteresis, 2.6 V Option
40
mV
Undervoltage RESET Threshold, 3.3 V Option
VOUT Increasing
VOUT Decreasing
3.10
3.04
VFB
VFB − 0.05
V
V
Undervoltage RESET Hysteresis, 3.3 V Option
50
mV
Overvoltage RESET Threshold, 3.3 V Option
VOUT Increasing
VOUT Decreasing
VFB + 0.05
VFB
3.56
3.51
V
V
Overvoltage RESET Hysteresis, 3.3 V Option
50
mV
Undervoltage RESET Threshold, 5.0 V Option
VOUT Increasing
VOUT Decreasing
4.70
4.61
VFB
VFB − 0.075
V
V
Undervoltage RESET Hysteresis, 5.0 V Option
75
mV
Overvoltage RESET Threshold, 5.0 V Option
VOUT Increasing
VOUT Decreasing
VFB + 0.075
VFB
5.39
5.31
V
V
Overvoltage RESET Hysteresis, 5.0 V Option
75
mV
Undervoltage RESET Threshold, 7.5 V Option
VOUT Increasing
VOUT Decreasing
7.05
6.92
VFB
VFB − 0.115
V
V
Undervoltage RESET Hysteresis, 7.5 V Option
115
mV
Overvoltage RESET Threshold, 7.5 V Option
VOUT Increasing
VOUT Decreasing
VFB + 0.115
VFB
8.08
7.96
V
V
Overvoltage RESET Hysteresis, 7.5 V Option
115
mV
3. Guaranteed By Design.


Similar Part No. - NCV8800SDW33

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8800 ONSEMI-NCV8800 Datasheet
3Mb / 4P
   AC-DC Offline Switching Controllers/Regulators
Rev.0, Jun-2005
More results

Similar Description - NCV8800SDW33

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC22600 MICREL-MIC22600 Datasheet
541Kb / 17P
   1MHz 6A Integrated Switch Synchronous Buck Regulator
MIC22600 MICREL-MIC22600_09 Datasheet
647Kb / 29P
   1MHz, 6A Integrated Switch Synchronous Buck Regulator
logo
ON Semiconductor
NCP5252 ONSEMI-NCP5252 Datasheet
1Mb / 16P
   2.0 A, 1.0 MHz Integrated Synchronous Buck Regulator with Light Load Efficiency
January, 2010 ??Rev. 0
logo
Micrel Semiconductor
MIC22600 MICREL-MIC22600_11 Datasheet
1Mb / 32P
   1MHz, 6A Integrated Switch Synchronous Buck Regulator
logo
ON Semiconductor
NCP5252 ONSEMI-NCP5252_12 Datasheet
1Mb / 16P
   2.0 A, 1.0 MHz Integrated Synchronous Buck Regulator with Light Load Efficiency
July, 2012 ??Rev. 4
NCP1597 ONSEMI-NCP1597_13 Datasheet
346Kb / 13P
   Synchronous Buck Regulator
April, 2013 ??Rev. 3
logo
Altera Corporation
ER3110DI ALTERA-ER3110DI Datasheet
2Mb / 23P
   Synchronous Buck Regulator
logo
Sanken electric
NR885E SANKEN-NR885E Datasheet
627Kb / 12P
   Synchronous Buck Regulator
logo
ON Semiconductor
FAN53701 ONSEMI-FAN53701 Datasheet
320Kb / 13P
   Synchronous Buck Regulator
January, 2017 ??Rev. 1
logo
Micrel Semiconductor
MIC22601 MICREL-MIC22601 Datasheet
785Kb / 18P
   4 MHz, 6A Integrated Switch Synchronous Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com