Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NJW4302FA1 Datasheet(PDF) 7 Page - New Japan Radio

Part # NJW4302FA1
Description  THREE-PHASE DC BRUSHLESS MOTOR CONTROL IC
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJW4302FA1 Datasheet(HTML) 7 Page - New Japan Radio

Back Button NJW4302FA1 Datasheet HTML 3Page - New Japan Radio NJW4302FA1 Datasheet HTML 4Page - New Japan Radio NJW4302FA1 Datasheet HTML 5Page - New Japan Radio NJW4302FA1 Datasheet HTML 6Page - New Japan Radio NJW4302FA1 Datasheet HTML 7Page - New Japan Radio NJW4302FA1 Datasheet HTML 8Page - New Japan Radio NJW4302FA1 Datasheet HTML 9Page - New Japan Radio NJW4302FA1 Datasheet HTML 10Page - New Japan Radio NJW4302FA1 Datasheet HTML 11Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
Preliminary
NJW4302
-7 -
sELECTRICAL CHARACTERISTICS / Ta=25
°°°°C,V+=5.0V
PARAMETER
SYMBOL
CONDITION
MIN.
TYP.
MAX.
UNIT
Supply current 1
ICC1
-
38
55
mA
Supply current 2
ICC2
in stop mode
-
8
18
mA
Output saturation voltage
VO (sat) UL,VL and WL terminal Io=20mA
-
0.2
0.7
V
Output current
IO
UH,VH and WH
terminal Vout=1.4V
-20
-16
-12
mA
Output leakage current
IO(leak)
UL,VL,WL output
-
-
100
µA
Output off voltage
VO(off)
UH,VH,WH output
-
-
0.5
V
•HALL AMPLIFIER
PARAMETER
SYMBOL TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Input bias current
IHB(HA)
-4
-1
-
µA
Common mode input voltage range
VICM
1.5
-
VCC-1.5
V
Hall input sensitivity
∆VIN(HA)
-
60
-
mVP-P
Hysteresis
∆VIN(HA)
17
32
60
mV
Input voltage Low → High
VSLH
8
16
30
mV
Input voltage High →Low
VSHL
-30
-16
-8
mV
••••CR OSCILLATOR
PARAMETER
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Output high level voltage
VOH(CR)
2.4
2.7
3.0
V
Output low level voltage
VOL(CR)
1.3
1.6
1.9
V
RC oscillation frequency
f(CR)
R=75kΩ,C=1500pF
-
19
-
kHz
RC oscillation voltage
V(CR)
0.9
1.1
1.3
VP-P
••••CLOCK OSCILLATOR
PARAMETER
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Output high level voltage
VOH(RK)
2.7
3.0
3.3
V
Output low level voltage
VOL(RK)
0.1
0.4
0.7
V
External capacitor charge current
ICHG1
-
-10
-
µA
External capacitor discharge current
ICHG2
-
10
-
µA
Clock oscillation frequency
f(RK)
C=0.068µF
-
35
-
Hz
RC oscillation voltage
V(RK)
2.4
2.6
2.8
VP-P
•VCO OSCILLATOR (PLL COUNTER)
PARAMETER
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
C-terminal high-level output voltage
VOH(C)
1.15
1.25
1.35
V
C-terminal low-level output voltage
VOL(C)
0.9
1.0
1.1
V
VCO oscillation frequency
f(C)
-
-
1.0
MHz
Amplitude
V(C)
0.15
0.25
0.6
VP-P


Similar Part No. - NJW4302FA1

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJW4301 NJRC-NJW4301 Datasheet
225Kb / 11P
   2 CHANNEL BRIDGE DRIVER IC
NJW4301D NJRC-NJW4301D Datasheet
225Kb / 11P
   2 CHANNEL BRIDGE DRIVER IC
NJW4301M NJRC-NJW4301M Datasheet
225Kb / 11P
   2 CHANNEL BRIDGE DRIVER IC
NJW4303 NJRC-NJW4303 Datasheet
345Kb / 28P
   PWM 3-PHASE DC BRUSHLESS MOTOR CONTROLLER
NJW4303 NJRC-NJW4303 Datasheet
155Kb / 1P
   Hall Element-PWM Type 3-Phase Motor Control IC
More results

Similar Description - NJW4302FA1

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HA13565F HITACHI-HA13565F Datasheet
62Kb / 17P
   Three-Phase Brushless DC Motor Driver IC
HA13536F HITACHI-HA13536F Datasheet
62Kb / 16P
   Three-Phase Brushless DC Motor Driver IC
logo
Sanyo Semicon Device
LB1881M SANYO-LB1881M Datasheet
115Kb / 6P
   Three-Phase Brushless Motor Driver IC
LB1854M SANYO-LB1854M Datasheet
107Kb / 6P
   Three-Phase Brushless Motor Driver IC
logo
Toshiba Semiconductor
TA8492P TOSHIBA-TA8492P Datasheet
178Kb / 13P
   Three-Phase Full-Wave Brushless DC Motor Driver IC
TA8492P TOSHIBA-TA8492P_06 Datasheet
245Kb / 14P
   Three-Phase Full-Wave Brushless DC Motor Driver IC
logo
Intersil Corporation
HIP4011 INTERSIL-HIP4011 Datasheet
34Kb / 4P
   Three Phase Brushless DC Motor Controller
logo
Hitachi Semiconductor
HA13441 HITACHI-HA13441 Datasheet
143Kb / 6P
   THREE PHASE BRUSHLESS DC MOTOR DRIVER
logo
Texas Instruments
DRV10970 TI1-DRV10970 Datasheet
672Kb / 38P
[Old version datasheet]   Three-Phase Brushless DC Motor Driver
logo
Hitachi Semiconductor
HA13532NT HITACHI-HA13532NT Datasheet
68Kb / 16P
   Three-Phase Stepping Motor Control IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com