Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C139-25JI Datasheet(PDF) 2 Page - Cypress Semiconductor

Part # CY7C139-25JI
Description  4K x 8/9 Dual-Port Static RAM
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C139-25JI Datasheet(HTML) 2 Page - Cypress Semiconductor

  CY7C139-25JI Datasheet HTML 1Page - Cypress Semiconductor CY7C139-25JI Datasheet HTML 2Page - Cypress Semiconductor CY7C139-25JI Datasheet HTML 3Page - Cypress Semiconductor CY7C139-25JI Datasheet HTML 4Page - Cypress Semiconductor CY7C139-25JI Datasheet HTML 5Page - Cypress Semiconductor CY7C139-25JI Datasheet HTML 6Page - Cypress Semiconductor CY7C139-25JI Datasheet HTML 7Page - Cypress Semiconductor CY7C139-25JI Datasheet HTML 8Page - Cypress Semiconductor CY7C139-25JI Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
CY7C138
CY7C139
2
Pin Configurations
\
Notes:
3.
I/O8R on the CY7C139.
4.
I/O8L on the CY7C139.
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
67
Top View
68-Pin PLCC
60
59
58
57
56
55
54
53
52
51
50
49
48
3132 3334353637383940414243
5 4321 68
66 65 64 63 62 61
A4L
A3L
A2L
A1L
A0L
INTL
BUSYL
GND
M/S
BUSYR
INTR
A0R
I/O2L
I/O3L
I/O4L
I/O5L
GND
I/O6L
I/O7L
VCC
GND
I/O0R
I/O1R
I/O2R
VCC
2728 29 30
98 7 6
47
46
45
44
A1R
A2R
A3R
A4R
I/O3R
I/O4R
I/O5R
I/O6R
25
26
A5L
C138-2
CY7C138/9
Pin Definitions
Left Port
Right Port
Description
I/O0L–7L(8L)
I/O0R–7R(8R)
Data Bus Input/Output
A0L–11L
A0R–11R
Address Lines
CEL
CER
Chip Enable
OEL
OER
Output Enable
R/WL
R/WR
Read/Write Enable
SEML
SEMR
Semaphore Enable. When asserted LOW, allows access to eight sema-
phores. The three least significant bits of the address lines will determine
which semaphore to write or read. The I/O0 pin is used when writing to a
semaphore. Semaphores are requested by writing a 0 into the respective
location.
INTL
INTR
Interrupt Flag. INTL is set when right port writes location FFE and is cleared
when left port reads location FFE. INTR is set when left port writes location
FFF and is cleared when right port reads location FFF.
BUSYL
BUSYR
Busy Flag
M/S
Master or Slave Select
VCC
Power
GND
Ground
Selection Guide
7C138-15
7C139-15
7C138-25
7C139-25
7C138-35
7C139-35
7C138-55
7C139-55
Maximum Access Time (ns)
15
25
35
55
Maximum Operating
Current (mA)
Commercial
220
180
160
160
Maximum Standby
Current for ISB1(mA)
Commercial
60
40
30
30


Similar Part No. - CY7C139-25JI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C139-25JI CYPRESS-CY7C139-25JI Datasheet
476Kb / 16P
   4K x 8/9 Dual-Port Static RAM with Sem, Int, Busy
More results

Similar Description - CY7C139-25JI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7B146 CYPRESS-CY7B146 Datasheet
382Kb / 12P
   4K x 8 Dual-Port Static RAMs and 4K x 8 Dual-Port Static RAM with Semaphores
CY7B134 CYPRESS-CY7B134 Datasheet
588Kb / 15P
   4K x 8 Dual-Port Static RAMs and 4K x 8 Dual-Port Static RAM with Semaphores
CY7C138 CYPRESS-CY7C138_05 Datasheet
476Kb / 16P
   4K x 8/9 Dual-Port Static RAM with Sem, Int, Busy
CY7C138 CYPRESS-CY7C138_09 Datasheet
567Kb / 17P
   4K x 8/9 Dual-Port Static RAM with Sem, Int, Busy
CY7C138AV CYPRESS-CY7C138AV Datasheet
544Kb / 20P
   3.3V 4K/8K/16K/32K x 8/9 Dual-Port Static RAM
logo
Integrated Device Techn...
IDT71342SA IDT-IDT71342SA_12 Datasheet
318Kb / 14P
   HIGH SPEED 4K X 8 DUAL-PORT STATIC RAM
logo
Cypress Semiconductor
CY7C135 CYPRESS-CY7C135_05 Datasheet
400Kb / 12P
   4K x 8 Dual-Port Static RAM and 4K x 8 Dual-Port SRAM with Semaphores
CY7C135 CYPRESS-CY7C135 Datasheet
506Kb / 12P
   4K x 8 Dual-Port Static RAM and 4K x 8 Dual-Port SRAM with Semaphores
logo
Integrated Device Techn...
IDT7134SA IDT-IDT7134SA Datasheet
110Kb / 9P
   HIGH-SPEED 4K x 8 DUAL-PORT STATIC RAM
IDT70V35 IDT-IDT70V35 Datasheet
216Kb / 25P
   HIGH-SPEED 3.3V 8/4K x 18 DUAL-PORT 8/4K x 16 DUAL-PORT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com