Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C138-55JI Datasheet(PDF) 7 Page - Cypress Semiconductor

Part # CY7C138-55JI
Description  4K x 8/9 Dual-Port Static RAM
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C138-55JI Datasheet(HTML) 7 Page - Cypress Semiconductor

Back Button CY7C138-55JI Datasheet HTML 3Page - Cypress Semiconductor CY7C138-55JI Datasheet HTML 4Page - Cypress Semiconductor CY7C138-55JI Datasheet HTML 5Page - Cypress Semiconductor CY7C138-55JI Datasheet HTML 6Page - Cypress Semiconductor CY7C138-55JI Datasheet HTML 7Page - Cypress Semiconductor CY7C138-55JI Datasheet HTML 8Page - Cypress Semiconductor CY7C138-55JI Datasheet HTML 9Page - Cypress Semiconductor CY7C138-55JI Datasheet HTML 10Page - Cypress Semiconductor CY7C138-55JI Datasheet HTML 11Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
CY7C138
CY7C139
7
Notes:
19. BUSY = HIGH for the writing port.
20. CEL = CER = LOW.
21. The internal write time of the memory is defined by the overlap of CE or SEM LOW and R/W LOW. Both signals must be LOW to initiate a write, and either signal can
terminate a write by going HIGH. The data input set-up and hold timing should be referenced to the rising edge of the signal that terminates the write.
22. If OE is LOW during a R/W controlled write cycle, the write pulse width must be the larger of tPWE or (tHZWE + tSD) to allow the I/O drivers to turn off and data to be placed on the
bus for the required tSD. If OE is HIGH during a R/W controlled write cycle (as in this example), this requirement does not apply and the write pulse can be as short as the specified
tPWE.
23. R/W must be HIGH during all address transitions.
Switching Waveforms (continued)
VALID
tDDD
tWDD
MATCH
MATCH
R/WR
DATA INR
DATAOUTL
C138-10
tWC
ADDRESS R
t
PWE
VALID
t
SD
t
HD
ADDRESS L
Read Timing with Port-to-Port Delay (M/S = L)
[19, 20]
C138-11
tAW
tWC
DATA VALID
HIGH IMPEDANCE
tSCE
tSA
tPWE
tHD
tSD
tHA
tHZOE
t
LZOE
SEM OR CE
R/W
OE
DATA OUT
DATA IN
ADDRESS
Write Cycle No. 1: OE Three-States Data I/Os (Either Port)
[21, 22, 23]


Similar Part No. - CY7C138-55JI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C138-55JI CYPRESS-CY7C138-55JI Datasheet
476Kb / 16P
   4K x 8/9 Dual-Port Static RAM with Sem, Int, Busy
CY7C138-55JI CYPRESS-CY7C138-55JI Datasheet
567Kb / 17P
   4K x 8/9 Dual-Port Static RAM with Sem, Int, Busy
More results

Similar Description - CY7C138-55JI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7B146 CYPRESS-CY7B146 Datasheet
382Kb / 12P
   4K x 8 Dual-Port Static RAMs and 4K x 8 Dual-Port Static RAM with Semaphores
CY7B134 CYPRESS-CY7B134 Datasheet
588Kb / 15P
   4K x 8 Dual-Port Static RAMs and 4K x 8 Dual-Port Static RAM with Semaphores
CY7C138 CYPRESS-CY7C138_05 Datasheet
476Kb / 16P
   4K x 8/9 Dual-Port Static RAM with Sem, Int, Busy
CY7C138 CYPRESS-CY7C138_09 Datasheet
567Kb / 17P
   4K x 8/9 Dual-Port Static RAM with Sem, Int, Busy
CY7C138AV CYPRESS-CY7C138AV Datasheet
544Kb / 20P
   3.3V 4K/8K/16K/32K x 8/9 Dual-Port Static RAM
logo
Integrated Device Techn...
IDT71342SA IDT-IDT71342SA_12 Datasheet
318Kb / 14P
   HIGH SPEED 4K X 8 DUAL-PORT STATIC RAM
logo
Cypress Semiconductor
CY7C135 CYPRESS-CY7C135_05 Datasheet
400Kb / 12P
   4K x 8 Dual-Port Static RAM and 4K x 8 Dual-Port SRAM with Semaphores
CY7C135 CYPRESS-CY7C135 Datasheet
506Kb / 12P
   4K x 8 Dual-Port Static RAM and 4K x 8 Dual-Port SRAM with Semaphores
logo
Integrated Device Techn...
IDT7134SA IDT-IDT7134SA Datasheet
110Kb / 9P
   HIGH-SPEED 4K x 8 DUAL-PORT STATIC RAM
IDT70V35 IDT-IDT70V35 Datasheet
216Kb / 25P
   HIGH-SPEED 3.3V 8/4K x 18 DUAL-PORT 8/4K x 16 DUAL-PORT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com