Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL8300ISZ-T7 Datasheet(PDF) 11 Page - Intersil Corporation

Part # EL8300ISZ-T7
Description  200MHz Rail-to-Rail Amplifier
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL8300ISZ-T7 Datasheet(HTML) 11 Page - Intersil Corporation

Back Button EL8300ISZ-T7 Datasheet HTML 6Page - Intersil Corporation EL8300ISZ-T7 Datasheet HTML 7Page - Intersil Corporation EL8300ISZ-T7 Datasheet HTML 8Page - Intersil Corporation EL8300ISZ-T7 Datasheet HTML 9Page - Intersil Corporation EL8300ISZ-T7 Datasheet HTML 10Page - Intersil Corporation EL8300ISZ-T7 Datasheet HTML 11Page - Intersil Corporation EL8300ISZ-T7 Datasheet HTML 12Page - Intersil Corporation EL8300ISZ-T7 Datasheet HTML 13Page - Intersil Corporation EL8300ISZ-T7 Datasheet HTML 14Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
11
Typical Applications
VIDEO SYNC PULSE REMOVER
Many CMOS analog to digital converters have a parasitic
latch up problem when subjected to negative input voltage
levels. Since the sync tip contains no useful video
information and it is a negative going pulse, we can chop it
off. Figure 28 shows a gain of 2 connections for EL8300.
Figure 29 shows the complete input video signal applied at
the input, as well as the output signal with the negative going
sync pulse removed.
MULTIPLEXER
Besides the normal power down usage, the ENABLE pin of
the EL8300 can be used for multiplexing applications.
Figure 30 shows two channels with the outputs tied together,
driving a back terminated 75
Ω video load. A 2VP-P 2MHz
sine wave is applied to Amp A and a 1VP-P 2MHz sine wave
is applied to Amp B. Figure 31 shows the ENABLE signal
and the resulting output waveform at VOUT. Observe the
break-before-make operation of the multiplexing. Amp A is
on and VIN1 is passed through to the output when the
ENABLE signal is low and turns off in about 25ns when the
ENABLE signal is high. About 200ns later, Amp B turns on
and VIN2 is passed through to the output. The break-before-
make operation ensures that more than one amplifier isn’t
trying to drive the bus at the same time.
SINGLE SUPPLY VIDEO LINE DRIVER
The EL8300 is wideband rail-to-rail output op amplifiers with
large output current, excellent dG, dP, and low distortion that
allow them to drive video signals in low supply applications.
Figure 32 is the single supply non-inverting video line driver
configuration and Figure 33 is the inverting video ling driver
configuration. The signal is AC coupled by C1. R1 and R2
are used to level shift the input and output to provide the
largest output swing. RF and RG set the AC gain. C2 isolates
the virtual ground potential. RT and R3 are the termination
resistors for the line. C1, C2 and C3 are selected big enough
to minimize the droop of the luminance signal.
FIGURE 28. SYNC PULSE REMOVER
5V
1K
VOUT
VIN
75
+
-
75
1K
75
VS+
VS-
FIGURE 29. VIDEO SIGNAL
1V
0.5V
0V
1V
0.5V
0V
M = 10µs/DIV
VOUT
VIN
FIGURE 30. TWO TO ONE MULTIPLEXER
+2.5V
1K
2MHz
75
+
-
1K
75
-2.5V
VOUT
75
1VP-P
B
+2.5V
1K
2MHz
+
-
1K
75
-2.5V
2VP-P
A
ENABLE
FIGURE 31. ENABLE SIGNAL
0V
-0.5V
-1.5V
-2.5V
1V
0V
M = 50ns/DIV
A
ENABLE
B
-1V
EL8300


Similar Part No. - EL8300ISZ-T7

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
EL8300ISZ-T7 RENESAS-EL8300ISZ-T7 Datasheet
1Mb / 14P
   200MHz Rail-to-Rail Amplifier
More results

Similar Description - EL8300ISZ-T7

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
EL8300 RENESAS-EL8300 Datasheet
1Mb / 14P
   200MHz Rail-to-Rail Amplifier
logo
E-CMOS Corporation
EC5912 E-CMOS-EC5912 Datasheet
605Kb / 10P
   200MHz, CMOS, Rail-to-Rail Output Operational Amplifier
logo
Intersil Corporation
EL8200 INTERSIL-EL8200 Datasheet
1Mb / 15P
   200MHz Rail-to-Rail Amplifiers
EL8100 INTERSIL-EL8100_07 Datasheet
343Kb / 13P
   200MHz Rail-to-Rail Amplifiers
EL8100 INTERSIL-EL8100 Datasheet
564Kb / 14P
   200MHz Rail-to-Rail Amplifiers
EL8200 INTERSIL-EL8200_07 Datasheet
395Kb / 15P
   200MHz Rail-to-Rail Amplifiers
logo
Renesas Technology Corp
EL8200 RENESAS-EL8200 Datasheet
830Kb / 16P
   200MHz Rail-to-Rail Amplifiers
logo
Intersil Corporation
EL8100ISZ INTERSIL-EL8100ISZ Datasheet
561Kb / 14P
   200MHz Rail-to-Rail Amplifiers
September 14, 2010
EL8200 INTERSIL-EL8200_06 Datasheet
726Kb / 15P
   200MHz Rail-to-Rail Amplifiers
logo
Renesas Technology Corp
EL8100 RENESAS-EL8100 Datasheet
748Kb / 14P
   200MHz Rail-to-Rail Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com