Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL8300IU-T13 Datasheet(PDF) 7 Page - Intersil Corporation

Part # EL8300IU-T13
Description  200MHz Rail-to-Rail Amplifier
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL8300IU-T13 Datasheet(HTML) 7 Page - Intersil Corporation

Back Button EL8300IU-T13 Datasheet HTML 3Page - Intersil Corporation EL8300IU-T13 Datasheet HTML 4Page - Intersil Corporation EL8300IU-T13 Datasheet HTML 5Page - Intersil Corporation EL8300IU-T13 Datasheet HTML 6Page - Intersil Corporation EL8300IU-T13 Datasheet HTML 7Page - Intersil Corporation EL8300IU-T13 Datasheet HTML 8Page - Intersil Corporation EL8300IU-T13 Datasheet HTML 9Page - Intersil Corporation EL8300IU-T13 Datasheet HTML 10Page - Intersil Corporation EL8300IU-T13 Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
7
FIGURE 19. CHANNEL SEPARATION vs FREQUENCY
FIGURE 20. LARGE SIGNAL TRANSIENT RESPONSE
FIGURE 21. OUTPUT SWING
FIGURE 22. SMALL SIGNAL TRANSIENT RESPONSE
FIGURE 23. OUTPUT SWING
FIGURE 24. DISABLED RESPONSE
Typical Performance Curves (Continued)
-10
-30
-50
-70
-100
100K
1M
10M
100M
1G
FREQUENCY (Hz)
-20
-40
-60
-80
-90
CH1<=>CH2
CH2<=>CH3
CH1<=>CH3
VS=5V, AV=1, RL=1kΩ to 2.5V
10ns/DIV
0
5
2.5
VS=5V, AV=5, RL=1kΩ to 2.5V
2µs/DIV
0
5
2.5
VS=5V, AV=1, RL=1kΩ to 2.5V CL=1.5pF
10ns/DIV
2.4
2.5
2.6
VS=5V, AV=5, RL=1kΩ to 2.5V
2µs/DIV
0
5
2.5
VS=±2.5V, AV=1, RL=1kΩ
CH1, CH2, 0.5V/DIV, M=20ns
CH2
CH1
ENABLE
INPUT
OUTPUT
EL8300


Similar Part No. - EL8300IU-T13

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
EL8300IU-T13 RENESAS-EL8300IU-T13 Datasheet
1Mb / 14P
   200MHz Rail-to-Rail Amplifier
More results

Similar Description - EL8300IU-T13

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
EL8300 RENESAS-EL8300 Datasheet
1Mb / 14P
   200MHz Rail-to-Rail Amplifier
logo
E-CMOS Corporation
EC5912 E-CMOS-EC5912 Datasheet
605Kb / 10P
   200MHz, CMOS, Rail-to-Rail Output Operational Amplifier
logo
Intersil Corporation
EL8200 INTERSIL-EL8200 Datasheet
1Mb / 15P
   200MHz Rail-to-Rail Amplifiers
EL8100 INTERSIL-EL8100_07 Datasheet
343Kb / 13P
   200MHz Rail-to-Rail Amplifiers
EL8100 INTERSIL-EL8100 Datasheet
564Kb / 14P
   200MHz Rail-to-Rail Amplifiers
EL8200 INTERSIL-EL8200_07 Datasheet
395Kb / 15P
   200MHz Rail-to-Rail Amplifiers
logo
Renesas Technology Corp
EL8200 RENESAS-EL8200 Datasheet
830Kb / 16P
   200MHz Rail-to-Rail Amplifiers
logo
Intersil Corporation
EL8100ISZ INTERSIL-EL8100ISZ Datasheet
561Kb / 14P
   200MHz Rail-to-Rail Amplifiers
September 14, 2010
EL8200 INTERSIL-EL8200_06 Datasheet
726Kb / 15P
   200MHz Rail-to-Rail Amplifiers
logo
Renesas Technology Corp
EL8100 RENESAS-EL8100 Datasheet
748Kb / 14P
   200MHz Rail-to-Rail Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com