Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL8300IU-T7 Datasheet(PDF) 4 Page - Intersil Corporation

Part # EL8300IU-T7
Description  200MHz Rail-to-Rail Amplifier
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL8300IU-T7 Datasheet(HTML) 4 Page - Intersil Corporation

  EL8300IU-T7 Datasheet HTML 1Page - Intersil Corporation EL8300IU-T7 Datasheet HTML 2Page - Intersil Corporation EL8300IU-T7 Datasheet HTML 3Page - Intersil Corporation EL8300IU-T7 Datasheet HTML 4Page - Intersil Corporation EL8300IU-T7 Datasheet HTML 5Page - Intersil Corporation EL8300IU-T7 Datasheet HTML 6Page - Intersil Corporation EL8300IU-T7 Datasheet HTML 7Page - Intersil Corporation EL8300IU-T7 Datasheet HTML 8Page - Intersil Corporation EL8300IU-T7 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
4
Typical Performance Curves
FIGURE 1. FREQUENCY RESPONSE FOR VARIOUS OUTPUT
VOLTAGE LEVELS
FIGURE 2. SMALL SIGNAL FREQUENCY RESPONSE FOR
VARIOUS RLOAD
FIGURE 3. SMALL SIGNAL FREQUENCY RESPONSE FOR
VARIOUS NON-INVERTING GAINS
FIGURE 4. SMALL SIGNAL FREQUENCY RESPONSE FOR
VARIOUS INVERTING GAINS
FIGURE 5. SMALL SIGNAL FREQUENCY RESPONSE FOR
VARIOUS CL
FIGURE 6. SMALL SIGNAL FREQUENCY RESPONSE FOR
VARIOUS CL
4
2
0
-2
-4
-6
100K
1M
10M
100M
1G
FREQUENCY (Hz)
VS=5V
AV=1
RL=1kΩ
CL=1.5pF
VOP-P=200mV
VOP-P=1V
VOP-P=2V
4
2
0
-2
-4
-6
100K
1M
10M
100M
1G
FREQUENCY (Hz)
VS=5V
AV=1
CL=1.5pF
RL=330Ω
RL=1kΩ
RL=100Ω
4
2
0
-2
-4
-6
100K
1M
10M
100M
1G
FREQUENCY (Hz)
VS=5V
RL=1kΩ
CL=1.5pF
AV=1
AV=10
AV=5
AV=2
4
2
0
-2
-4
-6
100K
1M
10M
100M
1G
FREQUENCY (Hz)
VS=5V
RL=1kΩ
CL=1.5pF
RF=1kΩ
AV=-10
AV=-2
AV=-5
5
3
1
-1
-3
-5
100K
1M
10M
100M
1G
FREQUENCY (Hz)
VS=5V
AV=1
RL=1kΩ
VOP-P=200mV
CL=10pF
CL=7pF
CL=5pF
CL=1.5pF
14
10
6
2
-2
-6
100K
1M
10M
100M
1G
FREQUENCY (Hz)
CL=15pF
CL=1.5pF
CL=56pF
CL=35pF
VS=5V
AV=2
RL=1kΩ
RF=RG=1kΩ
-12
-8
-4
0
4
EL8300


Similar Part No. - EL8300IU-T7

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
EL8300IU-T7 RENESAS-EL8300IU-T7 Datasheet
1Mb / 14P
   200MHz Rail-to-Rail Amplifier
More results

Similar Description - EL8300IU-T7

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
EL8300 RENESAS-EL8300 Datasheet
1Mb / 14P
   200MHz Rail-to-Rail Amplifier
logo
E-CMOS Corporation
EC5912 E-CMOS-EC5912 Datasheet
605Kb / 10P
   200MHz, CMOS, Rail-to-Rail Output Operational Amplifier
logo
Intersil Corporation
EL8200 INTERSIL-EL8200 Datasheet
1Mb / 15P
   200MHz Rail-to-Rail Amplifiers
EL8100 INTERSIL-EL8100_07 Datasheet
343Kb / 13P
   200MHz Rail-to-Rail Amplifiers
EL8100 INTERSIL-EL8100 Datasheet
564Kb / 14P
   200MHz Rail-to-Rail Amplifiers
EL8200 INTERSIL-EL8200_07 Datasheet
395Kb / 15P
   200MHz Rail-to-Rail Amplifiers
logo
Renesas Technology Corp
EL8200 RENESAS-EL8200 Datasheet
830Kb / 16P
   200MHz Rail-to-Rail Amplifiers
logo
Intersil Corporation
EL8100ISZ INTERSIL-EL8100ISZ Datasheet
561Kb / 14P
   200MHz Rail-to-Rail Amplifiers
September 14, 2010
EL8200 INTERSIL-EL8200_06 Datasheet
726Kb / 15P
   200MHz Rail-to-Rail Amplifiers
logo
Renesas Technology Corp
EL8100 RENESAS-EL8100 Datasheet
748Kb / 14P
   200MHz Rail-to-Rail Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com