Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL8300IS-T13 Datasheet(PDF) 10 Page - Intersil Corporation

Part # EL8300IS-T13
Description  200MHz Rail-to-Rail Amplifier
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL8300IS-T13 Datasheet(HTML) 10 Page - Intersil Corporation

Back Button EL8300IS-T13 Datasheet HTML 6Page - Intersil Corporation EL8300IS-T13 Datasheet HTML 7Page - Intersil Corporation EL8300IS-T13 Datasheet HTML 8Page - Intersil Corporation EL8300IS-T13 Datasheet HTML 9Page - Intersil Corporation EL8300IS-T13 Datasheet HTML 10Page - Intersil Corporation EL8300IS-T13 Datasheet HTML 11Page - Intersil Corporation EL8300IS-T13 Datasheet HTML 12Page - Intersil Corporation EL8300IS-T13 Datasheet HTML 13Page - Intersil Corporation EL8300IS-T13 Datasheet HTML 14Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
10
Driving Capacitive Loads and Cables
The EL8100, EL8101 can drive 10pF loads in parallel with
1k
Ω with less than 5dB of peaking at gain of +1. If less
peaking is desired in applications, a small series resistor
(usually between 5
Ω to 50Ω) can be placed in series with the
output to eliminate most peaking. However, this will reduce
the gain slightly. If the gain setting is greater than 1, the gain
resistor RG can then be chosen to make up for any gain loss
which may be created by the additional series resistor at the
output.
When used as a cable driver, double termination is always
recommended for reflection-free performance. For those
applications, a back-termination series resistor at the
amplifier’s output will isolate the amplifier from the cable and
allow extensive capacitive drive. However, other applications
may have high capacitive loads without a back-termination
resistor. Again, a small series resistor at the output can help
to reduce peaking.
Disable/Power-Down
The EL8300 can be disabled and placed its output in a high
impedance state. The turn off time for each channel is about
25ns and the turn on time is about 200ns. When disabled,
the amplifier’s supply current is reduced to 30µA typically,
thereby effectively eliminating the power consumption. The
amplifier’s power down can be controlled by standard TTL or
CMOS signal levels at the ENABLE pin. The applied logic
signal is relative to VS- pin. Letting the ENABLE pin float or
applying a signal that is less than 0.8V above VS- will enable
the amplifier. The amplifier will be disabled when the signal
at ENABLE pin is 2V above VS-.
Output Drive Capability
The EL8300 does not have internal short circuit protection
circuitry. They have a typical short circuit current of 70mA
sourcing and 140mA sinking for the output is connected to
half way between the rails with a 10
Ω resistor. If the output is
shorted indefinitely, the power dissipation could easily
increase such that the part will be destroyed. Maximum
reliability is maintained if the output current never exceeds
±40mA. This limit is set by the design of the internal metal
interconnections.
Power Dissipation
With the high output drive capability of the EL8300, it is
possible to exceed the 125
°C absolute maximum junction
temperature under certain load current conditions.
Therefore, it is important to calculate the maximum junction
temperature for the application to determine if the load
conditions or package types need to be modified for the
amplifier to remain in the safe operating area.
The maximum power dissipation allowed in a package is
determined according to:
Where:
TJMAX = Maximum junction temperature
TAMAX = Maximum ambient temperature
θJA = Thermal resistance of the package
The maximum power dissipation actually produced by an IC
is the total quiescent supply current times the total power
supply voltage, plus the power in the IC due to the load, or:
For sourcing:
For sinking:
Where:
VS = Total supply voltage
ISMAX = Maximum quiescent supply current
VOUTi = Maximum output voltage of the application for
each channel
RLOADi = Load resistance tied to ground for each channel
ILOADi = Load current for each channel
By setting the two PDMAX equations equal to each other, we
can solve the output current and RLOADi to avoid the device
overheat.
Power Supply Bypassing and Printed Circuit
Board Layout
As with any high frequency device, a good printed circuit
board layout is necessary for optimum performance. Lead
lengths should be as sort as possible. The power supply pin
must be well bypassed to reduce the risk of oscillation. For
normal single supply operation, where the VS- pin is
connected to the ground plane, a single 4.7µF tantalum
capacitor in parallel with a 0.1µF ceramic capacitor from VS+
to GND will suffice. This same capacitor combination should
be placed at each supply pin to ground if split supplies are to
be used. In this case, the VS- pin becomes the negative
supply rail.
For good AC performance, parasitic capacitance should be
kept to a minimum. Use of wire wound resistors should be
avoided because of their additional series inductance. Use
of sockets should also be avoided if possible. Sockets add
parasitic inductance and capacitance that can result in
compromised performance. Minimizing parasitic capacitance
at the amplifier’s inverting input pin is very important. The
feedback resistor should be placed very close to the
inverting input pin. Strip line design techniques are
recommended for the signal traces.
PD
MAX
T
JMAX
T
AMAX
θ
JA
---------------------------------------------
=
PD
MAX
V
S
I
SMAX
V
S
V
OUTi
()
V
OUTi
R
Li
-----------------
×
i1
=
3
+
×
=
PD
MAX
V
S
I
SMAX
V
OUTi
V
S-
() I
LOADi
×
i1
=
3
+
×
=
EL8300


Similar Part No. - EL8300IS-T13

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
EL8300IS-T13 RENESAS-EL8300IS-T13 Datasheet
1Mb / 14P
   200MHz Rail-to-Rail Amplifier
More results

Similar Description - EL8300IS-T13

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
EL8300 RENESAS-EL8300 Datasheet
1Mb / 14P
   200MHz Rail-to-Rail Amplifier
logo
E-CMOS Corporation
EC5912 E-CMOS-EC5912 Datasheet
605Kb / 10P
   200MHz, CMOS, Rail-to-Rail Output Operational Amplifier
logo
Intersil Corporation
EL8200 INTERSIL-EL8200 Datasheet
1Mb / 15P
   200MHz Rail-to-Rail Amplifiers
EL8100 INTERSIL-EL8100_07 Datasheet
343Kb / 13P
   200MHz Rail-to-Rail Amplifiers
EL8100 INTERSIL-EL8100 Datasheet
564Kb / 14P
   200MHz Rail-to-Rail Amplifiers
EL8200 INTERSIL-EL8200_07 Datasheet
395Kb / 15P
   200MHz Rail-to-Rail Amplifiers
logo
Renesas Technology Corp
EL8200 RENESAS-EL8200 Datasheet
830Kb / 16P
   200MHz Rail-to-Rail Amplifiers
logo
Intersil Corporation
EL8100ISZ INTERSIL-EL8100ISZ Datasheet
561Kb / 14P
   200MHz Rail-to-Rail Amplifiers
September 14, 2010
EL8200 INTERSIL-EL8200_06 Datasheet
726Kb / 15P
   200MHz Rail-to-Rail Amplifiers
logo
Renesas Technology Corp
EL8100 RENESAS-EL8100 Datasheet
748Kb / 14P
   200MHz Rail-to-Rail Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com