Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C138-55 Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY7C138-55
Description  4K x 8/9 Dual-Port Static RAM
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C138-55 Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY7C138-55 Datasheet HTML 1Page - Cypress Semiconductor CY7C138-55 Datasheet HTML 2Page - Cypress Semiconductor CY7C138-55 Datasheet HTML 3Page - Cypress Semiconductor CY7C138-55 Datasheet HTML 4Page - Cypress Semiconductor CY7C138-55 Datasheet HTML 5Page - Cypress Semiconductor CY7C138-55 Datasheet HTML 6Page - Cypress Semiconductor CY7C138-55 Datasheet HTML 7Page - Cypress Semiconductor CY7C138-55 Datasheet HTML 8Page - Cypress Semiconductor CY7C138-55 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
4K x 8/9 Dual-Port Static RAM
fax id: 5204
CY7C138
CY7C139
Cypress Semiconductor Corporation
3901 North First Street
San Jose
CA 95134
408-943-2600
November 1996
1CY 7C13 9
Features
• True Dual-Ported memory cells which allow
simultaneous reads of the same memory location
• 4K x 8 organization (CY7C138)
• 4K x 9 organization (CY7C139)
• 0.65-micron CMOS for optimum speed/power
• High-speed access: 15 ns
• Low operating power: ICC = 160 mA (max.)
• Fully asynchronous operation
• Automatic power-down
• TTL compatible
• Expandable data bus to 32/36 bits or more using
Master/Slave chip select when using more than one
device
• On-chip arbitration logic
• Semaphores included to permit software handshaking
between ports
• INT flag for port-to-port communication
• Available in 68-pin PLCC
Functional Description
The CY7C138 and CY7C139 are high-speed CMOS 4K x 8
and 4K x 9 dual-port static RAMs. Various arbitration schemes
are included on the CY7C138/9 to handle situations when mul-
tiple processors access the same piece of data. Two ports are
provided permitting independent, asynchronous access for
reads and writes to any location in memory. The CY7C138/9
can be utilized as a standalone 8/9-bit dual-port static RAM or
multiple devices can be combined in order to function as a
16/18-bit or wider master/slave dual-port static RAM. An M/S
pin is provided for implementing 16/18-bit or wider memory
applications without the need for separate master and slave
devices or additional discrete logic. Application areas include
interprocessor/multiprocessor designs, communications sta-
tus buffering, and dual-port video/graphics memory.
Each port has independent control pins: chip enable (CE),
read or write enable (R/W), and output enable (OE). Two flags are
provided on each port (BUSY and INT). BUSY signals that the port is
trying to access the same location currently being accessed by the
other port. The interrupt flag (INT) permits communication between
ports or systems by means of a mail box. The semaphores are used
to pass a flag, or token, from one port to the other to indicate that a
shared resource is in use. The semaphore logic is comprised of eight
shared latches. Only one side can control the latch (semaphore) at
any time. Control of a semaphore indicates that a shared resource is
in use. An automatic power-down feature is controlled independently
on each port by a chip enable (CE) pin or SEM pin.
The CY7C138 and CY7C139 are available in a 68-pin PLCC.
Notes:
1.
BUSY is an output in master mode and an input in slave mode.
2.
Interrupt: push-pull output and requires no pull-up resistor.
C138-1
R/WL
CEL
OEL
A11L
A0L
A0R
A11R
R/W
R
CER
OE
R
I/O7L
I/O0L
I/O7R
I/O0R
INTERRUPT
SEMAPHORE
ARBITRATION
CONTROL
I/O
CONTROL
I/O
MEMORY
ARRAY
ADDRESS
DECODER
ADDRESS
DECODER
SEML
SEMR
BUSY
L
BUSY
R
INTL
INT
R
M/S
(7C139)I/O8L
I/O8R (7C139)
Logic BlockDiagram
[2]
[2]
[1, 2]
[1, 2]
R/WL
CEL
OEL
R/W
R
CER
OE
R


Similar Part No. - CY7C138-55

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C138-55JC CYPRESS-CY7C138-55JC Datasheet
476Kb / 16P
   4K x 8/9 Dual-Port Static RAM with Sem, Int, Busy
CY7C138-55JC CYPRESS-CY7C138-55JC Datasheet
567Kb / 17P
   4K x 8/9 Dual-Port Static RAM with Sem, Int, Busy
CY7C138-55JI CYPRESS-CY7C138-55JI Datasheet
476Kb / 16P
   4K x 8/9 Dual-Port Static RAM with Sem, Int, Busy
CY7C138-55JI CYPRESS-CY7C138-55JI Datasheet
567Kb / 17P
   4K x 8/9 Dual-Port Static RAM with Sem, Int, Busy
More results

Similar Description - CY7C138-55

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7B146 CYPRESS-CY7B146 Datasheet
382Kb / 12P
   4K x 8 Dual-Port Static RAMs and 4K x 8 Dual-Port Static RAM with Semaphores
CY7B134 CYPRESS-CY7B134 Datasheet
588Kb / 15P
   4K x 8 Dual-Port Static RAMs and 4K x 8 Dual-Port Static RAM with Semaphores
CY7C138 CYPRESS-CY7C138_05 Datasheet
476Kb / 16P
   4K x 8/9 Dual-Port Static RAM with Sem, Int, Busy
CY7C138 CYPRESS-CY7C138_09 Datasheet
567Kb / 17P
   4K x 8/9 Dual-Port Static RAM with Sem, Int, Busy
CY7C138AV CYPRESS-CY7C138AV Datasheet
544Kb / 20P
   3.3V 4K/8K/16K/32K x 8/9 Dual-Port Static RAM
logo
Integrated Device Techn...
IDT71342SA IDT-IDT71342SA_12 Datasheet
318Kb / 14P
   HIGH SPEED 4K X 8 DUAL-PORT STATIC RAM
logo
Cypress Semiconductor
CY7C135 CYPRESS-CY7C135_05 Datasheet
400Kb / 12P
   4K x 8 Dual-Port Static RAM and 4K x 8 Dual-Port SRAM with Semaphores
CY7C135 CYPRESS-CY7C135 Datasheet
506Kb / 12P
   4K x 8 Dual-Port Static RAM and 4K x 8 Dual-Port SRAM with Semaphores
logo
Integrated Device Techn...
IDT7134SA IDT-IDT7134SA Datasheet
110Kb / 9P
   HIGH-SPEED 4K x 8 DUAL-PORT STATIC RAM
IDT70V35 IDT-IDT70V35 Datasheet
216Kb / 25P
   HIGH-SPEED 3.3V 8/4K x 18 DUAL-PORT 8/4K x 16 DUAL-PORT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com