Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C138-35 Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # CY7C138-35
Description  4K x 8/9 Dual-Port Static RAM
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C138-35 Datasheet(HTML) 3 Page - Cypress Semiconductor

  CY7C138-35 Datasheet HTML 1Page - Cypress Semiconductor CY7C138-35 Datasheet HTML 2Page - Cypress Semiconductor CY7C138-35 Datasheet HTML 3Page - Cypress Semiconductor CY7C138-35 Datasheet HTML 4Page - Cypress Semiconductor CY7C138-35 Datasheet HTML 5Page - Cypress Semiconductor CY7C138-35 Datasheet HTML 6Page - Cypress Semiconductor CY7C138-35 Datasheet HTML 7Page - Cypress Semiconductor CY7C138-35 Datasheet HTML 8Page - Cypress Semiconductor CY7C138-35 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
CY7C138
CY7C139
3
Maximum Ratings
(Above which the useful life may be impaired. For user guide-
lines, not tested.)
Storage Temperature ................................. –65
°C to +150°C
Ambient Temperature with
Power Applied............................................. –55
°C to +125°C
Supply Voltage to Ground Potential ............... –0.5V to +7.0V
DC Voltage Applied to Outputs
in High Z State ............................................... –0.5V to +7.0V
DC Input Voltage[5]......................................... –0.5V to +7.0V
Output Current into Outputs (LOW)............................. 20 mA
Static Discharge Voltage .......................................... >2001V
(per MIL–STD–883, Method 3015)
Latch–Up Current ................................................... >200 mA
Operating Range
Range
Ambient
Temperature
VCC
Commercial
0
°C to +70°C
5V ± 10%
Industrial
–40
°C to +85°C
5V ± 10%
Electrical Characteristics Over the Operating Range
Parameter
Description
Test Conditions
7C138-15
7C139-15
7C138-25
7C139-25
Unit
Min.
Max.
Min.
Max.
VOH
Output HIGH Voltage
VCC = Min., IOH = –4.0 mA
2.4
2.4
V
VOL
Output LOW Voltage
VCC = Min., IOL = 4.0 mA
0.4
0.4
V
VIH
2.2
2.2
V
VIL
Input LOW Voltage
0.8
0.8
V
IIX
Input Leakage Current
GND < VI < VCC
–10
+10
–10
+10
µA
IOZ
Output Leakage Current
Output Disabled, GND < VO < VCC
–10
+10
–10
+10
µA
ICC
Operating Current
VCC = Max.,
IOUT = 0 mA,
Outputs Disabled
Com’l
220
180
mA
Ind
190
ISB1
Standby Current
(Both Ports TTL Levels)
CEL and CER > VIH,
f = fMAX
[6]
Com’l
60
40
mA
Ind
50
ISB2
Standby Current
(One Port TTL Level)
CEL and CER > VIH,
f = fMAX
[6]
Com’l
130
110
mA
Ind
120
ISB3
Standby Current
(Both Ports CMOS Levels)
Both Ports
CE and CER > VCC – 0.2V,
VIN > VCC – 0.2V
or VIN < 0.2V, f = 0
[6]
Com’l
15
15
mA
Ind
30
ISB4
Standby Current
(One Port CMOS Level)
One Port
CEL or CER > VCC – 0.2V,
VIN > VCC – 0.2V or
VIN < 0.2V, Active
Port Outputs, f = fMAX
[6]
Com’l
125
100
mA
Ind
115
Notes:
5.
Pulse width < 20 ns.
6.
fMAX = 1/tRC = All inputs cycling at f = 1/tRC (except output enable). f = 0 means no address or control lines change. This applies only to inputs at CMOS
level standby ISB3.


Similar Part No. - CY7C138-35

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C138-35JC CYPRESS-CY7C138-35JC Datasheet
476Kb / 16P
   4K x 8/9 Dual-Port Static RAM with Sem, Int, Busy
CY7C138-35JC CYPRESS-CY7C138-35JC Datasheet
567Kb / 17P
   4K x 8/9 Dual-Port Static RAM with Sem, Int, Busy
CY7C138-35JI CYPRESS-CY7C138-35JI Datasheet
476Kb / 16P
   4K x 8/9 Dual-Port Static RAM with Sem, Int, Busy
CY7C138-35JI CYPRESS-CY7C138-35JI Datasheet
567Kb / 17P
   4K x 8/9 Dual-Port Static RAM with Sem, Int, Busy
More results

Similar Description - CY7C138-35

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7B146 CYPRESS-CY7B146 Datasheet
382Kb / 12P
   4K x 8 Dual-Port Static RAMs and 4K x 8 Dual-Port Static RAM with Semaphores
CY7B134 CYPRESS-CY7B134 Datasheet
588Kb / 15P
   4K x 8 Dual-Port Static RAMs and 4K x 8 Dual-Port Static RAM with Semaphores
CY7C138 CYPRESS-CY7C138_05 Datasheet
476Kb / 16P
   4K x 8/9 Dual-Port Static RAM with Sem, Int, Busy
CY7C138 CYPRESS-CY7C138_09 Datasheet
567Kb / 17P
   4K x 8/9 Dual-Port Static RAM with Sem, Int, Busy
CY7C138AV CYPRESS-CY7C138AV Datasheet
544Kb / 20P
   3.3V 4K/8K/16K/32K x 8/9 Dual-Port Static RAM
logo
Integrated Device Techn...
IDT71342SA IDT-IDT71342SA_12 Datasheet
318Kb / 14P
   HIGH SPEED 4K X 8 DUAL-PORT STATIC RAM
logo
Cypress Semiconductor
CY7C135 CYPRESS-CY7C135_05 Datasheet
400Kb / 12P
   4K x 8 Dual-Port Static RAM and 4K x 8 Dual-Port SRAM with Semaphores
CY7C135 CYPRESS-CY7C135 Datasheet
506Kb / 12P
   4K x 8 Dual-Port Static RAM and 4K x 8 Dual-Port SRAM with Semaphores
logo
Integrated Device Techn...
IDT7134SA IDT-IDT7134SA Datasheet
110Kb / 9P
   HIGH-SPEED 4K x 8 DUAL-PORT STATIC RAM
IDT70V35 IDT-IDT70V35 Datasheet
216Kb / 25P
   HIGH-SPEED 3.3V 8/4K x 18 DUAL-PORT 8/4K x 16 DUAL-PORT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com