Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

COPCH880C Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # COPCH880C
Description  COP880C Microcontroller
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

COPCH880C Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button COPCH880C Datasheet HTML 7Page - National Semiconductor (TI) COPCH880C Datasheet HTML 8Page - National Semiconductor (TI) COPCH880C Datasheet HTML 9Page - National Semiconductor (TI) COPCH880C Datasheet HTML 10Page - National Semiconductor (TI) COPCH880C Datasheet HTML 11Page - National Semiconductor (TI) COPCH880C Datasheet HTML 12Page - National Semiconductor (TI) COPCH880C Datasheet HTML 13Page - National Semiconductor (TI) COPCH880C Datasheet HTML 14Page - National Semiconductor (TI) COPCH880C Datasheet HTML 15Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 31 page
background image
Typical Performance Characteristics (−40˚C ≤ T
A ≤ +85˚C) (Continued)
Pin Descriptions
V
CC and GND are the power supply pins.
CKI is the clock input. This can come from an external
source, a R/C generated oscillator or a crystal (in conjunc-
tion with CKO). See Oscillator description.
RESET is the master reset input. See Reset description.
PORT I is an 8-bit Hi-Z input port. The 28-pin device does not
have a full complement of Port I pins. The unavailable pins
are not terminated i.e., they are floating. A read operation for
these unterminated pins will return unpredictable values.
The user must ensure that the software takes this into ac-
count by either masking or restricting the accesses to bit
operations. The unterminated Port I pins will draw power
only when addressed.
PORT L is an 8-bit I/O port.
PORT C is a 4-bit I/O port.
Three memory locations are allocated for the L, G and C
ports, one each for data register, configuration register and
the input pins. Reading bits 4–7 of the C-Configuration reg-
ister, data register, and input pins returns undefined data.
There are two registers associated with the L and C ports: a
data register and a configuration register. Therefore, each L
and C I/O bit can be individually configured under software
control as shown below:
Con-
fig.
Data
Ports L and C Setup
0
0
Hi-Z Input (TRI-STATE Output)
0
1
Input with Pull-Up (Weak One Output)
1
0
Push-Pull Zero Output
1
1
Push-Pull One Output
On the 28-pin part, it is recommended that all bits of Port C
be configured as outputs.
PORT G is an 8-bit port with 6 I/O pins (G0–G5) and 2 input
pins (G6, G7). All eight G-pins have Schmitt Triggers on the
inputs.
There are two registers associated with the G port: a data
register and a configuration register. Therefore, each G port
bit can be individually configured under software control as
shown below:
Con-
fig.
Data
Port G Setup
0
0
Hi-Z Input (TRI-STATE Output)
0
1
Input with Pull-Up (Weak One Output)
1
0
Push-Pull Zero Output
1
1
Push-Pull One Output
Since G6 and G7 are input only pins, any attempt by the user
to configure them as outputs by writing a one to the configu-
ration register will be disregarded. Reading the G6 and G7
configuration bits will return zeros. The device will be placed
in the HALT mode by writing to the G7 bit in the G-port data
register.
Six pins of Port G have alternate features:
G0 INTR (an external interrupt)
G3 TIO (timer/counter input/output)
G4 SO (MICROWIRE serial data output)
G5 SK (MICROWIRE clock I/O)
G6 SI (MICROWIRE serial data input)
G7 CKO crystal oscillator output (selected by mask option)
or HALT restart input (general purpose input)
Pins G1 and G2 currently do not have any alternate func-
tions.
PORT D is an 8-bit output port that is preset high when
RESET goes low. Care must be exercised with the D2 pin
operation. At RESET, the external loads on this pin must
ensure that the output voltages stay above 0.9 V
CC to pre-
vent the chip from entering special modes. Also, keep the
external loading on D2 to less than 1000 pF.
Functional Description
Figure 1 shows the block diagram of the internal architec-
ture. Data paths are illustrated in simplified form to depict
how the various logic elements communicate with each
other in implementing the instruction set of the device.
ALU AND CPU REGISTERS
The ALU can do an 8-bit addition, subtraction, logical or shift
operation in one cycle time.
There are five CPU registers:
A is the 8-bit Accumulator register
PU is the upper 7 bits of the program counter (PC)
PL is the lower 8 bits of the program counter (PC)
Port D Sink Current
DS010802-22
www.national.com
11


Similar Part No. - COPCH880C

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
COPCH820C NSC-COPCH820C Datasheet
368Kb / 26P
   8-Bit CMOS ROM Based Microcontrollers with 1k or 2k
COPCH820CJ NSC-COPCH820CJ Datasheet
425Kb / 32P
   8-bit Microcontroller with with Multi-Input Wake Up and Brown Detecter
COPCH822C NSC-COPCH822C Datasheet
368Kb / 26P
   8-Bit CMOS ROM Based Microcontrollers with 1k or 2k
COPCH822CJ NSC-COPCH822CJ Datasheet
425Kb / 32P
   8-bit Microcontroller with with Multi-Input Wake Up and Brown Detecter
COPCH823CJ NSC-COPCH823CJ Datasheet
425Kb / 32P
   8-bit Microcontroller with with Multi-Input Wake Up and Brown Detecter
More results

Similar Description - COPCH880C

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
ELANSC520 AMD-ELANSC520 Datasheet
6Mb / 440P
   Microcontroller
logo
Texas Instruments
LM3S9B92-IQC80-C5 TI1-LM3S9B92-IQC80-C5 Datasheet
273Kb / 3P
[Old version datasheet]   Microcontroller
LM4F112C4QC TI1-LM4F112C4QC Datasheet
5Mb / 1189P
[Old version datasheet]   Microcontroller
logo
Bookham, Inc.
LM3S818 BOOKHAM-LM3S818 Datasheet
2Mb / 395P
   Microcontroller
logo
List of Unclassifed Man...
LM3S2965 ETC2-LM3S2965 Datasheet
5Mb / 542P
   Microcontroller
LM3S1960 ETC2-LM3S1960 Datasheet
4Mb / 492P
   Microcontroller
LM3S6916 ETC2-LM3S6916 Datasheet
5Mb / 535P
   Microcontroller
LM3S817 ETC2-LM3S817 Datasheet
2Mb / 379P
   Microcontroller
LM3S801 ETC2-LM3S801 Datasheet
2Mb / 397P
   Microcontroller
LM3S617 ETC2-LM3S617 Datasheet
2Mb / 379P
   Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com