Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

COPCH880C Datasheet(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # COPCH880C
Description  COP880C Microcontroller
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

COPCH880C Datasheet(HTML) 9 Page - National Semiconductor (TI)

Back Button COPCH880C Datasheet HTML 5Page - National Semiconductor (TI) COPCH880C Datasheet HTML 6Page - National Semiconductor (TI) COPCH880C Datasheet HTML 7Page - National Semiconductor (TI) COPCH880C Datasheet HTML 8Page - National Semiconductor (TI) COPCH880C Datasheet HTML 9Page - National Semiconductor (TI) COPCH880C Datasheet HTML 10Page - National Semiconductor (TI) COPCH880C Datasheet HTML 11Page - National Semiconductor (TI) COPCH880C Datasheet HTML 12Page - National Semiconductor (TI) COPCH880C Datasheet HTML 13Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 31 page
background image
DC Electrical Characteristics (Continued)
COP68xC: −55˚C
≤ T
A ≤ +125˚C unless otherwise specified
Parameter
Condition
Min
Typ
Max
Units
Maximum Input Current (Room Temp)
without Latchup (Note 20)
Room Temp
±100
mA
RAM Retention Voltage, Vr (Note 21)
500 ns Rise and Fall Time (Min)
2.5
V
Input Capacitance
7pF
Load Capacitance on D2
1000
pF
Note 16:
Absolute maximum ratings indicate limits beyond which damage to the device may occur. DC and AC electrical specifications are not ensured when
operating the device at absolute maximum ratings.
Note 17: Rate of voltage change must be less than 0.5V/ms.
Note 18: Supply current is measured after running 2000 cycles with a square wave CKI input, CKO open, inputs at rails and outputs open.
Note 19: The HALT mode will stop CKI from oscillating in the RC and the Crystal configurations. Test conditions: All inputs tied to VCC, L and G ports TRI-STATE
and tied to ground, all outputs low and tied to ground.
Note 20: Pins G6 and RESET are designed with a high voltage input network for factory testing. These pins allow input voltages greater than VCC and the pins will
have sink current to VCC when biased at voltages greater than VCC (the pins do not have source current when biased at a voltage below VCC). The effective
resistance to VCC is 750Ω (typical). These two pins will not latch up. The voltage at the pins must be limited to less than 14V.
Note 21: To maintain RAM integrity, the voltage must not be dropped or raised instantaneously.
COP680C/COP681C/COP682C
AC Electrical Characteristics
−55˚C
≤ T
A ≤ +125˚C unless otherwise specified
Parameter
Condition
Min
Typ
Max
Units
Instruction Cycle Time (tc)
Ext. or Crystal/Resonant
V
CC ≥ 4.5V
1
DC
µs
(Div-by 10)
CKI Clock Duty Cycle
fr = Max
40
60
%
(Note 22)
Rise Time (Note 22)
fr = 10 MHz Ext Clock
12
ns
Fall Time (Note 22)
fr = 10 MHz Ext Clock
8
ns
MICROWIRE Setup Time (t
UWS)20
ns
MICROWIRE Hold Time (t
UWH)56
ns
MICROWIRE Output Valid
220
ns
Time (t
UPD)
Input Pulse Width
Interrupt Input High Time
t
C
Interrupt Input Low Time
t
C
Timer Input High Time
t
C
Timer Input Low Time
t
C
Reset Pulse Width
1
µs
Note 22: Parameter characterized but not production tested.
www.national.com
9


Similar Part No. - COPCH880C

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
COPCH820C NSC-COPCH820C Datasheet
368Kb / 26P
   8-Bit CMOS ROM Based Microcontrollers with 1k or 2k
COPCH820CJ NSC-COPCH820CJ Datasheet
425Kb / 32P
   8-bit Microcontroller with with Multi-Input Wake Up and Brown Detecter
COPCH822C NSC-COPCH822C Datasheet
368Kb / 26P
   8-Bit CMOS ROM Based Microcontrollers with 1k or 2k
COPCH822CJ NSC-COPCH822CJ Datasheet
425Kb / 32P
   8-bit Microcontroller with with Multi-Input Wake Up and Brown Detecter
COPCH823CJ NSC-COPCH823CJ Datasheet
425Kb / 32P
   8-bit Microcontroller with with Multi-Input Wake Up and Brown Detecter
More results

Similar Description - COPCH880C

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
ELANSC520 AMD-ELANSC520 Datasheet
6Mb / 440P
   Microcontroller
logo
Texas Instruments
LM3S9B92-IQC80-C5 TI1-LM3S9B92-IQC80-C5 Datasheet
273Kb / 3P
[Old version datasheet]   Microcontroller
LM4F112C4QC TI1-LM4F112C4QC Datasheet
5Mb / 1189P
[Old version datasheet]   Microcontroller
logo
Bookham, Inc.
LM3S818 BOOKHAM-LM3S818 Datasheet
2Mb / 395P
   Microcontroller
logo
List of Unclassifed Man...
LM3S2965 ETC2-LM3S2965 Datasheet
5Mb / 542P
   Microcontroller
LM3S1960 ETC2-LM3S1960 Datasheet
4Mb / 492P
   Microcontroller
LM3S6916 ETC2-LM3S6916 Datasheet
5Mb / 535P
   Microcontroller
LM3S817 ETC2-LM3S817 Datasheet
2Mb / 379P
   Microcontroller
LM3S801 ETC2-LM3S801 Datasheet
2Mb / 397P
   Microcontroller
LM3S617 ETC2-LM3S617 Datasheet
2Mb / 379P
   Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com