Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HM5164165FTT-6 Datasheet(PDF) 9 Page - Hitachi Semiconductor

Part # HM5164165FTT-6
Description  64M EDO DRAM (4-Mword x 16-bit) 8k refresh/4k refresh
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HM5164165FTT-6 Datasheet(HTML) 9 Page - Hitachi Semiconductor

Back Button HM5164165FTT-6 Datasheet HTML 5Page - Hitachi Semiconductor HM5164165FTT-6 Datasheet HTML 6Page - Hitachi Semiconductor HM5164165FTT-6 Datasheet HTML 7Page - Hitachi Semiconductor HM5164165FTT-6 Datasheet HTML 8Page - Hitachi Semiconductor HM5164165FTT-6 Datasheet HTML 9Page - Hitachi Semiconductor HM5164165FTT-6 Datasheet HTML 10Page - Hitachi Semiconductor HM5164165FTT-6 Datasheet HTML 11Page - Hitachi Semiconductor HM5164165FTT-6 Datasheet HTML 12Page - Hitachi Semiconductor HM5164165FTT-6 Datasheet HTML 13Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 37 page
background image
HM5164165F Series, HM5165165F Series
9
DC Characteristics (HM5164165F Series)
HM5164165F
-5
-6
Parameter
Symbol Min
Max
Min
Max
Unit
Test conditions
Operating current*
1, *2
I
CC1
120
110
mA
t
RC = min
Standby current
I
CC2
2
2
mA
TTL interface
RAS, UCAS, LCAS = V
IH
Dout = High-Z
0.5
0.5
mA
CMOS interface
RAS, UCAS,
LCAS
≥ V
CC – 0.2 V
Dout = High-Z
Standby current
(L-version)
I
CC2
300
300
µA
CMOS interface
RAS, UCAS,
LCAS
≥ V
CC – 0.2 V
Dout = High-Z
RAS-only refresh current*
2
I
CC3
120
110
mA
t
RC = min
Standby current*
1
I
CC5
—5
5
mA
RAS = V
IH
UCAS, LCAS = V
IL
Dout = enable
CAS-before-RAS refresh
current
I
CC6
120
110
mA
t
RC = min
EDO page mode current*
1, *3
I
CC7
120
110
mA
RAS = V
IL , CAS cycle,
t
HPC = tHPC min
Battery backup current*
4
(Standby with CBR refresh)
(L-version)
I
CC10
1.2
1.2
mA
CMOS interface
Dout = High-Z
CBR refresh: t
RC = 15.6 µs
t
RAS ≤ 0.3 µs
Self refresh mode current
(L-version)
I
CC11
500
500
µA
CMOS interface
RAS, UCAS, LCAS
≤ 0.2 V
Dout = High-Z
Input leakage current
I
LI
–5
5
–5
5
µA
0 V
≤ Vin ≤ V
CC + 0.3 V
Output leakage current
I
LO
–5
5
–5
5
µA
0 V
≤ Vout ≤ V
CC
Dout = disable
Output high voltage
V
OH
2.4
V
CC
2.4
V
CC
V
High Iout = –2 mA
Output low voltage
V
OL
0
0.4
0
0.4
V
Low Iout = 2 mA
Notes: 1. I
CC depends on output load condition when the device is selected.
I
CC max is specified at the output
open condition.
2. Address can be changed once or less while
RAS = V
IL.
3. Measured with one sequential address change per EDO cycle, t
HPC.
4. V
IH ≥ VCC – 0.2 V, 0 V ≤ VIL ≤ 0.2 V.


Similar Part No. - HM5164165FTT-6

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
HM5164165FTT-6 ELPIDA-HM5164165FTT-6 Datasheet
315Kb / 36P
   64M EDO DRAM (4-Mword 횞 16-bit) 8k refresh/4k refresh
More results

Similar Description - HM5164165FTT-6

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
HM5164165F ELPIDA-HM5164165F Datasheet
315Kb / 36P
   64M EDO DRAM (4-Mword 횞 16-bit) 8k refresh/4k refresh
logo
Hitachi Semiconductor
HM5112805F-6 HITACHI-HM5112805F-6 Datasheet
480Kb / 34P
   128M EDO DRAM (16-Mword x 8-bit) 8k refresh/4k refresh
logo
Elpida Memory
HM5112805FLTD-6 ELPIDA-HM5112805FLTD-6 Datasheet
214Kb / 32P
   128M EDO DRAM (16-Mword 횞 8-bit) 8k refresh/4k refresh
HM5112805FTD-5 ELPIDA-HM5112805FTD-5 Datasheet
270Kb / 31P
   128M EDO DRAM (16-Mword 횞 8-bit) 8k refresh/4k refresh
logo
Hitachi Semiconductor
HM5116405 HITACHI-HM5116405 Datasheet
316Kb / 35P
   16M EDO DRAM (4-MWORD X 4-BIT) 4K REFRESH / 2K REFRESH
logo
Elpida Memory
HM5113165FTD-6 ELPIDA-HM5113165FTD-6 Datasheet
257Kb / 27P
   128M EDO DRAM (8-Mword 횞 16-bit) 4k refresh
HM5113165LTD-6 ELPIDA-HM5113165LTD-6 Datasheet
272Kb / 31P
   128M EDO DRAM (8-Mword 횞 16-bit) 4k refresh
HM51W16165 ELPIDA-HM51W16165 Datasheet
618Kb / 35P
   16 M EDO DRAM (1-Mword x 16-bit) 4 k Refresh/1 k Refresh
logo
Hitachi Semiconductor
HM51W16165 HITACHI-HM51W16165 Datasheet
461Kb / 36P
   16 M EDO DRAM (1-Mword 16-bit) 4 k Refresh/1 k Refresh
HM5116100 HITACHI-HM5116100 Datasheet
217Kb / 24P
   16M FP DRAM (16-Mword x 1-bit) 4k Refresh
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com