Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IBM39MPEGCS24PFA16C Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # IBM39MPEGCS24PFA16C
Description  CS24 Digital Audio/Video Decoders
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

IBM39MPEGCS24PFA16C Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  IBM39MPEGCS24PFA16C Datasheet HTML 1Page - List of Unclassifed Manufacturers IBM39MPEGCS24PFA16C Datasheet HTML 2Page - List of Unclassifed Manufacturers IBM39MPEGCS24PFA16C Datasheet HTML 3Page - List of Unclassifed Manufacturers IBM39MPEGCS24PFA16C Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Specifications
Technology
0.25-micron process, 4 levels of metal
Ambient temperature
0° C to 70° C
Nominal supply voltage
3.3 volts +/- 5%, 2.5 volts +/- 5%
Power dissipation
1 watt (nominal)
Packaging
208-pin, 28-mm PQFP
Part numbers
IBM39 MPEGCS24 PFA16C
IBM39 MPEGCS24E PFA16C
IBM39 MPEGCS24D PFA16C
IBM39 MPEGCS24DE PFA16C
CS24E and CS24DE enhancements
The new CS24 family of decoders,
the CS24E and CS24DE, offer the
functions and capabilities of their
earlier counterparts with the following
enhancements:
Encoded Dolby Digital Pass-Through
The CS24E chip can accept com-
pressed Dolby AC/3 data and pass
it, undecoded, through the SPDIF
output port. This encoded Dolby
stream can then be decoded by
other external devices.
SMPTE 302M Support
The CS24E and CS24DE chips can
accept SMPTE 302M audio data
in the transport stream and play
that data over the analog ports of
the chip.
Enhanced Audio/Video Statistical Output
The CS24E and CS24DE decoders
can provide expanded information
about the audio and video streams
being decoded by the chips. This
information includes data such
as video bit rate, audio bit rate,
audio sample rate, and a host of
other statistics.
Outstanding Technology and Technical
Customer Support Help Make Design
Integration Easier
When you use CS24 decoders, you
get the IBM Blue Logic® CMOS and
packaging technologies to help you
incorporate more functionality into
smaller, more economical products.
You also get the benefit of the CS24
decoder support team’s close ties to
IBM Research — one of the most
prominent research organizations in
our industry. And with online access to
technical support documentation, as
well as access to application engin-
eering support, you don’t need to face
your development challenges alone.
For more information, visit our Web
site at www.chips.ibm.com.


Similar Part No. - IBM39MPEGCS24PFA16C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IBM31T1100 ETC-IBM31T1100 Datasheet
89Kb / 8P
   Integrated Infrared Transceiver Module
IBM31T1100A ETC-IBM31T1100A Datasheet
89Kb / 8P
   Integrated Infrared Transceiver Module
More results

Similar Description - IBM39MPEGCS24PFA16C

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS4923 CIRRUS-CS4923 Datasheet
678Kb / 56P
   Multi-Channel Digital Audio Decoders
logo
Intersil Corporation
TW2960 INTERSIL-TW2960 Datasheet
142Kb / 2P
   4-CH 960H Video Decoders and Audio Codecs
January 18, 2012
logo
Renesas Technology Corp
TW2960 RENESAS-TW2960 Datasheet
3Mb / 147P
   4-CH 960H Video Decoders and Audio Codecs
Sep 6, 2012
logo
Davicom Semiconductor, ...
DM5866 DAVICOM-DM5866 Datasheet
66Kb / 3P
   4-Channel 960H Video Decoders and Audio Codecs
DM5865 DAVICOM-DM5865 Datasheet
68Kb / 3P
   4-Channel 720H Video Decoders and Audio Codecs
logo
Micronas
VPX3226E MICRONAS-VPX3226E Datasheet
616Kb / 92P
   Video Pixel Decoders
logo
List of Unclassifed Man...
VPX3220A ETC-VPX3220A Datasheet
752Kb / 80P
   Video Pixel Decoders
logo
Micronas
VPX322XE MICRONAS-VPX322XE Datasheet
567Kb / 92P
   Video Pixel Decoders
logo
Tripp Lite. All Rights ...
HTRL15UPS TRIPPLITE-HTRL15UPS Datasheet
493Kb / 5P
   Audio/Video Digital UPS
HT1000UPS TRIPPLITE-HT1000UPS Datasheet
507Kb / 5P
   Audio/Video Digital UPS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com