Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FLM1213-4F Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # FLM1213-4F
Description  Ku-Band Internally Matched FET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

FLM1213-4F Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  FLM1213-4F Datasheet HTML 1Page - List of Unclassifed Manufacturers FLM1213-4F Datasheet HTML 2Page - List of Unclassifed Manufacturers FLM1213-4F Datasheet HTML 3Page - List of Unclassifed Manufacturers FLM1213-4F Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4
FLM1213-4F
X, Ku-Band Internally Matched FET
2-R 1.25
±0.15
(0.049)
0.5
(0.020)
8.1
(0.319)
13.0
±0.15
(0.512)
16.5
±0.15
(0.650)
3.2 Max.
(0.126)
1.8
±0.15
(0.071)
0.1
(0.004)
Case Style "IA"
Metal-Ceramic Hermetic Package
Unit: mm(inches)
1. Gate
2. Source (Flange)
3. Drain
4. Source (Flange)
1
2
3
4
Eudyna Devices Inc. products contain gallium arsenide
(GaAs) which can be hazardous to the human body and the environment.
For safety, observe the following procedures:
CAUTION
• Do not put this product into the mouth.
• Do not alter the form of this product into a gas, powder, or liquid
through burning, crushing, or chemical processing as these by-products
are dangerous to the human body if inhaled, ingested, or swallowed.
• Observe government laws and company regulations when discarding this
product. This product must be discarded in accordance with methods
specified by applicable hazardous waste procedures.
For further information please contact:
Eudyna Devices USA Inc.
2355 Zanker Rd.
San Jose, CA 95131-1138, U.S.A.
TEL: (408) 232-9500
FAX: (408) 428-9111
www.us.eudyna.com
Eudyna Devices Europe Ltd.
Network House
Norreys Drive
Maidenhead, Berkshire SL6 4FJ
United Kingdom
TEL: +44 (0) 1628 504800
FAX: +44 (0) 1628 504888
Eudyna Devices Asia Pte Ltd.
Hong Kong Branch
Rm. 1101, Ocean Centre, 5 Canton Rd.
Tsim Sha Tsui, Kowloon, Hong Kong
TEL: +852-2377-0227
FAX: +852-2377-3921
Eudyna Devices Inc.
Sales Division
1, Kanai-cho, Sakae-ku
Yokohama, 244-0845, Japan
TEL: +81-45-853-8156
FAX: +81-45-853-8170
Eudyna Devices Inc. reserves the right to change products and specifications
without notice. The information does not convey any license under rights of
Eudyna Devices Inc. or others.
© 2004 Eudyna Devices USA Inc.
Printed in U.S.A.


Similar Part No. - FLM1213-4F

ManufacturerPart #DatasheetDescription
logo
Eudyna Devices Inc
FLM1213-12F EUDYNA-FLM1213-12F Datasheet
254Kb / 4P
   X, Ku-Band Internally Matched FET
FLM1213-6F EUDYNA-FLM1213-6F Datasheet
298Kb / 4P
   X, Ku-Band Internally Matched FET
FLM1213-8F EUDYNA-FLM1213-8F Datasheet
298Kb / 4P
   X, Ku-Band Internally Matched FET
More results

Similar Description - FLM1213-4F

ManufacturerPart #DatasheetDescription
logo
Eudyna Devices Inc
FLM0910-3F EUDYNA-FLM0910-3F Datasheet
311Kb / 4P
   X, Ku-Band Internally Matched FET
FLM1011-20F EUDYNA-FLM1011-20F Datasheet
280Kb / 5P
   X,Ku-Band Internally Matched FET
FLM1213-8F EUDYNA-FLM1213-8F Datasheet
298Kb / 4P
   X, Ku-Band Internally Matched FET
FLM1314-6F EUDYNA-FLM1314-6F Datasheet
300Kb / 4P
   X, Ku-Band Internally Matched FET
FLM0910-8F EUDYNA-FLM0910-8F Datasheet
259Kb / 4P
   X, Ku-Band Internally Matched FET
FLM1011-6F EUDYNA-FLM1011-6F Datasheet
298Kb / 4P
   X, Ku-Band Internally Matched FET
FLM1213-12F EUDYNA-FLM1213-12F Datasheet
254Kb / 4P
   X, Ku-Band Internally Matched FET
FLM1414-6F EUDYNA-FLM1414-6F Datasheet
296Kb / 4P
   X, Ku-Band Internally Matched FET
FLM1414-12F EUDYNA-FLM1414-12F Datasheet
252Kb / 4P
   X, Ku-Band Internally Matched FET
logo
List of Unclassifed Man...
FLM8596-4F ETC1-FLM8596-4F Datasheet
305Kb / 4P
   X, Ku-Band Internally Matched FET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com