Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D6015L Datasheet(PDF) 2 Page - Littelfuse

Part # D6015L
Description  Teccor manufactures 15 A rms to 25 A rms rectifiers with voltages rated from 200V to 1000V
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

D6015L Datasheet(HTML) 2 Page - Littelfuse

  D6015L Datasheet HTML 1Page - Littelfuse D6015L Datasheet HTML 2Page - Littelfuse D6015L Datasheet HTML 3Page - Littelfuse D6015L Datasheet HTML 4Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
http://www.littelfuse.com
E7 - 2
©2004 Littelfuse, Inc.
+ 1 972-580-7777
Thyristor Product Catalog
Rectifiers
Data Sheets
Test Conditions
I2t — RMS surge (non-repetitive) forward current for 8.3 ms for fusing
IF(AV) — Average forward current
IF(RMS) — RMS forward current
IFSM — Peak one-cycle surge current
IRM — Peak reverse current
RθJC — Thermal resistance (steady state) junction to case
VFM — Peak forward voltage at rated average forward current
VR — DC blocking voltage
VRRM — Peak repetitive reverse voltage
General Notes
Operating temperature range (TJ) is -40 °C to +125 °C.
Storage temperature range (TS) is -40 °C to +125 °C.
Lead solder temperature is a maximum of 230
°C for 10 seconds
maximum at a minimum of 1/16" (1.59 mm) from case.
The case temperature (TC) is measured as shown on dimensional
outline drawings in the “Package Dimensions” section of this
catalog.
Teccor's electrically-isolated TO-220 devices withstand a high
potential test of 2500 V ac rms from leads to mounting tab over the
operating temperature range.
Typical Reverse Recovery Time (trr) is 4 µs. (Test conditions =
0.9 A forward current and 1.5 A reverse current.)
Electrical Specification Notes
(1) See Figure E7.3 for current rating at specified case temperature.
(2) For more than one full cycle rating, see Figure E7.4.
(3) TC = TJ for test conditions
(4) See package outlines for lead form configurations. When ordering
special lead forming, add type number as suffix to part number.
Electrical Isolation
* UL Recognized File #E71639
** For 4000 V isolation, use “V” suffix in the part number.
Type
Part Number
VRRM
VR
IF(AV)
IF(RMS)
IFSM
IRM
VFM
I2t
RθJC
Isolated
TO-220
Volts
Volts
(1)
Amps
Amps
(2)
Amps
(3)
mA
Volts
Amps2Sec
°C/W
60/50 Hz
TC =
25
°C
TC =
100
°C
TC =
125
°CTC=25 °C
See “Package Dimensions”
section for variations. (4)
MIN
MIN
MAX
MAX
MAX
MAX
TYP
15 A
D2015L
200
200
9.5
15
225/188
0.1
0.5
1
1.6
210
2.85
D4015L
400
400
9.5
15
225/188
0.1
0.5
1
1.6
210
2.85
D6015L
600
600
9.5
15
225/188
0.1
0.5
1
1.6
210
2.85
D8015L
800
800
9.5
15
225/188
0.1
0.5
1
1.6
210
2.85
DK015L
1000
1000
9.5
15
225/188
0.1
3
1.6
210
2.85
20 A
D2020L
200
200
12.7
20
300/255
0.1
0.5
1
1.6
374
2.5
D4020L
400
400
12.7
20
300/255
0.1
0.5
1
1.6
374
2.5
D6020L
600
600
12.7
20
300/255
0.1
0.5
1
1.6
374
2.5
D8020L
800
800
12.7
20
300/255
0.1
0.5
1
1.6
374
2.5
DK020L
1000
1000
12.7
20
300/255
0.1
3
1.6
374
2.5
25 A
D2025L
200
200
15.9
25
350/300
0.1
0.5
1
1.6
508
2.7
D4025L
400
400
15.9
25
350/300
0.1
0.5
1
1.6
508
2.7
D6025L
600
600
15.9
25
350/300
0.1
0.5
1
1.6
508
2.7
D8025L
800
800
15.9
25
350/300
0.1
0.5
1
1.6
508
2.7
DK025L
1000
1000
15.9
25
350/300
0.1
3
1.6
508
2.7
C
A
Not
Used
Electrical Isolation
from Leads to Mounting Tab *
VAC RMS
TO-220
Isolated
2500
Standard
4000
Optional **


Similar Part No. - D6015L

ManufacturerPart #DatasheetDescription
logo
Littelfuse
D6015L LITTELFUSE-D6015L Datasheet
598Kb / 5P
   Silicon rectifiers that are excellent for DC phase control applications with motor loads.
D6015L LITTELFUSE-D6015L Datasheet
109Kb / 4P
   Teccor manufactures 15 A rms to 25 A rms rectifiers
D6015L52 LITTELFUSE-D6015L52 Datasheet
151Kb / 10P
   Lead Form Dimensions
D6015L53 LITTELFUSE-D6015L53 Datasheet
151Kb / 10P
   Lead Form Dimensions
D6015L59 LITTELFUSE-D6015L59 Datasheet
598Kb / 5P
   Silicon rectifiers that are excellent for DC phase control applications with motor loads.
More results

Similar Description - D6015L

ManufacturerPart #DatasheetDescription
logo
Littelfuse
D4015L56 LITTELFUSE-D4015L56 Datasheet
109Kb / 4P
   Teccor manufactures 15 A rms to 25 A rms rectifiers
logo
Vishay Siliconix
VS-2N681 VISHAY-VS-2N681 Datasheet
167Kb / 8P
   Phase Control Thyristor RMS SCRs, 25 A, 35 A
Revision: 19-Nov-15
VS-2N681 VISHAY-VS-2N681_V01 Datasheet
167Kb / 8P
   Phase Control Thyristor RMS SCRs, 25 A, 35 A
01-Jan-2022
logo
New Jersey Semi-Conduct...
2N1909 NJSEMI-2N1909 Datasheet
131Kb / 1P
   High Power Silicon Controlled Rectifier 110 A RMS 25 to 1200 Volts
logo
Central Semiconductor C...
2N876 CENTRAL-2N876 Datasheet
22Kb / 1P
   0.8 to 110 Amperes RMS 15 to 1200 Volts
logo
Analog Devices
SSM2110 AD-SSM2110_15 Datasheet
3Mb / 11P
   TRUE RMS TO DC CONVERTER
logo
Cyrustek corporation
ES636 CYRUSTEK-ES636 Datasheet
227Kb / 13P
   True RMS-to-DC Converters
ES737 CYRUSTEK-ES737 Datasheet
703Kb / 10P
   True RMS-to-DC Converters
ES736 CYRUSTEK-ES736 Datasheet
509Kb / 9P
   True RMS-to-DC Converters
logo
ON Semiconductor
2N5064G ONSEMI-2N5064G Datasheet
124Kb / 8P
   SILICON CONTROLLED RECTIFIERS 0.8 A RMS, 30 ??200 V
September, 2011 ??Rev. 10
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com