Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D4015L Datasheet(PDF) 3 Page - Littelfuse

Part # D4015L
Description  Teccor manufactures 15 A rms to 25 A rms rectifiers with voltages rated from 200V to 1000V
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

D4015L Datasheet(HTML) 3 Page - Littelfuse

  D4015L Datasheet HTML 1Page - Littelfuse D4015L Datasheet HTML 2Page - Littelfuse D4015L Datasheet HTML 3Page - Littelfuse D4015L Datasheet HTML 4Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
©2004 Littelfuse, Inc.
E7 - 3
http://www.littelfuse.com
Thyristor Product Catalog
+1 972-580-7777
Data Sheets
Rectifiers
Figure E7.1 Instantaneous Forward Current versus Forward Voltage
(Typical)
Figure E7.2 Forward Power Dissipation (Typical)
Figure E7.3 Maximum Allowable Case Temperature versus
Average Forward Current
Figure E7.4 Peak Surge Forward Current versus Surge Current
Duration
0
0.6
0.8
1.0
1.2
1.4
1.6
1.8
0
20
40
60
80
100
120
140
Instantaneous Forward Voltage (v
F) – Volts
15 A Devices
T
C = 25˚C
20 A Devices
25 A Devices
16
12
0
2
4
6
8
101214
0
4
8
12
16
20
SINGLE PULSE RECTIFICATION
60 Hz SINE WAVE
20 A Devices
15 A Devices
25 A Devices
Average Forward Current [IF(AV)] – Amps
02468
10
12
14
0
70
75
80
85
90
95
100
105
110
115
120
125
20 A Devices
15 A Devices
Average Forward Current [I
F (AV)] – Amps
SUPPLY FREQUENCY: 60 Hz Sine Wave
LOAD: Resistive or Inductive
CASE TEMPERATURE:
Measured As Shown on Dimensional Drawing
16
25 A Devices
10
20
30
40
60
80
100
200
300
400
600
800
1000
1
2
4
6
10
20
40
60
100
200
400
600
1000
Surge Current Duration – Cycles
SUPPLY FREQUENCY: 60 Hz Sinewave
LOAD: Resistive or Inductive
RMS ON-STATE CURRENT: [IF(RMS)]
Maximium Rated Value at Specified
Case Temperature
15 A Devices
20 A Devices
25 A Devices


Similar Part No. - D4015L

ManufacturerPart #DatasheetDescription
logo
Littelfuse
D4015L LITTELFUSE-D4015L Datasheet
598Kb / 5P
   Silicon rectifiers that are excellent for DC phase control applications with motor loads.
D4015L LITTELFUSE-D4015L Datasheet
109Kb / 4P
   Teccor manufactures 15 A rms to 25 A rms rectifiers
D4015L52 LITTELFUSE-D4015L52 Datasheet
151Kb / 10P
   Lead Form Dimensions
D4015L56 LITTELFUSE-D4015L56 Datasheet
109Kb / 4P
   Teccor manufactures 15 A rms to 25 A rms rectifiers
D4015L59 LITTELFUSE-D4015L59 Datasheet
598Kb / 5P
   Teccor brand Thyristors 15 / 20 / 25 Amp Rectifiers
More results

Similar Description - D4015L

ManufacturerPart #DatasheetDescription
logo
Littelfuse
D4015L56 LITTELFUSE-D4015L56 Datasheet
109Kb / 4P
   Teccor manufactures 15 A rms to 25 A rms rectifiers
logo
Vishay Siliconix
VS-2N681 VISHAY-VS-2N681 Datasheet
167Kb / 8P
   Phase Control Thyristor RMS SCRs, 25 A, 35 A
Revision: 19-Nov-15
VS-2N681 VISHAY-VS-2N681_V01 Datasheet
167Kb / 8P
   Phase Control Thyristor RMS SCRs, 25 A, 35 A
01-Jan-2022
logo
New Jersey Semi-Conduct...
2N1909 NJSEMI-2N1909 Datasheet
131Kb / 1P
   High Power Silicon Controlled Rectifier 110 A RMS 25 to 1200 Volts
logo
Central Semiconductor C...
2N876 CENTRAL-2N876 Datasheet
22Kb / 1P
   0.8 to 110 Amperes RMS 15 to 1200 Volts
logo
Analog Devices
SSM2110 AD-SSM2110_15 Datasheet
3Mb / 11P
   TRUE RMS TO DC CONVERTER
logo
Cyrustek corporation
ES636 CYRUSTEK-ES636 Datasheet
227Kb / 13P
   True RMS-to-DC Converters
ES737 CYRUSTEK-ES737 Datasheet
703Kb / 10P
   True RMS-to-DC Converters
ES736 CYRUSTEK-ES736 Datasheet
509Kb / 9P
   True RMS-to-DC Converters
logo
ON Semiconductor
2N5064G ONSEMI-2N5064G Datasheet
124Kb / 8P
   SILICON CONTROLLED RECTIFIERS 0.8 A RMS, 30 ??200 V
September, 2011 ??Rev. 10
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com