Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

COP87L20CJM-3N Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # COP87L20CJM-3N
Description  8-bit Microcontroller with with Multi-Input Wake Up and Brown Detecter
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

COP87L20CJM-3N Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button COP87L20CJM-3N Datasheet HTML 7Page - National Semiconductor (TI) COP87L20CJM-3N Datasheet HTML 8Page - National Semiconductor (TI) COP87L20CJM-3N Datasheet HTML 9Page - National Semiconductor (TI) COP87L20CJM-3N Datasheet HTML 10Page - National Semiconductor (TI) COP87L20CJM-3N Datasheet HTML 11Page - National Semiconductor (TI) COP87L20CJM-3N Datasheet HTML 12Page - National Semiconductor (TI) COP87L20CJM-3N Datasheet HTML 13Page - National Semiconductor (TI) COP87L20CJM-3N Datasheet HTML 14Page - National Semiconductor (TI) COP87L20CJM-3N Datasheet HTML 15Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
Functional Description (Continued)
MICROWIREPLUS
MICROWIREPLUS is a serial synchronous bidirectional
communications interface The MICROWIREPLUS capabil-
ity enables the device to interface with any of National
Semiconductor’s MICROWIRE peripherals (ie AD con-
verters display drivers EEPROMS etc) and with other mi-
crocontrollers which support the MICROWIREPLUS inter-
face It consists of an 8-bit serial shift register (SIO) with
serial data input (SI) serial data output (SO) and serial shift
clock (SK)
Figure 6 shows the block diagram of the MICRO-
WIREPLUS interface
TLDD11208 – 8
FIGURE 6 MICROWIREPLUS Block Diagram
The shift clock can be selected from either an internal
source or an external source Operating the MICROWIRE
PLUS interface with the internal clock source is called the
Master mode of operation Operating the MICROWIRE
PLUS interface with an external shift clock is called the
Slave mode of operation
The CNTRL register is used to configure and control the
MICROWIREPLUS mode To use the MICROWIREPLUS
the MSEL bit in the CNTRL register is set to one The SK
clock rate is selected by the two bits SL0 and SL1 in the
CNTRL register Table III details the different clock rates
that may be selected
TABLE III
SL1
SL0
SK Cycle Time
00
2tc
01
4tc
1x
8tc
where
tc is the instruction cycle time
MICROWIREPLUS OPERATION
Setting the BUSY bit in the PSW register causes the MI-
CROWIREPLUS arrangement to start shifting the data It
gets reset when eight data bits have been shifted The user
may reset the BUSY bit by software to allow less than 8 bits
to shift The device may enter the MICROWIREPLUS
mode either as a Master or as a Slave
Figure 7 shows how
two device microcontrollers and several peripherals may be
interconnected using the MICROWIREPLUS arrangement
Master MICROWIREPLUS Operation
In the MICROWIREPLUS Master mode of operation the
shift clock (SK) is generated internally by the device The
MICROWIREPLUS Master always initiates all data ex-
changes
(Figure 7) The MSEL bit in the CNTRL register
must be set to enable the SO and SK functions on the G
Port The SO and SK pins must also be selected as outputs
by setting appropriate bits in the Port G configuration regis-
ter Table IV summarizes the bit settings required for Master
mode of operation
SLAVE MICROWIREPLUS OPERATION
In the MICROWIREPLUS Slave mode of operation the SK
clock is generated by an external source Setting the MSEL
bit in the CNTRL register enables the SO and SK functions
on the G Port The SK pin must be selected as an input and
the SO pin selected as an output pin by appropriately setting
up the Port G configuration register Table IV summarizes
the settings required to enter the Slave mode of operation
TLDD11208 – 23
FIGURE 7 MICROWIREPLUS Application
http
www nationalcom
11


Similar Part No. - COP87L20CJM-3N

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
COP87L20CJM-3N NSC-COP87L20CJM-3N Datasheet
408Kb / 32P
   8-Bit Microcontroller with Multi-Input Wake Up and Brown Out Detector
More results

Similar Description - COP87L20CJM-3N

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
COPCJ820 NSC-COPCJ820 Datasheet
408Kb / 32P
   8-Bit Microcontroller with Multi-Input Wake Up and Brown Out Detector
COP840CJ NSC-COP840CJ Datasheet
479Kb / 36P
   8-Bit Microcontrollers with Multi-Input Wake-Up and Brown Out Detector
COP884CG NSC-COP884CG Datasheet
482Kb / 42P
   8-Bit Microcontroller with UART and Three Multi-Function Timers
COPEG888 NSC-COPEG888 Datasheet
550Kb / 48P
   8-Bit Microcontroller with UART and Three Multi-Function Timers
logo
ATMEL Corporation
T89C5121 ATMEL-T89C5121 Datasheet
800Kb / 110P
   8-bit Microcontroller with Multi protocol SMART Card Interface
T83C5121 ATMEL-T83C5121_03 Datasheet
817Kb / 108P
   8-bit Microcontroller with MULTI-PROTOCOL SMART CARD INTERFACE
logo
SINOWEALTH Electronic L...
SH79F3218 SINOWEALTH-SH79F3218 Datasheet
1Mb / 143P
   8051 Microcontroller with 8 channels Touch-key input and 12 Bit PWM
V2.2
logo
ATMEL Corporation
ATMEGA128A ATMEL-ATMEGA128A_14 Datasheet
6Mb / 369P
   8-bit Microcontroller with 128Kbytes
T89C51IC2 ATMEL-T89C51IC2 Datasheet
171Kb / 10P
   8-bit Microcontroller with Flash and I2C Interface
logo
Monolithic Power System...
MA780 MPS-MA780 Datasheet
1Mb / 32P
   8-Bit to 12-Bit, Low-Power Angle Sensor with Integrated Wake-Up Angle Detection
Rev. 1.2 8/30/2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com