Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACSL-6210 Datasheet(PDF) 9 Page - Agilent(Hewlett-Packard)

Part # ACSL-6210
Description  Multi-Channel and Bi-Directional, 15 MBd Digital Logic Gate Optocoupler
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

ACSL-6210 Datasheet(HTML) 9 Page - Agilent(Hewlett-Packard)

Back Button ACSL-6210 Datasheet HTML 2Page - Agilent(Hewlett-Packard) ACSL-6210 Datasheet HTML 3Page - Agilent(Hewlett-Packard) ACSL-6210 Datasheet HTML 4Page - Agilent(Hewlett-Packard) ACSL-6210 Datasheet HTML 5Page - Agilent(Hewlett-Packard) ACSL-6210 Datasheet HTML 6Page - Agilent(Hewlett-Packard) ACSL-6210 Datasheet HTML 7Page - Agilent(Hewlett-Packard) ACSL-6210 Datasheet HTML 8Page - Agilent(Hewlett-Packard) ACSL-6210 Datasheet HTML 9Page - Agilent(Hewlett-Packard) ACSL-6210 Datasheet HTML 10Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
9
Electrical Specifications
Over recommended operating range (4.5V
≤ V
DD1 ≤ 5.5V, 4.5V ≤ VDD2 ≤ 5.5V, TA = -40° C to +100° C)
unless otherwise specified.
All typical specifications are at T
A = +25° C, VDD1 = VDD2 = +5.0V.
Parameter
Symbol
Min.
Typ.
Max.
Units
Test Conditions
Input Threshold Current
I
TH
2.7
7.0
mA
I
OL(Sinking)=13 mA, VO= 0.6V
High Level Output Current
I
OH
3.8
100.0
µAI
F = 250 µA, VO= 5.5V
Low Level Output Voltage
V
OL
0.36
0.6
V
I
OL(Sinking)=13 mA, IF=7 mA
High Level Supply Current (per channel)
I
DDH
4.3
7.5
mA
I
F = 0 mA
Low Level Supply Current (per channel)
I
DDL
5.8
10.5
mA
I
F = 10 mA
Input Forward Voltage
V
F
1.25
1.52
1.8
V
I
F = 10 mA, TA = 25°C
Input Reverse Breakdown Voltage
BV
R
5.0
V
I
R = 10 µA
Input Diode Temperature Coefficient
∆V
F / ∆TA
-1.8
mV/
°CI
F = 10 mA
Input Capacitance
C
IN
80
pF
f = 1 MHz, V
F = 0 V
Switching Specifications
Over recommended operating range (4.5V
≤ V
DD1 ≤ 5.5V, 4.5V ≤ VDD2 ≤ 5.5V, IF = 8.0 mA, TA = -40° C to +100° C)
unless otherwise specified.
All typical specifications are at T
A=+25° C, VDD1 = VDD2 = +5.0V.
Parameter
Symbol
Min.
Typ.
Max.
Units
Test Conditions
Maximum Data Rate
10
15
MBd
RL = 350Ω, CL =15 pF
Pulse Width
t
PW
100
ns
R
L = 350Ω, CL =15 pF
Propagation Delay Time to Logic High Output Level[5]
t
PLH
46
100
ns
R
L = 350Ω, CL =15 pF
Propagation Delay Time to Logic Low Output Level[6]
tPHL
43
100
ns
RL = 350Ω, CL =15 pF
Pulse Width Distortion |tPHL – tPLH|
|PWD|
5
35
ns
RL = 350Ω, CL =15 pF
Propagation Delay Skew[7]
tPSK
40
ns
RL = 350Ω, CL =15 pF
Output Rise Time (10 – 90%)
t
R
30
ns
R
L = 350Ω, CL =15 pF
Output Fall Time (10 – 90%)
tF
12
ns
RL = 350Ω, CL =15 pF
Logic High Common Mode Transient Immunity [8]
|CMH|
10
kV/
µsV
cm= 1000V, IF=0 mA,
V
O = 2.0V, RL=350Ω,
TA = 25°C
Logic Low Common Mode Transient Immunity [8]
|CM
L|
10
kV/
µsV
cm= 1000V, IF= 8 mA,
VO = 0.8V, RL= 350Ω,
TA = 25°C
Notes:
5. t
PLH is measured from the 4.0 mA level on the
falling edge of the input pulse to the 1.5V
level on the rising edge of the output pulse.
6. tPHL is measured from the 4.0 mA level on the
rising edge of the input pulse to the 1.5V level
on the falling edge of the output pulse.
7. t
PSK is equal to the worst case difference in
tPHL and/or tPLH that will be seen between
units at any given temperature and specified
test conditions.
8. CMH is the maximum common mode voltage
slew rate that can be sustained while
maintaining V
O > 2.0V. CML is the maximum
common mode voltage slew rate that can be
sustained while maintaining VO < 0.8V. The
common mode voltage slew rates apply to
both rising and falling common mode voltage
edges.


Similar Part No. - ACSL-6210

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ACSL-6210 AVAGO-ACSL-6210 Datasheet
494Kb / 19P
   Multi-Channel and Bi-Directional, 15 MBd Digital Logic Gate Optocoupler
ACSL-6210 AVAGO-ACSL-6210 Datasheet
494Kb / 19P
   Multi-Channel and Bi-Directional, 15 MBd Digital Logic Gate Optocoupler
ACSL-6210 AVAGO-ACSL-6210 Datasheet
494Kb / 19P
   Multi-Channel and Bi-Directional, 15 MBd Digital Logic Gate Optocoupler
ACSL-6210 AVAGO-ACSL-6210 Datasheet
509Kb / 17P
   Multi-Channel and Bi-Directional, 15 MBd Digital Logic Gate Optocoupler
ACSL-6210 AVAGO-ACSL-6210 Datasheet
537Kb / 17P
   Multi-Channel and Bi-Directional, 15 MBd Digital Logic Gate Optocoupler
More results

Similar Description - ACSL-6210

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ACSL-6410-00TE AVAGO-ACSL-6410-00TE Datasheet
509Kb / 17P
   Multi-Channel and Bi-Directional, 15 MBd Digital Logic Gate Optocoupler
ACSL-6210 AVAGO-ACSL-6210 Datasheet
494Kb / 19P
   Multi-Channel and Bi-Directional, 15 MBd Digital Logic Gate Optocoupler
ACSL-6300-56TE AVAGO-ACSL-6300-56TE Datasheet
494Kb / 19P
   Multi-Channel and Bi-Directional, 15 MBd Digital Logic Gate Optocoupler
ACSL-6400-00TE AVAGO-ACSL-6400-00TE Datasheet
515Kb / 19P
   Multi-Channel and Bi-Directional, 15 MBd Digital Logic Gate Optocoupler
ACSL-6XX0 AVAGO-ACSL-6XX0 Datasheet
537Kb / 17P
   Multi-Channel and Bi-Directional, 15 MBd Digital Logic Gate Optocoupler
ACSL-6210-50RE AVAGO-ACSL-6210-50RE Datasheet
494Kb / 19P
   Multi-Channel and Bi-Directional, 15 MBd Digital Logic Gate Optocoupler
logo
ON Semiconductor
FOD8012A ONSEMI-FOD8012A Datasheet
198Kb / 11P
   Logic Gate Optocoupler, High CMR, Bi-Directional
January, 2022 - Rev. 2
logo
Fairchild Semiconductor
FOD8012 FAIRCHILD-FOD8012 Datasheet
226Kb / 12P
   High CMR, Bi-Directional, Logic Gate Optocoupler
logo
Broadcom Corporation.
ACPL-071L BOARDCOM-ACPL-071L Datasheet
600Kb / 11P
   Single-Channel and Dual-Channel High-Speed 15-MBd CMOS Optocoupler
ACPL-M50L BOARDCOM-ACPL-M50L Datasheet
835Kb / 18P
   Low Power, 1 MBd Digital Optocoupler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com