Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACSL-6XX0 Datasheet(PDF) 5 Page - Agilent(Hewlett-Packard)

Part # ACSL-6XX0
Description  Multi-Channel and Bi-Directional, 15 MBd Digital Logic Gate Optocoupler
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

ACSL-6XX0 Datasheet(HTML) 5 Page - Agilent(Hewlett-Packard)

  ACSL-6XX0 Datasheet HTML 1Page - Agilent(Hewlett-Packard) ACSL-6XX0 Datasheet HTML 2Page - Agilent(Hewlett-Packard) ACSL-6XX0 Datasheet HTML 3Page - Agilent(Hewlett-Packard) ACSL-6XX0 Datasheet HTML 4Page - Agilent(Hewlett-Packard) ACSL-6XX0 Datasheet HTML 5Page - Agilent(Hewlett-Packard) ACSL-6XX0 Datasheet HTML 6Page - Agilent(Hewlett-Packard) ACSL-6XX0 Datasheet HTML 7Page - Agilent(Hewlett-Packard) ACSL-6XX0 Datasheet HTML 8Page - Agilent(Hewlett-Packard) ACSL-6XX0 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5
0
TIME (SECONDS)
200
100
50
150
100
200
250
300
0
30
SEC.
50 SEC.
30
SEC.
160
°C
140
°C
150
°C
PEAK
TEMP.
245
°C
PEAK
TEMP.
240
°C
PEAK
TEMP.
230
°C
SOLDERING
TIME
200
°C
PREHEATING TIME
150
°C, 90 ± 30 SEC.
2.5
°C ± 0.5°C/SEC.
3
°C + 1°C/–0.5°C
TIGHT
TYPICAL
LOOSE
ROOM
TEMPERATURE
PREHEATING RATE 3
°C + 1°C/–0.5°C/SEC.
REFLOW HEATING RATE 2.5
°C ± 0.5°C/SEC.
Solder Reflow Temperature Profile
Pb-free IR Profile


Similar Part No. - ACSL-6XX0

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ACSL-6XX0 AVAGO-ACSL-6XX0 Datasheet
537Kb / 17P
   Multi-Channel and Bi-Directional, 15 MBd Digital Logic Gate Optocoupler
More results

Similar Description - ACSL-6XX0

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ACSL-6410-00TE AVAGO-ACSL-6410-00TE Datasheet
509Kb / 17P
   Multi-Channel and Bi-Directional, 15 MBd Digital Logic Gate Optocoupler
ACSL-6210 AVAGO-ACSL-6210 Datasheet
494Kb / 19P
   Multi-Channel and Bi-Directional, 15 MBd Digital Logic Gate Optocoupler
ACSL-6300-56TE AVAGO-ACSL-6300-56TE Datasheet
494Kb / 19P
   Multi-Channel and Bi-Directional, 15 MBd Digital Logic Gate Optocoupler
ACSL-6400-00TE AVAGO-ACSL-6400-00TE Datasheet
515Kb / 19P
   Multi-Channel and Bi-Directional, 15 MBd Digital Logic Gate Optocoupler
ACSL-6XX0 AVAGO-ACSL-6XX0 Datasheet
537Kb / 17P
   Multi-Channel and Bi-Directional, 15 MBd Digital Logic Gate Optocoupler
ACSL-6210-50RE AVAGO-ACSL-6210-50RE Datasheet
494Kb / 19P
   Multi-Channel and Bi-Directional, 15 MBd Digital Logic Gate Optocoupler
logo
ON Semiconductor
FOD8012A ONSEMI-FOD8012A Datasheet
198Kb / 11P
   Logic Gate Optocoupler, High CMR, Bi-Directional
January, 2022 - Rev. 2
logo
Fairchild Semiconductor
FOD8012 FAIRCHILD-FOD8012 Datasheet
226Kb / 12P
   High CMR, Bi-Directional, Logic Gate Optocoupler
logo
Broadcom Corporation.
ACPL-071L BOARDCOM-ACPL-071L Datasheet
600Kb / 11P
   Single-Channel and Dual-Channel High-Speed 15-MBd CMOS Optocoupler
ACPL-M50L BOARDCOM-ACPL-M50L Datasheet
835Kb / 18P
   Low Power, 1 MBd Digital Optocoupler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com