Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NJU8713 Datasheet(PDF) 3 Page - New Japan Radio

Part # NJU8713
Description  2V Operation Switching Driver for Class D Amplifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJU8713 Datasheet(HTML) 3 Page - New Japan Radio

  NJU8713 Datasheet HTML 1Page - New Japan Radio NJU8713 Datasheet HTML 2Page - New Japan Radio NJU8713 Datasheet HTML 3Page - New Japan Radio NJU8713 Datasheet HTML 4Page - New Japan Radio NJU8713 Datasheet HTML 5Page - New Japan Radio NJU8713 Datasheet HTML 6Page - New Japan Radio NJU8713 Datasheet HTML 7Page - New Japan Radio NJU8713 Datasheet HTML 8Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
NJU3555
NJU8713
-3 -
Ver.2004-06-02
FUNCTIONAL DESCRIPTION
(1) Signal Output
PWM signals of L channel and R output from OUT1 and OUT2 terminals respectively. These signals are
converted to analog signal by external 2nd-order or over LC filter. The output driver power supplied from VDDO
and VSSO are required high response power supply against voltage fluctuation like as switching regulator
because Output T.H.D is effected by power supply stability.
(2) Master Clock
Master clock (MCK) synchronizes the Audio signal inputs (IN1 and IN2). The setup time and the hold time
should be kept in the AC characteristics because IN1 and IN2 are fetched with the rising edge of MCK. MCK
requires jitter-free or jitter as small as possible because the jitter downs S/N ratio.
OUT1 and OUT2 occur the pop noise when MCK is stopped in operation without standby mode.
Therefore,
the standby mode should be set before MCK stop.
(3) Output Control
Output circuit is selected by the conditions of EN1 and EN2 terminals.
EN2
EN1
Output State of OUT1 & OUT2
0
0
Standby(High impedance)
0
1
Audio Signal Output
1
0
BPZ Output
1
1
Beep Signal Output
(4) Beep Function
The beep signal must be input before the rising edge of EN2 signal and must be stopped after the falling edge
of EN2 signal.
EN1
EN2
MCK
BEEP
Beep Signal Output
Audio Signal Output
Audio Signal Output


Similar Part No. - NJU8713

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJU8713V-TE1 NJRC-NJU8713V-TE1 Datasheet
107Kb / 8P
   2V Operation Switching Driver for Class D Amplifier
More results

Similar Description - NJU8713

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJU8713V-TE1 NJRC-NJU8713V-TE1 Datasheet
107Kb / 8P
   2V Operation Switching Driver for Class D Amplifier
NJU8710 NJRC-NJU8710 Datasheet
90Kb / 6P
   2V Operation Clock-less Switching Driver for Class D Amplifier
NJU8711 NJRC-NJU8711 Datasheet
97Kb / 7P
   3V Operation Switching Driver for Class D Amplifier
NJU8714 NJRC-NJU8714 Datasheet
109Kb / 7P
   STEREO BTL OUTPUTS SWITCHING DRIVER FOR Class D AMPLIFIER
NJU8719 NJRC-NJU8719 Datasheet
79Kb / 6P
   Monaural BTL Output Switching Driver for Class D Amplifier
NJU8789 NJRC-NJU8789 Datasheet
198Kb / 6P
   Monaural BTL Output Clock-less Switching Driver for Class D Amplifier
logo
Fairchild Semiconductor
LM2903M FAIRCHILD-LM2903M Datasheet
149Kb / 8P
   Single Supply Operation: 2V to 36V
logo
NXP Semiconductors
NE58633 NXP-NE58633 Datasheet
259Kb / 27P
   Noise reduction class-D headphone driver amplifier
Rev. 02-25 May 2009
logo
Richtek Technology Corp...
RT9116 RICHTEK-RT9116 Datasheet
240Kb / 11P
   10W Stereo Class-D Speaker Driver Amplifier
logo
NXP Semiconductors
NE58633 PHILIPS-NE58633 Datasheet
230Kb / 25P
   Noise reduction class-D headphone driver amplifier
Rev. 01-22 January 2009
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com