Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1934ES6 Datasheet(PDF) 2 Page - Linear Technology

Part # LT1934ES6
Description  Micropower Step-Down Switching Regulators in ThinSOT
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1934ES6 Datasheet(HTML) 2 Page - Linear Technology

  LT1934ES6 Datasheet HTML 1Page - Linear Technology LT1934ES6 Datasheet HTML 2Page - Linear Technology LT1934ES6 Datasheet HTML 3Page - Linear Technology LT1934ES6 Datasheet HTML 4Page - Linear Technology LT1934ES6 Datasheet HTML 5Page - Linear Technology LT1934ES6 Datasheet HTML 6Page - Linear Technology LT1934ES6 Datasheet HTML 7Page - Linear Technology LT1934ES6 Datasheet HTML 8Page - Linear Technology LT1934ES6 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
2
LT1934/LT1934-1
1934f
(Note 1)
Input Voltage (VIN) ................................................. 34V
BOOST Pin Voltage ................................................. 40V
BOOST Pin Above SW Pin ...................................... 20V
SHDN Pin ............................................................... 34V
FB Voltage ................................................................ 6V
SW Voltage ............................................................... VIN
Operating Temperature Range (Note 2) ..........................
LT1934E/LT1934E-1 ......................... – 40
°C to 85°C
LT1934I/LT1934I-1 ......................... – 40
°C to 125°C
Maximum Junction Temperature .......................... 125
°C
Storage Temperature Range ................. – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec).................. 300
°C
TJMAX = 125°C, θJA = 250°C/ W, θJC = 102°C/ W
ORDER PART
NUMBER
S6 PART MARKING
LT1934ES6
LT1934ES6-1
LT1934IS6
LT1934IS6-1
LTXP
LTF8
LTAJB
LTAJC
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
BOOST 1
GND 2
FB 3
6 SW
5 VIN
4 SHDN
TOP VIEW
S6 PACKAGE
6-LEAD PLASTIC SOT-23
Consult LTC Marketing for parts specified with wider operating temperature ranges.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Undervoltage Lockout
3
3.2
V
–40
°C ≤ TA ≤ 85°C
q
3
3.6
V
–40
°C ≤ TA ≤ 125°C
q
3
3.6
V
Quiescent Current
VFB = 1.3V
12
22
µA
–40
°C ≤ TA ≤ 85°C
q
12
26
µA
–40
°C ≤ TA ≤ 125°C
q
12
26
µA
VSHDN = 0V
0.01
2
µA
FB Comparator Trip Voltage
VFB Falling
–40
°C ≤ TA ≤ 85°C
q
1.22
1.25
1.27
V
–40
°C ≤ TA ≤ 125°C
q
1.21
1.25
1.27
V
FB Comparator Hysteresis
10
mV
FB Pin Bias Current
VFB = 1.25V
–40
°C ≤ TA ≤ 85°C
q
2
±15
nA
–40
°C ≤ TA ≤ 125°C
q
2
±60
nA
FB Voltage Line Regulation
4V < VIN < 34V
0.007
%/V
Switch Off Time
VFB > 1V
1.4
1.8
2.3
µs
VFB = 0V
12
µs
Maximum Duty Cycle
VFB = 1V
–40
°C ≤ TA ≤ 85°C
q
85
88
%
–40
°C ≤ TA ≤ 125°C
q
83
88
%
Switch VCESAT
ISW = 300mA (LT1934)
200
300
mV
ISW = 75mA (LT1934-1)
65
120
mV
Switch Current Limit
LT1934
350
400
490
mA
LT1934-1
90
120
160
mA
BOOST Pin Current
ISW = 300mA (LT1934)
8.5
12
mA
ISW = 75mA (LT1934-1)
6.0
10
mA
Minimum Boost Voltage (Note 3)
ISW = 300mA (LT1934)
1.8
2.5
V
ISW = 75mA (LT1934-1)
1.7
2.5
V
Switch Leakage Current
2
µA
The q denotes specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = 10V, VBOOST = 15V, unless otherwise noted.
ELECTRICAL CHARACTERISTICS


Similar Part No. - LT1934ES6

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1934 LINER-LT1934 Datasheet
232Kb / 20P
   250mA, 4V to 80V Low Dropout Micropower Linear Regulator with PWRGD
LT1934-1 LINER-LT1934-1 Datasheet
232Kb / 20P
   250mA, 4V to 80V Low Dropout Micropower Linear Regulator with PWRGD
LT1934-1 LINER-LT1934-1_15 Datasheet
245Kb / 20P
   Micropower Step-Down Switching Regulators in ThinSOT and DFN
LT1934 LINER-LT1934_15 Datasheet
245Kb / 20P
   Micropower Step-Down Switching Regulators in ThinSOT and DFN
More results

Similar Description - LT1934ES6

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1934 LINER-LT1934_15 Datasheet
245Kb / 20P
   Micropower Step-Down Switching Regulators in ThinSOT and DFN
LT1934-1 LINER-LT1934-1_15 Datasheet
245Kb / 20P
   Micropower Step-Down Switching Regulators in ThinSOT and DFN
LTC3405A-1.375 LINER-LTC3405A-1.375 Datasheet
260Kb / 12P
   1.375V, 1.5MHz, 300mA Synchronous Step-Down Regulators in ThinSOT
LTC3405A-1.375 LINER-LTC3405A-1.375_15 Datasheet
266Kb / 12P
   1.375V, 1.5MHz, 300mA Synchronous Step-Down Regulators in ThinSOT
LTC3801 LINER-LTC3801 Datasheet
247Kb / 12P
   Micropower Constant Frequency Step-Down DC/DC Controllers in ThinSOT
LTC3801 LINER-LTC3801_15 Datasheet
242Kb / 12P
   Micropower Constant Frequency Step-Down DC/DC Controllers in ThinSOT
LTC3801B LINER-LTC3801B_15 Datasheet
242Kb / 12P
   Micropower Constant Frequency Step-Down DC/DC Controllers in ThinSOT
LTC3405A-1.5 LINER-LTC3405A-1.5 Datasheet
235Kb / 16P
   1.5V, 1.8V, 1.5MHz, 300mA Synchronous Step-Down Regulators in ThinSOT
LTC3405A-1.5 LINER-LTC3405A-1.5_15 Datasheet
210Kb / 16P
   1.5V, 1.8V, 1.5MHz, 300mA Synchronous Step-Down Regulators in ThinSOT
LTC3405A-1.8 LINER-LTC3405A-1.8_15 Datasheet
210Kb / 16P
   1.5V, 1.8V, 1.5MHz, 300mA Synchronous Step-Down Regulators in ThinSOT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com