Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL7536 Datasheet(PDF) 5 Page - Intersil Corporation

Part # EL7536
Description  Monolithic 1A Step-Down Regulator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL7536 Datasheet(HTML) 5 Page - Intersil Corporation

  EL7536 Datasheet HTML 1Page - Intersil Corporation EL7536 Datasheet HTML 2Page - Intersil Corporation EL7536 Datasheet HTML 3Page - Intersil Corporation EL7536 Datasheet HTML 4Page - Intersil Corporation EL7536 Datasheet HTML 5Page - Intersil Corporation EL7536 Datasheet HTML 6Page - Intersil Corporation EL7536 Datasheet HTML 7Page - Intersil Corporation EL7536 Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
FN7396.5
August 10, 2005
FIGURE 7. START-UP 1
FIGURE 8. START-UP 2
FIGURE 9. POR FUNCTION
FIGURE 10. TRANSIENT RESPONSE
FIGURE 11. STEADY-STATE
Performance Curves and Waveforms (Continued)
All waveforms are taken at VIN=3.3V, VO=1.8V, IO=1A with component values shown on page 1 at room ambient temperature, unless otherwise
noted.
VIN
(1V/d)
IIN
(0.5A/d)
VO
(1V/d)
0.5ms/d
VIN
(2V/d)
POR
(2V/d)
VO
(2V/d)
50ms/d
VIN
(2V/d)
POR
(2V/d)
VO
(2V/d)
50ms/d
RSI
(2V/d)
0.75A
20mV/d
0.25A
0.2ms/d
IO
∆VO
100mV/d
10mV/d
0.5A/d
1µs/d
iL
∆VIN
∆VO
VLX
2V/d
EL7536


Similar Part No. - EL7536

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
EL7536 RENESAS-EL7536 Datasheet
488Kb / 9P
   Monolithic 1A Step-Down Regulator
logo
Intersil Corporation
EL7536IY INTERSIL-EL7536IY Datasheet
186Kb / 9P
   Monolithic 1A Step-Down Regulator
logo
Renesas Technology Corp
EL7536IY RENESAS-EL7536IY Datasheet
488Kb / 9P
   Monolithic 1A Step-Down Regulator
logo
Intersil Corporation
EL7536IY-T13 INTERSIL-EL7536IY-T13 Datasheet
186Kb / 9P
   Monolithic 1A Step-Down Regulator
logo
Renesas Technology Corp
EL7536IY-T13 RENESAS-EL7536IY-T13 Datasheet
488Kb / 9P
   Monolithic 1A Step-Down Regulator
More results

Similar Description - EL7536

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
EL7536 RENESAS-EL7536 Datasheet
488Kb / 9P
   Monolithic 1A Step-Down Regulator
logo
Intersil Corporation
EL7536 INTERSIL-EL7536_06 Datasheet
186Kb / 9P
   Monolithic 1A Step-Down Regulator
EL7531 INTERSIL-EL7531_06 Datasheet
344Kb / 11P
   Monolithic 1A Step-Down Regulator with Low Quiescent Current
EL7531 INTERSIL-EL7531 Datasheet
492Kb / 10P
   Monolithic 1A Step-Down Regulator with Low Quiescent Current
ISL97536 INTERSIL-ISL97536 Datasheet
258Kb / 9P
   Monolithic 1A Step-Down Regulator with Low Quiescent Current
logo
Renesas Technology Corp
EL7531 RENESAS-EL7531 Datasheet
682Kb / 12P
   Monolithic 1A Step-Down Regulator with Low Quiescent Current
logo
Intersil Corporation
ISL97536 INTERSIL-ISL97536_07 Datasheet
230Kb / 8P
   Monolithic 1A Step-Down Regulator with Low Quiescent Current
logo
Renesas Technology Corp
ISL97536 RENESAS-ISL97536 Datasheet
499Kb / 8P
   Monolithic 1A Step-Down Regulator with Low Quiescent Current
logo
STMicroelectronics
L4976 STMICROELECTRONICS-L4976 Datasheet
100Kb / 11P
   1A STEP DOWN SWITCHING REGULATOR
May 2000
logo
Linear Technology
LTC3637 LINER-LTC3637_15 Datasheet
357Kb / 26P
   76V, 1A Step-Down Regulator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com