Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VBD20-D24-S1R8 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # VBD20-D24-S1R8
Description  VBD20 Series DC-DC Converter
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

VBD20-D24-S1R8 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  VBD20-D24-S1R8 Datasheet HTML 1Page - List of Unclassifed Manufacturers VBD20-D24-S1R8 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
VBD20 Series DC-DC Converter
V-Infinity, LLC, 9615 SW Allen Blvd Suite 103, Beaverton, OR 97005
www.v-infinity.com
1-866-372-1258
Model
Input
Output
Output Current
Input Current
Number
Voltage
Voltage
Min.
Max.
No Load
Full Load
Effic.
Case
VBD20-D24-S1R8
18-36VDC
1.8VDC
0mA
6000mA
30mA
549mA
82%
B
VBD20-D24-S2R5
18-36VDC
2.5VDC
0mA
6000mA
30mA
744mA
84%
B
VBD20-D24-S3R3
18-36VDC
3.3VDC
0mA
5000mA
50mA
800mA
86%
B
VBD20-D24-S5
18-36VDC
5VDC
0mA
4000mA
55mA
958mA
87%
B
VBD20-D24-S12
18-36VDC
12VDC
0mA
1670mA
55mA
960mA
87%
B
VBD20-D24-S15
18-36VDC
15VDC
0mA
1330mA
55mA
956mA
87%
B
VBD20-D48-S1R8
36-75VDC
1.8VDC
0mA
6000mA
30mA
271mA
83%
B
VBD20-D48-S2R5
36-75VDC
2.5VDC
0mA
6000mA
30mA
368mA
85%
B
VBD20-D48-S3R3
36-75VDC
3.3VDC
0mA
5000mA
30mA
395mA
87%
B
VBD20-D48-S5
36-75VDC
5VDC
0mA
4000mA
40mA
475mA
88%
B
VBD20-D48-S12
36-75VDC
12VDC
0mA
1670mA
40mA
480mA
87%
B
VBD20-D48-S15
36-75VDC
15VDC
0mA
1330mA
40mA
478mA
87%
B
Features
·20W Isolated Output
·Efficiency to 88%
·2:1 Input Range
·Regulated Outputs
Continuous Short ·Circuit Protection
·Pi Input Filter
Input
Input Voltage Range
24V
18-36V
48V
36-75V
Under Voltage lockout
24Vin power up
17V
power down
33V
48Vin power
34V
power down
33V
Input Filter Type
PI Type
Positive Logic Remote on/off Control:
Logic Compatibility
CMOS or Open Collector TTL
Module ON
>5.5VDC or Open Circuit
Module OFF
<1.8VDC
Output
Voltage Accuracy
±1.5% max.
Transient Response Single 25% Step Load Change
<500Iu sec.
Ripple & Noise
20MHz BW³,
75mV p-p., max
Temperature Coefficient
±0.03%/°C max
Short Circuit Protection
Continuous
Line Regulation1
±0.2% max
Load Regulation2
±1.0% max
Over Voltage Protection
Zener or TVS Clamp
External Trim Adj. Range
±10%


Similar Part No. - VBD20-D24-S1R8

ManufacturerPart #DatasheetDescription
logo
CUI INC
VBD20-D24-S1R8 CUI-VBD20-D24-S1R8 Datasheet
241Kb / 3P
   DC/DC converter
More results

Similar Description - VBD20-D24-S1R8

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
PWR40XX CANDD-PWR40XX Datasheet
98Kb / 4P
   SERIES DC/DC CONVERTER
HPR100 CANDD-HPR100 Datasheet
59Kb / 4P
   SERIES DC/DC CONVERTER
logo
List of Unclassifed Man...
ML65 ETC1-ML65 Datasheet
1Mb / 10P
   ML65 Series DC-DC Converter
logo
XP Power Limited
ISE0303A XPPOWER-ISE0303A Datasheet
316Kb / 3P
   ISE Series DC-DC Converter
JHL0312S05 XPPOWER-JHL0312S05 Datasheet
425Kb / 3P
   JHL03 Series DC-DC Converter
RCQ75 XPPOWER-RCQ75 Datasheet
503Kb / 5P
   RCQ75 Series DC-DC Converter
JHL0612S05 XPPOWER-JHL0612S05 Datasheet
435Kb / 3P
   JHL06 Series DC-DC Converter
ITX0503SA XPPOWER-ITX0503SA Datasheet
297Kb / 3P
   ITX Series DC-DC Converter
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com